Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24L816512SA-70BEG Datasheet(PDF) 2 Page - Elite Semiconductor Memory Technology Inc.

Part # M24L816512SA-70BEG
Description  8-Mbit (512K x 16) Pseudo Static RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M24L816512SA-70BEG Datasheet(HTML) 2 Page - Elite Semiconductor Memory Technology Inc.

  M24L816512SA-70BEG Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. M24L816512SA-70BEG Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M24L816512SA-70BEG Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M24L816512SA-70BEG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M24L816512SA-70BEG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M24L816512SA-70BEG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M24L816512SA-70BEG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M24L816512SA-70BEG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M24L816512SA-70BEG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
ESMT
M24L816512SA
Elite Semiconductor Memory Technology Inc.
Publication Date : Jun. 2009
Revision : 1.5
2/14
Pin Configuration[2, 3, 4]
48-ball VFBGA
Top View
44-Pin TSOPII(Note*)
Top View
(Default)
(TypeA)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
A4
A3
A2
A1
A0
CE
I/O0
I/O1
I/O2
I/O3
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
A5
A6
A7
OE
BHE
BLE
I/O15
I/O14
I/O13
I/O12
VCC
VSS
I/O4
I/O5
I/O6
I/O7
WE
A16
A15
A14
A13
A12
VSS
VCC
I/ O11
I/ O10
I/ O9
I/ O8
A18
A8
A9
A10
A11
A17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
A5
A6
A7
OE
BHE
BLE
I/O15
I/O14
I/O13
I/O12
VCC
VSS
I/O4
I/O5
I/O6
I/O7
WE
A18
A17
A16
A15
A14
VSS
VCC
I/O11
I/O10
I/O9
I/O8
A8
A9
A10
A11
A12
A13
A4
A3
A2
A1
A0
CE
I/O0
I/O1
I/O2
I/O3
Note* :
The default pin arrangement of TSOPII package of the device is as ”Default” figure.
User also can control pin 18~28 to turn into pin arrangement of “Type A” with software.
(The difference in pin arrangement between ”Default” and “Type A” is pin 18~28)


Similar Part No. - M24L816512SA-70BEG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M24L816512DA ESMT-M24L816512DA Datasheet
315Kb / 12P
   8-Mbit (512K x 16) Pseudo Static RAM
M24L816512DA-55BEG ESMT-M24L816512DA-55BEG Datasheet
315Kb / 12P
   8-Mbit (512K x 16) Pseudo Static RAM
M24L816512DA-55BIG ESMT-M24L816512DA-55BIG Datasheet
315Kb / 12P
   8-Mbit (512K x 16) Pseudo Static RAM
M24L816512DA-70BEG ESMT-M24L816512DA-70BEG Datasheet
315Kb / 12P
   8-Mbit (512K x 16) Pseudo Static RAM
M24L816512DA-70BIG ESMT-M24L816512DA-70BIG Datasheet
315Kb / 12P
   8-Mbit (512K x 16) Pseudo Static RAM
More results

Similar Description - M24L816512SA-70BEG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M24D816512DA ESMT-M24D816512DA Datasheet
261Kb / 13P
   8-Mbit (512K x 16) Pseudo Static RAM
logo
Cypress Semiconductor
CYK512K16SCCA CYPRESS-CYK512K16SCCA Datasheet
177Kb / 10P
   8-Mbit (512K x 16) Pseudo Static RAM
logo
Elite Semiconductor Mem...
M24L816512DA ESMT-M24L816512DA Datasheet
315Kb / 12P
   8-Mbit (512K x 16) Pseudo Static RAM
M24L48512DA ESMT-M24L48512DA Datasheet
283Kb / 12P
   4-Mbit (512K x 8) Pseudo Static RAM
M24L48512SA ESMT-M24L48512SA Datasheet
278Kb / 12P
   4-Mbit (512K x 8) Pseudo Static RAM
logo
Cypress Semiconductor
CY62157E CYPRESS-CY62157E Datasheet
607Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157EV18 CYPRESS-CY62157EV18_09 Datasheet
484Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157EV18 CYPRESS-CY62157EV18 Datasheet
500Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY7C1051DV33 CYPRESS-CY7C1051DV33 Datasheet
572Kb / 11P
   8-Mbit (512K x 16) Static RAM
CY62157EV30 CYPRESS-CY62157EV30_09 Datasheet
414Kb / 15P
   8 Mbit (512K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com