Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M52D16161A Datasheet(PDF) 7 Page - Elite Semiconductor Memory Technology Inc.

Part # M52D16161A
Description  512K x 16Bit x 2Banks Mobile Synchronous DRAM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M52D16161A Datasheet(HTML) 7 Page - Elite Semiconductor Memory Technology Inc.

Back Button M52D16161A_1 Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M52D16161A_1 Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M52D16161A_1 Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M52D16161A_1 Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M52D16161A_1 Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M52D16161A_1 Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M52D16161A_1 Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. M52D16161A_1 Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. M52D16161A_1 Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
ESMT
M52D16161A
Operation Temperature Condition -40
°C~85°C
Elite Semiconductor Memory Technology Inc.
Publication Date : Sep. 2009
Revision : 1.1
7/32
Mode Register
BA
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1 A0
Address bus
x
x
1
0
0
LTMODE
WT
BL
Burst Read and Single Write (for Write
Through Cache)
0
0
0
0
0
LTMODE
WT
BL
Mode Register Set
x =Don’t care
A2-A0
WT=0
WT=1
000
1
1
001
2
2
010
4
4
011
8
8
100
R
R
101
R
R
110
R
R
Burst length
111
Full page
R
0
Sequential
Wrap type
1
Interleave
A6-A4
CAS Latency
000
R
001
R
010
2
011
3
100
R
101
R
110
R
Latency mode
111
R
Mode Register Write Timing
Remark R: Reserved
Mode Register Write
CLOCK
CKE
CS
RAS
WE
A0-A10,BA
CAS


Similar Part No. - M52D16161A_1

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M52D16161A-10BG ESMT-M52D16161A-10BG Datasheet
756Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M52D16161A-10BG ESMT-M52D16161A-10BG Datasheet
876Kb / 32P
   512K x 16Bit x 2Banks Mobile Synchronous DRAM
M52D16161A-10TG ESMT-M52D16161A-10TG Datasheet
756Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M52D16161A-10TG ESMT-M52D16161A-10TG Datasheet
876Kb / 32P
   512K x 16Bit x 2Banks Mobile Synchronous DRAM
More results

Similar Description - M52D16161A_1

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M52D16161A ESMT-M52D16161A_09 Datasheet
876Kb / 32P
   512K x 16Bit x 2Banks Mobile Synchronous DRAM
M52S16161A ESMT-M52S16161A_09 Datasheet
884Kb / 32P
   512K x 16Bit x 2Banks Mobile Synchronous DRAM
M12S16161A ESMT-M12S16161A_1 Datasheet
627Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A Datasheet
566Kb / 27P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_08 Datasheet
699Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M12S16161A ESMT-M12S16161A Datasheet
871Kb / 28P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_05 Datasheet
697Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12S16161A ESMT-M12S16161A_07 Datasheet
613Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M12S16161A_0707 ESMT-M12S16161A_0707 Datasheet
624Kb / 28P
   512K x 16Bit x 2Banks Synchronous DRAM
M52D16161A ESMT-M52D16161A Datasheet
756Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com