Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24L416256SA-70TEG Datasheet(PDF) 4 Page - Elite Semiconductor Memory Technology Inc.

Part # M24L416256SA-70TEG
Description  4-Mbit (256K x 16) Pseudo Static RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M24L416256SA-70TEG Datasheet(HTML) 4 Page - Elite Semiconductor Memory Technology Inc.

  M24L416256SA-70TEG Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. M24L416256SA-70TEG Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M24L416256SA-70TEG Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M24L416256SA-70TEG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M24L416256SA-70TEG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M24L416256SA-70TEG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M24L416256SA-70TEG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M24L416256SA-70TEG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M24L416256SA-70TEG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
ESMT
M24L416256SA
Elite Semiconductor Memory Technology Inc.
Publication Date: Jul. 2008
Revision: 1.4
4/14
Maximum Ratings
(Above which the useful life may be impaired. For user
guide-lines, not tested.)
Storage Temperature .................................–65°C to +150°C
Ambient Temperature with
Power Applied ..............................................–55°C to +125°C
Supply Voltage to Ground Potential ................−0.4V to 4.6V
DC Voltage Applied to Outputs
in High-Z State[6, 7, 8] .......................................−0.4V to 3.7V
DC Input Voltage[6, 7, 8] ....................................−0.4V to 3.7V
Output Current into Outputs (LOW) ............................20 mA
Static Discharge Voltage ......................................... > 2001V
(per MIL-STD-883, Method 3015)
Latch-up Current ....................................................> 200 mA
Operating Range
Range
Ambient Temperature (TA)
VCC
Extended
−25°C to +85°C
2.7V to 3.6V
Industrial
−40°C to +85°C
2.7V to 3.6V
DC Electrical Characteristics (Over the Operating Range)
-55, 60, 70
Parameter
Description
Test Conditions
Min.
Typ.[5]
Max.
Unit
VCC
Supply Voltage
2.7
3.0
3.6
V
VOH
Output HIGH
Voltage
IOH = −0.1 mA
VCC = 2.7V
VCC – 0.4
V
VOL
Output LOW
Voltage
IOL = 0.1 mA
VCC = 2.7V
0.4
V
VIH
Input HIGH
Voltage
0.8 * VCC
VCC + 0.4
V
VIL
Input LOW
Voltage
-0.4
0.6
V
IIX
Input Leakage
Current
GND ≤ VIN ≤ Vcc
-1
+1
µA
IOZ
Output Leakage
Current
GND ≤ VOUT ≤ Vcc, Output
Disabled
-1
+1
µA
f = fMAX = 1/tRC
14 for –55
14 for –60
8 for –70
22 for –55
22 for –60
15 for –70
ICC
VCC Operating
Supply Current
f = 1 MHz
VCC = VCCmax,
IOUT = 0 mA,
CMOS level
1 for all speeds
5 for all speeds
mA
ISB1
Automatic CE
Power-down
Current —CMOS
Inputs
CE ≥ VCC − 0.2V, VIN ≥ VCC
0.2V, VIN ≤ 0.2V, f = fMAX(Address
and Data Only),f = 0
( OE , WE , BHE and BLE ), VCC =
3.6V
150
250
µA
ISB2
Automatic CE
Power-down
Current —CMOS
Inputs
CE ≥ VCC − 0.2V,
VIN ≥ VCC − 0.2V or VIN ≤ 0.2V,
f = 0, VCC = 3.6V
17
40
µA
Thermal Resistance[9]
Parameter
Description
Test Conditions
VFBGA
Unit
θJA
Thermal Resistance (Junction to Ambient)
55
°
C/W
θJC
Thermal Resistance (Junction to Case)
Test conditions follow standard test
methods and procedures for measuring
thermal impedance, per EIA/JESD51.
17
°
C/W
Capacitance[9]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
8
pF
COUT
Output Capacitance
TA = 25°C, f = 1 MHz
VCC = VCC(typ)
8
pF
Notes:
6.VIL(MIN) = –0.5V for pulse durations less than 20 ns.
7.VIH(Max) = VCC + 0.5V for pulse durations less than 20 ns.
8.Overshoot and undershoot specifications are characterized and are not 100% tested.
9.Tested initially and after any design or process changes that may affect these parameters.


Similar Part No. - M24L416256SA-70TEG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M24L416256DA ESMT-M24L416256DA Datasheet
317Kb / 15P
   4-Mbit (256K x 16) Pseudo Static RAM
M24L416256DA-55BEG ESMT-M24L416256DA-55BEG Datasheet
317Kb / 15P
   4-Mbit (256K x 16) Pseudo Static RAM
M24L416256DA-55BIG ESMT-M24L416256DA-55BIG Datasheet
317Kb / 15P
   4-Mbit (256K x 16) Pseudo Static RAM
M24L416256DA-55TEG ESMT-M24L416256DA-55TEG Datasheet
317Kb / 15P
   4-Mbit (256K x 16) Pseudo Static RAM
M24L416256DA-55TIG ESMT-M24L416256DA-55TIG Datasheet
317Kb / 15P
   4-Mbit (256K x 16) Pseudo Static RAM
More results

Similar Description - M24L416256SA-70TEG

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYK256K16SCCB CYPRESS-CYK256K16SCCB Datasheet
314Kb / 10P
   4-Mbit (256K x 16) Pseudo Static RAM
CYK256K16MCCB CYPRESS-CYK256K16MCCB Datasheet
388Kb / 10P
   4-Mbit (256K x 16) Pseudo Static RAM
logo
Elite Semiconductor Mem...
M24L416256DA ESMT-M24L416256DA Datasheet
317Kb / 15P
   4-Mbit (256K x 16) Pseudo Static RAM
logo
Cypress Semiconductor
CY62146E CYPRESS-CY62146E_11 Datasheet
463Kb / 14P
   4-Mbit (256K x 16) Static RAM
CY62147EV30 CYPRESS-CY62147EV30_09 Datasheet
394Kb / 13P
   4-Mbit (256K x 16) Static RAM
CY62146DV30 CYPRESS-CY62146DV30 Datasheet
406Kb / 11P
   4-Mbit (256K x 16) Static RAM
CY62146E CYPRESS-CY62146E Datasheet
529Kb / 11P
   4-Mbit (256K x 16) Static RAM
CY62147EV18 CYPRESS-CY62147EV18 Datasheet
457Kb / 12P
   4-Mbit (256K x 16) Static RAM
CY7C1041DV33 CYPRESS-CY7C1041DV33 Datasheet
403Kb / 14P
   4-Mbit (256K x 16) Static RAM
CY62146E CYPRESS-CY62146E_09 Datasheet
336Kb / 11P
   4-Mbit (256K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com