Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24L416256SA-70BIG Datasheet(PDF) 1 Page - Elite Semiconductor Memory Technology Inc.

Part # M24L416256SA-70BIG
Description  4-Mbit (256K x 16) Pseudo Static RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M24L416256SA-70BIG Datasheet(HTML) 1 Page - Elite Semiconductor Memory Technology Inc.

  M24L416256SA-70BIG Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. M24L416256SA-70BIG Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M24L416256SA-70BIG Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M24L416256SA-70BIG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M24L416256SA-70BIG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M24L416256SA-70BIG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M24L416256SA-70BIG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M24L416256SA-70BIG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M24L416256SA-70BIG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
ESMT
M24L416256SA
Elite Semiconductor Memory Technology Inc.
Publication Date: Jul. 2008
Revision: 1.4
1/14
PSRAM
4-Mbit (256K x 16) Pseudo Static RAM
Features
• Wide voltage range: 2.7V–3.6V
• Access time: 55 ns, 60 ns and 70 ns
• Ultra-low active power
— Typical active current: 1 mA @ f = 1 MHz
— Typical active current: 8 mA @ f = fmax (70-ns speed)
• Ultra low standby power
• Automatic power-down when deselected
• CMOS for optimum speed/power
Functional Description
The M24L416256SA is a high-performance CMOS Pseudo
static RAM organized as 256K words by 16 bits that supports
an asynchronous memory interface. This device features
advanced circuit design to provide ultra-low active current.
This is ideal for portable applications such as cellular
telephones. The device can be put into standby mode when
deselected ( CE HIGH or both BHE and BLE are HIGH).
The input/output pins (I/O0through I/O15) are placed in a
high-impedance state when : deselected ( CE HIGH), outputs
are disabled (
OE HIGH), both Byte High Enable and Byte
Low Enable are disabled ( BHE , BLE HIGH), or during a write
operation ( CE LOW and WE LOW).
Writing to the device is accomplished by taking Chip
Enable( CE LOW) and Write Enable ( WE ) input LOW. If Byte
Low Enable ( BLE ) is LOW, then data from I/O pins (I/O0
through I/O7) is written into the location specified on the
address pins(A0 through A17). If Byte High Enable ( BHE ) is
LOW, then data from I/O pins (I/O8 through I/O15) is written into
the location specified on the address pins (A0 through A17).
Reading from the device is accomplished by taking Chip
Enable ( CE LOW) and Output Enable ( OE ) LOW while
forcing the Write Enable ( WE ) HIGH. If Byte Low Enable
( BLE ) is LOW, then data from the memory location specified
by the address pins will appear on I/O0 to I/O7. If Byte High
Enable( BHE ) is LOW, then data from memory will appear on
I/O8 toI/O15. Refer to the truth table for a complete description
of read and write modes.
Logic Block Diagram


Similar Part No. - M24L416256SA-70BIG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M24L416256DA ESMT-M24L416256DA Datasheet
317Kb / 15P
   4-Mbit (256K x 16) Pseudo Static RAM
M24L416256DA-55BEG ESMT-M24L416256DA-55BEG Datasheet
317Kb / 15P
   4-Mbit (256K x 16) Pseudo Static RAM
M24L416256DA-55BIG ESMT-M24L416256DA-55BIG Datasheet
317Kb / 15P
   4-Mbit (256K x 16) Pseudo Static RAM
M24L416256DA-55TEG ESMT-M24L416256DA-55TEG Datasheet
317Kb / 15P
   4-Mbit (256K x 16) Pseudo Static RAM
M24L416256DA-55TIG ESMT-M24L416256DA-55TIG Datasheet
317Kb / 15P
   4-Mbit (256K x 16) Pseudo Static RAM
More results

Similar Description - M24L416256SA-70BIG

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYK256K16SCCB CYPRESS-CYK256K16SCCB Datasheet
314Kb / 10P
   4-Mbit (256K x 16) Pseudo Static RAM
CYK256K16MCCB CYPRESS-CYK256K16MCCB Datasheet
388Kb / 10P
   4-Mbit (256K x 16) Pseudo Static RAM
logo
Elite Semiconductor Mem...
M24L416256DA ESMT-M24L416256DA Datasheet
317Kb / 15P
   4-Mbit (256K x 16) Pseudo Static RAM
logo
Cypress Semiconductor
CY62146E CYPRESS-CY62146E_11 Datasheet
463Kb / 14P
   4-Mbit (256K x 16) Static RAM
CY62147EV30 CYPRESS-CY62147EV30_09 Datasheet
394Kb / 13P
   4-Mbit (256K x 16) Static RAM
CY62146DV30 CYPRESS-CY62146DV30 Datasheet
406Kb / 11P
   4-Mbit (256K x 16) Static RAM
CY62146E CYPRESS-CY62146E Datasheet
529Kb / 11P
   4-Mbit (256K x 16) Static RAM
CY62147EV18 CYPRESS-CY62147EV18 Datasheet
457Kb / 12P
   4-Mbit (256K x 16) Static RAM
CY7C1041DV33 CYPRESS-CY7C1041DV33 Datasheet
403Kb / 14P
   4-Mbit (256K x 16) Static RAM
CY62146E CYPRESS-CY62146E_09 Datasheet
336Kb / 11P
   4-Mbit (256K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com