Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24L816512SA-70TIG Datasheet(PDF) 3 Page - Elite Semiconductor Memory Technology Inc.

Part # M24L816512SA-70TIG
Description  8-Mbit (512K x 16) Pseudo Static RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M24L816512SA-70TIG Datasheet(HTML) 3 Page - Elite Semiconductor Memory Technology Inc.

  M24L816512SA-70TIG Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. M24L816512SA-70TIG Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M24L816512SA-70TIG Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M24L816512SA-70TIG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M24L816512SA-70TIG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M24L816512SA-70TIG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M24L816512SA-70TIG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M24L816512SA-70TIG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M24L816512SA-70TIG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
ESMT
M24L816512SA
Elite Semiconductor Memory Technology Inc.
Publication Date : Jun. 2009
Revision : 1.5
3/14
Product Portfolio Product
Power Dissipation
Operating ICC(mA)
VCC Range (V)
f = 1MHz
f = fMAX
Standby, ISB2(µA)
Product
Min.
Typ.
Max.
Speed(ns)
Typ.[5]
Max.
Typ.[5]
Max.
Typ. [5]
Max.
55
22
M24L816512SA
2.7
3.0
3.6
70
2
5
11
17
55
100
110(for Vcc > 3.3V)
Notes:
2.DNU pins are to be left floating or tied to VSS.
3.Ball G2, H6 are the address expansion pins for the 16-Mbit and 32-Mbit densities respectively.
4.NC “no connect”—not connected internally to the die.
5.Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = VCC (typ)
and TA = 25°C.


Similar Part No. - M24L816512SA-70TIG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M24L816512DA ESMT-M24L816512DA Datasheet
315Kb / 12P
   8-Mbit (512K x 16) Pseudo Static RAM
M24L816512DA-55BEG ESMT-M24L816512DA-55BEG Datasheet
315Kb / 12P
   8-Mbit (512K x 16) Pseudo Static RAM
M24L816512DA-55BIG ESMT-M24L816512DA-55BIG Datasheet
315Kb / 12P
   8-Mbit (512K x 16) Pseudo Static RAM
M24L816512DA-70BEG ESMT-M24L816512DA-70BEG Datasheet
315Kb / 12P
   8-Mbit (512K x 16) Pseudo Static RAM
M24L816512DA-70BIG ESMT-M24L816512DA-70BIG Datasheet
315Kb / 12P
   8-Mbit (512K x 16) Pseudo Static RAM
More results

Similar Description - M24L816512SA-70TIG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M24D816512DA ESMT-M24D816512DA Datasheet
261Kb / 13P
   8-Mbit (512K x 16) Pseudo Static RAM
logo
Cypress Semiconductor
CYK512K16SCCA CYPRESS-CYK512K16SCCA Datasheet
177Kb / 10P
   8-Mbit (512K x 16) Pseudo Static RAM
logo
Elite Semiconductor Mem...
M24L816512DA ESMT-M24L816512DA Datasheet
315Kb / 12P
   8-Mbit (512K x 16) Pseudo Static RAM
M24L48512DA ESMT-M24L48512DA Datasheet
283Kb / 12P
   4-Mbit (512K x 8) Pseudo Static RAM
M24L48512SA ESMT-M24L48512SA Datasheet
278Kb / 12P
   4-Mbit (512K x 8) Pseudo Static RAM
logo
Cypress Semiconductor
CY62157E CYPRESS-CY62157E Datasheet
607Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157EV18 CYPRESS-CY62157EV18_09 Datasheet
484Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157EV18 CYPRESS-CY62157EV18 Datasheet
500Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY7C1051DV33 CYPRESS-CY7C1051DV33 Datasheet
572Kb / 11P
   8-Mbit (512K x 16) Static RAM
CY62157EV30 CYPRESS-CY62157EV30_09 Datasheet
414Kb / 15P
   8 Mbit (512K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com