Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M52D32321A-10BG Datasheet(PDF) 10 Page - Elite Semiconductor Memory Technology Inc.

Part # M52D32321A-10BG
Description  512K x 32Bit x 2Banks Mobile Synchronous DRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M52D32321A-10BG Datasheet(HTML) 10 Page - Elite Semiconductor Memory Technology Inc.

Back Button M52D32321A-10BG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M52D32321A-10BG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M52D32321A-10BG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M52D32321A-10BG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. M52D32321A-10BG Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. M52D32321A-10BG Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. M52D32321A-10BG Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. M52D32321A-10BG Datasheet HTML 13Page - Elite Semiconductor Memory Technology Inc. M52D32321A-10BG Datasheet HTML 14Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
ESMT
M52D32321A
Elite Semiconductor Memory Technology Inc.
Publication Date : May 2009
Revision : 1.6
10/30
SIMPLIFIED TRUTH TABLE
COMMAND
CKEn-1 CKEn CS
RAS
CAS
WE
DQM BA A10/AP A9~A0 Note
Mode Register Set
H
X
L
L
L
L
X
OP CODE
1,2
Register
Extended Mode Register
Set
H
X
L
L
L
L
X
OP CODE
1,2
Auto Refresh
H
3
Entry
H
L
L
L
L
H
X
X
3
L
H
H
H
3
Refresh
Self Refresh
Exit
L
H
H
X
X
X
X
X
3
Bank Active & Row Addr.
H
X
L
L
H
H
X
V
Row Address
Auto Precharge Disable
L
4
Read &
Column Address
Auto Precharge Enable
H
X
L
H
L
H
X
V
H
Column
Address
(A0~A7) 4,5
Auto Precharge Disable
L
4
Write & Column
Address
Auto Precharge Enable
H
X
L
H
L
L
X
V
H
Column
Address
(A0~A7) 4,5
Burst Stop
H
X
L
H
H
L
X
X
6
Bank Selection
V
L
4
Precharge
Both Banks
H
X
L
L
H
L
X
X
H
X
4
H
X
X
X
Entry
H
L
L
V
V
V
X
Clock Suspend or
Active Power Down
Exit
L
H
X
X
X
X
X
X
H
X
X
X
Entry
H
L
L
H
H
H
X
H
X
X
X
Precharge Power Down Mode
Exit
L
H
L
V
V
V
X
X
DQM
H
X
V
X
7
H
H
X
X
X
No Operation Command
H
X
L
H
H
H
X
X
Entry
H
L
L
H
H
L
X
Deep Power Down Mode
Exit
L
H
X
X
X
X
X
X
(V= Valid, X= Don’t Care, H= Logic High , L = Logic Low)
Note:
1. OP Code: Operation Code
A0~A10/AP, BA: Program keys.(@MRS). BA=0 for MRS and BA=1 for EMRS.
2. MRS/EMRS can be issued only at both banks precharge state.
A new command can be issued after 2 clock cycle of MRS/EMRS.
3. Auto refresh functions are as same as CBR refresh of DRAM.
The automatical precharge without row precharge command is meant by “Auto”.
Auto / self refresh can be issued only at both banks precharge state.
4. BA: Bank select address.
If “Low”: at read, write, row active and precharge, bank A is selected.
If “High”: at read, write, row active and precharge, bank B is selected.
If A10/AP is “High” at row precharge, BA ignored and both banks are selected.
5. During burst read or write with auto precharge, new read/write command can not be issued.
Another bank read /write command can be issued after the end of burst.
New row active of the associated bank can be issued at tRP after the end of burst.
6. Burst stop command is valid at every burst length.
7. DQM sampled at positive going edge of a CLK masks the data-in at the very CLK (Write DQM latency is 0), but
makes Hi-Z state the data-out of 2 CLK cycles after. (Read DQM latency is 2)


Similar Part No. - M52D32321A-10BG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M52D32321A-10BG ESMT-M52D32321A-10BG Datasheet
690Kb / 29P
   512K x 32Bit x 2Banks Synchronous DRAM
More results

Similar Description - M52D32321A-10BG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M52D32321A ESMT-M52D32321A Datasheet
690Kb / 29P
   512K x 32Bit x 2Banks Synchronous DRAM
M52S32321A ESMT-M52S32321A_1 Datasheet
758Kb / 29P
   512K x 32Bit x 2Banks Synchronous DRAM
M52L32321A ESMT-M52L32321A Datasheet
870Kb / 30P
   512K x 32Bit x 2Banks Synchronous DRAM
M12L32321A ESMT-M12L32321A Datasheet
654Kb / 28P
   512K x 32Bit x 2Banks Synchronous DRAM
M52S32321A ESMT-M52S32321A Datasheet
802Kb / 29P
   512K x 32Bit x 2Banks Synchronous DRAM
M52D16161A ESMT-M52D16161A_09 Datasheet
876Kb / 32P
   512K x 16Bit x 2Banks Mobile Synchronous DRAM
M52S16161A ESMT-M52S16161A_09 Datasheet
884Kb / 32P
   512K x 16Bit x 2Banks Mobile Synchronous DRAM
M52D16161A ESMT-M52D16161A_1 Datasheet
893Kb / 32P
   512K x 16Bit x 2Banks Mobile Synchronous DRAM
M12S16161A ESMT-M12S16161A_1 Datasheet
627Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A Datasheet
566Kb / 27P
   512K x 16Bit x 2Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com