Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPN75-12S Datasheet(PDF) 2 Page - Volgen Kaga Electronics Inc.

Part # SPN75-12S
Description  75 WATT ,, Uniiverrsall IInputt Fulllly Encllosed Swiittchiing Powerr Supplly
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VOLGEN [Volgen Kaga Electronics Inc.]
Direct Link  http://www.volgen.com
Logo VOLGEN - Volgen Kaga Electronics Inc.

SPN75-12S Datasheet(HTML) 2 Page - Volgen Kaga Electronics Inc.

  SPN75-12S Datasheet HTML 1Page - Volgen Kaga Electronics Inc. SPN75-12S Datasheet HTML 2Page - Volgen Kaga Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
71
MODEL
SPN75-05S
SPN75-12S
SPN75-15S
SPN75-24S
SPN75-48S
OUTPUT VOLTAGE
5 VDC
12 VDC
15 VDC
24 VDC
48 VDC
CURRENT
85 ~ 264 VAC
15.0 A
6.5 A
5.2 A
3.2 A
1.6 A
EFFICIENCY
100VAC
230VAC
81%
86%
87%
87%
87%
78%
82%
83%
83%
83%
LINE REGULATION
(MV) MAX
10 mVmax
10 mVmax
10 mVmax
20 mVmax
20 mVmax
LOAD REGULATION (mVmax)
(0~100% Load)
40 mVmax
20 mVmax
20 mVmax
40 mVmax
40 mVmax
Series
Series
NOTE:
All specifications typical and nominal / full load and 25˚C unless otherwise noted.
Mounting screw lenght should not exceed 0.31 inches or 8 mm.
Avoid sustained operation in overload or dead short conditions.
Specifications subject to changes without notice.
• No. 6-32 mounting holes standard
• Dimensions in mm
• Terminal block or “pin”
type connector available
SPN75
(35.5)
(114.5 –0.5)
(7.5)
(147 –0.5)
(38.5 –1)
(15max)
(162 –1)
2-No. 6-32UNC
(MOUNTING HOLES) BOTTOM
V. ADJ.
LED
I/O TERMINAL M4
(MOUNTING HOLES)
2-No. 6-32UNC
NOTE:
*MOUNTING SCREWS NOT TO EXCEED
MAX. PENETRATION OF 6mm.
*REMOVE SHORT BAR BETWEEN
WHEN USE REMOTE SENSING.
*TOLERANCE –1mm.
*ALL DIMENSIONS IN INCH (mm)
INCH
5.787
0.295
1.398
4.508
1.516
0.591
6.378
(+S) AND (+V) , (-S) AND (-V)
M4
SCREW
THREAD HOLE
SPN 75


Similar Part No. - SPN75-12S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPN75-12S ETC1-SPN75-12S Datasheet
285Kb / 2P
   75 WATT, Uniiverrsall IInputt Fulllly Encllosed Swiittchiing Powerr Supplly
More results

Similar Description - SPN75-12S

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
SP15U-03S VOLGEN-SP15U-03S Datasheet
324Kb / 2P
   15 WATT ,, Uniiverrsall IInputt Fulllly Encllosed Swiittchiing Powerr Supplly
logo
List of Unclassifed Man...
SPN75 ETC1-SPN75 Datasheet
285Kb / 2P
   75 WATT, Uniiverrsall IInputt Fulllly Encllosed Swiittchiing Powerr Supplly
SP50U ETC1-SP50U Datasheet
332Kb / 2P
   50 WATT, Uniiverrsall IInputt Fulllly Encllosed Swiittchiing Powerr Supplly
logo
Volgen Kaga Electronics...
SPN150-05S VOLGEN-SPN150-05S Datasheet
303Kb / 2P
   150 WATT ,, Uniiverrsall IInputt Fulllly Encllosed Swiittchiing Powerr Supplly
logo
List of Unclassifed Man...
SPN150 ETC1-SPN150 Datasheet
298Kb / 2P
   150 WATT, Uniiverrsall IInputt Fulllly Encllosed Swiittchiing Powerr Supplly
logo
Volgen Kaga Electronics...
SP50U-03S VOLGEN-SP50U-03S Datasheet
337Kb / 2P
   50 WATT,, Uniiverrsall IInputt Fulllly Encllosed Swiittchiing Powerr Supplly
logo
List of Unclassifed Man...
SP30U ETC1-SP30U Datasheet
302Kb / 2P
   30 WATT, Uniiverrsall IInputt Fulllly Encllosed Swiittchiing Powerr Supplly
logo
Volgen Kaga Electronics...
SP30U-03S VOLGEN-SP30U-03S Datasheet
307Kb / 2P
   30 WATT ,, Uniiverrsall IInputt Fulllly Encllosed Swiittchiing Powerr Supplly
SPN100-05S VOLGEN-SPN100-05S Datasheet
287Kb / 2P
   100 WATT ,, Uniiverrsall IInputt Fulllly Encllosed Swiittchiing Powerr Supplly
SX30U-05S VOLGEN-SX30U-05S Datasheet
380Kb / 2P
   30 Watttt,, 120 VAC IInputt Fulllly Encllosed Swiittchiing Powerr Supplly
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com