Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M52L32321A Datasheet(PDF) 9 Page - Elite Semiconductor Memory Technology Inc.

Part # M52L32321A
Description  512K x 32Bit x 2Banks Synchronous DRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M52L32321A Datasheet(HTML) 9 Page - Elite Semiconductor Memory Technology Inc.

Back Button M52L32321A Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M52L32321A Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M52L32321A Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M52L32321A Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M52L32321A Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. M52L32321A Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. M52L32321A Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. M52L32321A Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. M52L32321A Datasheet HTML 13Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
ESMT
M52L32321A
Elite Semiconductor Memory Technology Inc.
Publication Date : Apr. 2009
Revision : 1.0
9/30
Burst Length and Sequence
(Burst of Two)
Starting Address
(column address A0 binary)
Sequential Addressing
Sequence (decimal)
Interleave Addressing
Sequence (decimal)
0
0,1
0,1
1
1,0
1,0
(Burst of Four)
Starting Address
(column address A1-A0, binary)
Sequential Addressing
Sequence (decimal)
Interleave Addressing
Sequence (decimal)
00
0,1,2, 3
0,1,2, 3
01
1,2,3, 0
1,0,3, 2
10
2,3,0, 1
2,3,0, 1
11
3,0,1, 2
3,2,1, 0
(Burst of Eight)
Starting Address
(column address A2-A0, binary)
Sequential Addressing
Sequence (decimal)
Interleave Addressing
Sequence (decimal)
000
0,1,2, 3,4, 5,6,7
0,1,2, 3,4, 5,6,7
001
1,2,3, 4,5, 6,7,0
1,0,3, 2,5, 4,7,6
010
2,3,4, 5,6, 7,0,1
2,3,0, 1,6, 7,4,5
011
3,4,5, 6,7, 0,1, 2
3,2,1, 0,7, 6,5,4
100
4,5,6, 7,0, 1,2,3
4,5,6, 7,0, 1,2,3
101
5,6,7, 0,1, 2,3,4
5,4,7, 6,1, 0,3,2
110
6,7,0, 1,2, 3,4, 5
6,7,4, 5,2, 3,0,1
111
7,0,1, 2,3, 4,5, 6
7,6,5, 4,3, 2,1,0
Full page burst is an extension of the above tables of Sequential Addressing, with the length being 256 for 1Mx32 device.
POWER UP SEQUENCE
1.Apply power and start clock, attempt to maintain CKE= “H”, L(U)DQM = “H” and the other pin are NOP condition at the inputs.
2.Maintain stable power, stable clock and NOP input condition for a minimum of 200us.
3.Issue precharge commands for all banks of the devices.
4.Issue 2 or more auto-refresh commands.
5.Issue mode register set command to initialize the mode register.
Cf.)Sequence of 4 & 5 is regardless of the order.


Similar Part No. - M52L32321A

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M52L64164A ESMT-M52L64164A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M52L64164A ESMT-M52L64164A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M52L64164A-6BG ESMT-M52L64164A-6BG Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M52L64164A-6BIG ESMT-M52L64164A-6BIG Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M52L64164A-6TG ESMT-M52L64164A-6TG Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
More results

Similar Description - M52L32321A

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M52D32321A ESMT-M52D32321A Datasheet
690Kb / 29P
   512K x 32Bit x 2Banks Synchronous DRAM
M52S32321A ESMT-M52S32321A_1 Datasheet
758Kb / 29P
   512K x 32Bit x 2Banks Synchronous DRAM
M12L32321A ESMT-M12L32321A Datasheet
654Kb / 28P
   512K x 32Bit x 2Banks Synchronous DRAM
M52S32321A ESMT-M52S32321A Datasheet
802Kb / 29P
   512K x 32Bit x 2Banks Synchronous DRAM
M52D32321A ESMT-M52D32321A_09 Datasheet
839Kb / 30P
   512K x 32Bit x 2Banks Mobile Synchronous DRAM
M12S16161A ESMT-M12S16161A_1 Datasheet
627Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A Datasheet
566Kb / 27P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_08 Datasheet
699Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_05 Datasheet
697Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12S16161A ESMT-M12S16161A_07 Datasheet
613Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com