Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M52L32321A-10BG Datasheet(PDF) 8 Page - Elite Semiconductor Memory Technology Inc.

Part # M52L32321A-10BG
Description  512K x 32Bit x 2Banks Synchronous DRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M52L32321A-10BG Datasheet(HTML) 8 Page - Elite Semiconductor Memory Technology Inc.

Back Button M52L32321A-10BG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M52L32321A-10BG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M52L32321A-10BG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M52L32321A-10BG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M52L32321A-10BG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M52L32321A-10BG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. M52L32321A-10BG Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. M52L32321A-10BG Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. M52L32321A-10BG Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
ESMT
M52L32321A
Elite Semiconductor Memory Technology Inc.
Publication Date : Apr. 2009
Revision : 1.0
8/30
Extended Mode Register
BA
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
Address bus
1
0
ATCSR
0
0
DS
TCSR
PASR
Extended Mode Register
A2-0
Self Refresh Coverage
000
Full Array
001
1/2 of Full Array
010
1/4 of Full Array
011
Reserved
100
Reserved
101
Reserved
110
Reserved
PASR
111
Reserved
A6-A5
Driver Strength
00
Full Strength
01
1/2 Strength
10
1/4 Strength
DS
11
Reserved
A9
ATCSR
0
Enable
ATCSR
1
Reserved
A4-A3
Maximum Case Temperature
11
Reserved
00
70°C
01
45°C
TCSR
10
Reserved


Similar Part No. - M52L32321A-10BG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M52L64164A ESMT-M52L64164A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M52L64164A ESMT-M52L64164A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M52L64164A-6BG ESMT-M52L64164A-6BG Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M52L64164A-6BIG ESMT-M52L64164A-6BIG Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M52L64164A-6TG ESMT-M52L64164A-6TG Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
More results

Similar Description - M52L32321A-10BG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M52D32321A ESMT-M52D32321A Datasheet
690Kb / 29P
   512K x 32Bit x 2Banks Synchronous DRAM
M52S32321A ESMT-M52S32321A_1 Datasheet
758Kb / 29P
   512K x 32Bit x 2Banks Synchronous DRAM
M12L32321A ESMT-M12L32321A Datasheet
654Kb / 28P
   512K x 32Bit x 2Banks Synchronous DRAM
M52S32321A ESMT-M52S32321A Datasheet
802Kb / 29P
   512K x 32Bit x 2Banks Synchronous DRAM
M52D32321A ESMT-M52D32321A_09 Datasheet
839Kb / 30P
   512K x 32Bit x 2Banks Mobile Synchronous DRAM
M12S16161A ESMT-M12S16161A_1 Datasheet
627Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A Datasheet
566Kb / 27P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_08 Datasheet
699Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_05 Datasheet
697Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12S16161A ESMT-M12S16161A_07 Datasheet
613Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com