Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPU30-102 Datasheet(PDF) 2 Page - Volgen Kaga Electronics Inc.

Part # SPU30-102
Description  30W Desk Top Switching Power Supplies For I.T.E.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VOLGEN [Volgen Kaga Electronics Inc.]
Direct Link  http://www.volgen.com
Logo VOLGEN - Volgen Kaga Electronics Inc.

SPU30-102 Datasheet(HTML) 2 Page - Volgen Kaga Electronics Inc.

  SPU30-102 Datasheet HTML 1Page - Volgen Kaga Electronics Inc. SPU30-102 Datasheet HTML 2Page - Volgen Kaga Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Number
Output Voltage
Output Current
Total Regulation
Maximum
Output Power
SPU30-101
03 ~ 05
VDC
5.00 A max
7%
20W
SPU30-102
05 ~ 06
VDC
5.00 ~ 4.16 A
5%
25W
SPU30-103
06 ~ 08
VDC
4.16 ~ 3.12 A
5%
25W
SPU30-104
08 ~ 11
VDC
3.75 ~ 2.72 A
5%
30W
SPU30-105
11 ~ 13
VDC
2.72 ~ 2.30 A
5%
30W
SPU30-106
13 ~ 16
VDC
2.30 ~ 1.87 A
5%
30W
SPU30-107
16 ~ 21
VDC
1.87 ~ 1.42 A
5%
30W
SPU30-108
21 ~ 27
VDC
1.42 ~ 1.11 A
5%
30W
SPU30-109
27 ~ 33
VDC
1.11 ~ 0.90 A
5%
30W
SPU30-110
33 ~ 40
VDC
0.90 ~ 0.75 A
3%
30W
SPU30-111
40 ~ 50
VDC
0.75 ~ 0.60 A
3%
30W
SPU30 SERIES
30W Desk Top Switching Power Supplies For I.T.E.
Mechanical Specifications :
Note:
1. Dimensions are shown in mm.
2. Weight: 230gs approx.
3. Optional output connector:
See page Appendix.
Safety Specifications:
Output Voltage And Current Rating Chart ( Single Output ) :
Parameter
Te s t Conditions
Min. Typ . Max.
Unit
Dielectric Withstanding Voltage
for Primary to secondary
Primary to secondary
4242
VDC
Primary to ground
2121
Test Voltage=500VDC
50
M
Vin=220VAC
B
CLASS
Sym.
Vps
Vpg
Ri
CISPR
FCC
Isolation Resistance
EMI requirements for CISPR-22
Vin=110VAC
VDC
B
CLASS
Dielectric Withstanding Voltage
for Primary to Ground
EMI requirements for FCC PART-15


Similar Part No. - SPU30-102

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SPU30-102 ASTRODYNE-SPU30-102 Datasheet
459Kb / 3P
   30W Desktop Switching Power Supplies
More results

Similar Description - SPU30-102

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPSPU31 TOTAL-POWER-TPSPU31 Datasheet
287Kb / 2P
   30W Desk Top I.T.E. Power Supplies
logo
Volgen Kaga Electronics...
SPU50-1 VOLGEN-SPU50-1 Datasheet
327Kb / 2P
   60W Desk Top Switching Power Supplies For I.T.E.
logo
Astrodyne Corporation
SPU25A ASTRODYNE-SPU25A Datasheet
318Kb / 2P
   25W Desk Top Switching Power Supplies For I.T.E
SPU16B ASTRODYNE-SPU16B Datasheet
329Kb / 2P
   15W Desk Top Switching Power Supplies For I.T.E.
SPU16C ASTRODYNE-SPU16C Datasheet
330Kb / 2P
   15W Desk Top Switching Power Supplies For I.T.E.
SPU25C ASTRODYNE-SPU25C Datasheet
323Kb / 2P
   25W Desk Top Switching Power Supplies For I.T.E
logo
Volgen Kaga Electronics...
SPU45-100 VOLGEN-SPU45-100 Datasheet
411Kb / 2P
   50W Desk Top Switching Power Supplies For I.T.E.
logo
Total Power Internation...
TPSPU65 TOTAL-POWER-TPSPU65 Datasheet
190Kb / 2P
   80W Desk Top Switching Power Supplies For I.T.E.
logo
Astrodyne Corporation
SPU20B ASTRODYNE-SPU20B Datasheet
326Kb / 2P
   20W Desk Top Switching Power Supplies For I.T.E
SPU25B ASTRODYNE-SPU25B Datasheet
334Kb / 2P
   25W Desk Top Switching Power Supplies For I.T.E
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com