Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPU15A-105 Datasheet(PDF) 2 Page - Volgen Kaga Electronics Inc.

Part # SPU15A-105
Description  15W Desk Top Switching Power Supplies For I.T.E.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VOLGEN [Volgen Kaga Electronics Inc.]
Direct Link  http://www.volgen.com
Logo VOLGEN - Volgen Kaga Electronics Inc.

SPU15A-105 Datasheet(HTML) 2 Page - Volgen Kaga Electronics Inc.

  SPU15A-105 Datasheet HTML 1Page - Volgen Kaga Electronics Inc. SPU15A-105 Datasheet HTML 2Page - Volgen Kaga Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SPU15A SERIES
15W Desk Top Switching Power Supplies For I.T.E.
Sym.
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vps
Dielectric Withstanding Voltage
for Primary to secondary
Primary to secondary
4242
VDC
Vpg
Dielectric Withstanding Voltage
for Primary to ground
Primary to ground
2121
VDC
Ri
Isolation Resistance
Test Voltage = 500VDC
50
M
W
CISPR EMI requirements for CISPR-22
Vin=220VAC
B
CLASS
FCC
EMI requirements for FCC PART-15
Vin=110VAC
B
CLASS
Safety Specifications:
Model Number
Output Voltage
Output Current
Total Regulation
Maximum
Output Power
SPU15A-101
03 ~ 05 VDC
2.50 A max
7%
12W
SPU15A-102
05 ~ 06 VDC
2.50 ~ 2.00 A
5%
12W
SPU15A-103
06 ~ 08 VDC
2.00 ~ 1.50 A
5%
12W
SPU15A-104
08 ~ 11 VDC
1.87 ~ 1.36 A
5%
15W
SPU15A-105
11 ~ 13 VDC
1.36 ~ 1.15 A
5%
15W
SPU15A-106
13 ~ 16 VDC
1.15 ~ 0.94 A
5%
15W
SPU15A-107
16 ~ 21 VDC
0.94 ~ 0.72 A
5%
15W
SPU15A-108
21 ~ 27 VDC
0.72 ~ 0.55 A
5%
15W
SPU15A-109
27 ~ 33 VDC
0.55 ~ 0.45 A
5%
15W
SPU15A-110
33 ~ 40 VDC
0.45 ~ 0.37 A
3%
15W
SPU15A-111
40 ~ 48 VDC
0.37 ~ 0.31 A
3%
15W
Note:
1. Dimensions are shown in mm.
2. Weight: 165gs approx.
3. Optional output connector:
See page Appendix.
Mechanical Specifications :
Output Voltage And Current Rating Chart ( Single Output ) :


Similar Part No. - SPU15A-105

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SPU15A-105 ASTRODYNE-SPU15A-105 Datasheet
918Kb / 5P
   15 Watt Desktop Switching Power Adapters
More results

Similar Description - SPU15A-105

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SPU16B ASTRODYNE-SPU16B Datasheet
329Kb / 2P
   15W Desk Top Switching Power Supplies For I.T.E.
SPU16C ASTRODYNE-SPU16C Datasheet
330Kb / 2P
   15W Desk Top Switching Power Supplies For I.T.E.
logo
Total Power Internation...
TPSPU16C TOTAL-POWER-TPSPU16C Datasheet
440Kb / 2P
   15W Desk Top Switching Power Supplies for I.T.E
TPSPU16E TOTAL-POWER-TPSPU16E Datasheet
283Kb / 2P
   15W Desk Top Type I.T.E. Power Supplies
TPSPU16B TOTAL-POWER-TPSPU16B Datasheet
294Kb / 2P
   15W Desk Top Type I.T.E. Power Supplies
TPSPU16D TOTAL-POWER-TPSPU16D Datasheet
351Kb / 2P
   15W Desk Top Type I.T.E. Power Supplies
logo
Volgen Kaga Electronics...
SPU50-1 VOLGEN-SPU50-1 Datasheet
327Kb / 2P
   60W Desk Top Switching Power Supplies For I.T.E.
logo
Astrodyne Corporation
SPU25A ASTRODYNE-SPU25A Datasheet
318Kb / 2P
   25W Desk Top Switching Power Supplies For I.T.E
SPU25C ASTRODYNE-SPU25C Datasheet
323Kb / 2P
   25W Desk Top Switching Power Supplies For I.T.E
logo
Volgen Kaga Electronics...
SPU45-100 VOLGEN-SPU45-100 Datasheet
411Kb / 2P
   50W Desk Top Switching Power Supplies For I.T.E.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com