Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MG87FE52GE Datasheet(PDF) 1 Page - Megawin Technology Co., Ltd

Part # MG87FE52GE
Description  8 bits microcontroller
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MG87FE52GE Datasheet(HTML) 1 Page - Megawin Technology Co., Ltd

  MG87FE52GE Datasheet HTML 1Page - Megawin Technology Co., Ltd MG87FE52GE Datasheet HTML 2Page - Megawin Technology Co., Ltd MG87FE52GE Datasheet HTML 3Page - Megawin Technology Co., Ltd MG87FE52GE Datasheet HTML 4Page - Megawin Technology Co., Ltd MG87FE52GE Datasheet HTML 5Page - Megawin Technology Co., Ltd MG87FE52GE Datasheet HTML 6Page - Megawin Technology Co., Ltd MG87FE52GE Datasheet HTML 7Page - Megawin Technology Co., Ltd MG87FE52GE Datasheet HTML 8Page - Megawin Technology Co., Ltd MG87FE52GE Datasheet HTML 9Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
Megawin Technology Co., Ltd.
MG87FE/L52
1.0 General Description
MG87FE/L52 is a single-chip 8 bits microcontroller with the instruction sets fully compatible
with industrial-standard 80C51 series microcontroller. 8K bytes flash memory and 256 bytes
RAM has been embedded to provide wide field application. In-System-Programming and
In-Application-Programming allow the users to download new code or data while the
microcontroller sits in the application. This device executes one machine cycle in 6 clock or 12
clock cycles. MG87FE/L52 has four 8-bit I/O ports, one 4-bit I/O ports, three 16-bit
timer/counters, an eight-source, four-priority-level interrupt structure, an enhanced UART,
on-chip crystal oscillator.
Excellent flash-endurance, flash-retention, and code-protecting security make MG87FE/L52 as
an excellent micro-controller.
2.0 Features
80C51 Central Processing Unit
8KB On-Chip program memory for program ROM, ISP ROM & IAP zone.
ISP capability; optional 0.5K/1KB/1.5K~3.5KB ISP memory shared with 8KB flash memory.
IAP capability; program controlled IAP memory size shared with 8KB flash memory.
On-Chip 256 bytes scratch-pad RAM. Also, the MCU can address up to 64K bytes external
memory.
MOVC-disabling, encrypting, and locking flash memory realize security mechanism.
Three 16-bits timer/counter, Timer2 is an up/down counter with programmable clock output
on P1.0
Eight sources, four-level-priority interrupt capability
Enhanced UART, provides frame-error detection and hardware address-recognition
Dual DPTR for fast-accessing of data memory
15 bits Watch-Dog-Timer with 8-bits pre-scaler, one-time enabled
Low EMI: inhibits ALE emission
Power control: Idle mode and Power-Down mode; Power-Down can be woken-up by
P3.2/P3.3/P4.2/P4.3, Idle mode could be woken up by all interrupt sources.
I/O port: 32+4 I/O ports :
-
PDIP-40 (MG87FE/L52AE or MG87FE/L52GE) has 32 I/O ports;
Preliminary
ver 1.3
Date: 2009-JAN-20
1


Similar Part No. - MG87FE52GE

ManufacturerPart #DatasheetDescription
logo
Megawin Technology Co.,...
MG87FE/L2051 MEGAWIN-MG87FE/L2051 Datasheet
868Kb / 56P
   8-bits microcontroll
MG87FE/L4051 MEGAWIN-MG87FE/L4051 Datasheet
868Kb / 56P
   8-bits microcontroll
MG87FE/L6051 MEGAWIN-MG87FE/L6051 Datasheet
868Kb / 56P
   8-bits microcontroll
MG87FE04 MEGAWIN-MG87FE04 Datasheet
1Mb / 61P
   Two 16-bit timer/counter
MG87FE2051AE20 MEGAWIN-MG87FE2051AE20 Datasheet
868Kb / 56P
   8-bits microcontroll
More results

Similar Description - MG87FE52GE

ManufacturerPart #DatasheetDescription
logo
Megawin Technology Co.,...
MG87FX2051A MEGAWIN-MG87FX2051A Datasheet
868Kb / 56P
   8-bits microcontroll
logo
SyncMOS Technologies,In...
SM59D03G2 SYNCMOS-SM59D03G2 Datasheet
986Kb / 67P
   8-Bits Micro-controller
SM8951B SYNCMOS-SM8951B Datasheet
215Kb / 18P
   8-Bits Micro-controller
SM59128 SYNCMOS-SM59128 Datasheet
600Kb / 32P
   8-Bits Micro-controller
SM59D04G2 SYNCMOS-SM59D04G2 Datasheet
937Kb / 67P
   8-Bits Micro-controller
SM59364 SYNCMOS-SM59364 Datasheet
787Kb / 19P
   8-Bits Micro-controller
logo
Samsung semiconductor
K9K8G08U1M SAMSUNG-K9K8G08U1M Datasheet
1Mb / 41P
   512M x 8 Bits / 1G x 8 Bits NAND Flash Memory
logo
Tontek Design Technolog...
TCU983 TONTEK-TCU983 Datasheet
233Kb / 16P
   8 Bits TV game system
logo
ABCircuits
SIO8 ABCIRCUITS-SIO8 Datasheet
198Kb / 8P
   Stand Alone UART IC 8 bits of input and 8 bits of output
logo
Elpida Memory
EDD2508AKTA-5 ELPIDA-EDD2508AKTA-5 Datasheet
548Kb / 48P
   256M bits DDR SDRAM (32M words x 8 bits, DDR400)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com