Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MG87FE52GF Datasheet(PDF) 2 Page - Megawin Technology Co., Ltd

Part # MG87FE52GF
Description  8 bits microcontroller
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MG87FE52GF Datasheet(HTML) 2 Page - Megawin Technology Co., Ltd

  MG87FE52GF Datasheet HTML 1Page - Megawin Technology Co., Ltd MG87FE52GF Datasheet HTML 2Page - Megawin Technology Co., Ltd MG87FE52GF Datasheet HTML 3Page - Megawin Technology Co., Ltd MG87FE52GF Datasheet HTML 4Page - Megawin Technology Co., Ltd MG87FE52GF Datasheet HTML 5Page - Megawin Technology Co., Ltd MG87FE52GF Datasheet HTML 6Page - Megawin Technology Co., Ltd MG87FE52GF Datasheet HTML 7Page - Megawin Technology Co., Ltd MG87FE52GF Datasheet HTML 8Page - Megawin Technology Co., Ltd MG87FE52GF Datasheet HTML 9Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
Megawin Technology Co., Ltd.
MG87FE/L52
-
PLCC-44 & PQFP-44(MG87FE/L52AP//AF, MG87FE/L52AF//GF) will have 36 I/O
ports
On-Chip flash program/data memory:
- The data endurance of the embedded flash gets over 20,000 times.
- Greater than 100 years data retention under room temperature. (at 25
℃)
Operating Voltage:
- 4.5V~5.5V for MG87FE52
- 2.4V~3.6V for MG87FL52, minimum 2.7V requirement in flash write operation
- Built-in Low-Voltage-Reset circuit
Operating Temperature range from -40°C to +85°C.
Maximum Operating Frequency:
- Up to 48MHz at 12T mode or 24MHz at 6T mode, Industrial range.
Built-in internal oscillator frequency selection with +/- 4% deviation:
Internal oscillator frequency
1
6MHz
2
11.059MHz
3
12MHz
4
22.118MHz
5
24MHz
6
24.576MHz
Three package types:
Pb-free Package
Green Package
PDIP-40
MG87FE/L52AE
MG87FE/L52GE
PLCC-44
MG87FE/L52AP
MG87FE/L52GP
PQFP-44
MG87FE/L52AF
MG87FE/L52GF
Preliminary
ver 1.3
Date: 2009-JAN-20
2


Similar Part No. - MG87FE52GF

ManufacturerPart #DatasheetDescription
logo
Megawin Technology Co.,...
MG87FE/L2051 MEGAWIN-MG87FE/L2051 Datasheet
868Kb / 56P
   8-bits microcontroll
MG87FE/L4051 MEGAWIN-MG87FE/L4051 Datasheet
868Kb / 56P
   8-bits microcontroll
MG87FE/L6051 MEGAWIN-MG87FE/L6051 Datasheet
868Kb / 56P
   8-bits microcontroll
MG87FE04 MEGAWIN-MG87FE04 Datasheet
1Mb / 61P
   Two 16-bit timer/counter
MG87FE2051AE20 MEGAWIN-MG87FE2051AE20 Datasheet
868Kb / 56P
   8-bits microcontroll
More results

Similar Description - MG87FE52GF

ManufacturerPart #DatasheetDescription
logo
Megawin Technology Co.,...
MG87FX2051A MEGAWIN-MG87FX2051A Datasheet
868Kb / 56P
   8-bits microcontroll
logo
SyncMOS Technologies,In...
SM59D03G2 SYNCMOS-SM59D03G2 Datasheet
986Kb / 67P
   8-Bits Micro-controller
SM8951B SYNCMOS-SM8951B Datasheet
215Kb / 18P
   8-Bits Micro-controller
SM59128 SYNCMOS-SM59128 Datasheet
600Kb / 32P
   8-Bits Micro-controller
SM59D04G2 SYNCMOS-SM59D04G2 Datasheet
937Kb / 67P
   8-Bits Micro-controller
SM59364 SYNCMOS-SM59364 Datasheet
787Kb / 19P
   8-Bits Micro-controller
logo
Samsung semiconductor
K9K8G08U1M SAMSUNG-K9K8G08U1M Datasheet
1Mb / 41P
   512M x 8 Bits / 1G x 8 Bits NAND Flash Memory
logo
Tontek Design Technolog...
TCU983 TONTEK-TCU983 Datasheet
233Kb / 16P
   8 Bits TV game system
logo
ABCircuits
SIO8 ABCIRCUITS-SIO8 Datasheet
198Kb / 8P
   Stand Alone UART IC 8 bits of input and 8 bits of output
logo
Elpida Memory
EDD2508AKTA-5 ELPIDA-EDD2508AKTA-5 Datasheet
548Kb / 48P
   256M bits DDR SDRAM (32M words x 8 bits, DDR400)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com