Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAPD-008016-000100 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAPD-008016-000100
Description  Low Cost Two-Way GMIC SMT Power Divider 1940-2340 MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAPD-008016-000100 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAPD-008016-000100 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAPD-008016-000100 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAPD-008016-000100 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAPD-008016-000100 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Low Cost Two-Way GMIC SMT Power Divider
1940– 2340 MHz
Rev. V2
MAPD-008016-000100
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Designed for UMTS Band
• Small Size and Low Profile
• Industry Standard SOT-26 SMT Plastic Package
• Typical Insertion Loss: 0.4 dB
• Typical Isolation: 19 dB @ 2140MHz
• 1 Watt Power Handling
• Lead-Free SOT-26 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS Compliant
Description
M/A-COM’s MAPD-008016-000100 is an IC-based
monolithic power divider using M/A-COM’s GMIC
technology in a low cost SOT-26
plastic package.
This 2-way power divider is ideally suited for
applications where small size, low insertion loss,
superior phase/amplitude tracking and low cost are
required. Typical applications
include personal
communication systems and other communication
applications where size and PCB real estate are at a
premium. Available in tape and reel.
The MAPD-008016-000100 is fabricated using a
passive-integrated circuit process. The process
features
full-chip
passivation
for
increased
performance and reliability.
Ordering Information
Part Number
Package
MAPD-008016-000100
Bulk Packaging
MAPD-008016-0001TR
1000 piece reel
MAPD-008016-0001TB
Sample Test Board
Note: Reference Application Note M513 for reel size
information.
Functional Diagram
Pin Configuration
Pin No.
Function
Pin No.
Function
1
RF1
4
GND
2
GND
5
RF IN
3
RF2
6
GND
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
RF IN
GND
GND
GND
RF 2
RF 1


Similar Part No. - MAPD-008016-000100

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPD-008072-ESSM26 MA-COM-MAPD-008072-ESSM26 Datasheet
69Kb / 3P
   E-Series 2-Way Power Divider 5 - 900 MHz
MAPD-008072-ESSM26 MA-COM-MAPD-008072-ESSM26 Datasheet
69Kb / 3P
   E-Series 2-Way 0째 Power Divider
MAPD-008072-ESSM26 MA-COM-MAPD-008072-ESSM26_15 Datasheet
69Kb / 3P
   2-Way Power Divider
MAPD-008086-CT33TB MA-COM-MAPD-008086-CT33TB Datasheet
104Kb / 3P
   2 Way 0쨘 Power Divider 5-1000MHz
More results

Similar Description - MAPD-008016-000100

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPDCC0011 MA-COM-MAPDCC0011 Datasheet
73Kb / 4P
   Low Cost Two-Way GMIC SMT Power Divider
MAPD-007530-000100 MA-COM-MAPD-007530-000100 Datasheet
105Kb / 4P
   Low Cost Two-Way GMIC SMT Power Divider
MAPDCC0010 MA-COM-MAPDCC0010 Datasheet
58Kb / 3P
   Low Cost Two-Way GMIC SMT Power Divider
MAPD-007530-000100 MA-COM-MAPD-007530-000100_15 Datasheet
105Kb / 4P
   Low Cost Two-Way GMIC SMT Power Divider
MAPD-007530 MA-COM-MAPD-007530 Datasheet
627Kb / 5P
   Low Cost Two-Way GMIC SMT Power Divider
MAPDCC0010 MA-COM-MAPDCC0010_15 Datasheet
617Kb / 4P
   Low Cost Two-Way GMIC SMT Power Divider
MAPD-007530-000100 MA-COM-MAPD-007530-000100 Datasheet
105Kb / 4P
   Low Cost Two-Way GMIC SMT Power Divider 1700 - 2000 MHz
logo
Tyco Electronics
MAPDCC0011 MACOM-MAPDCC0011 Datasheet
155Kb / 3P
   Low Cost Two-Way GMIC SMT Power Divider 824-960 MHz
logo
M/A-COM Technology Solu...
DS52-0008 MA-COM-DS52-0008 Datasheet
73Kb / 4P
   Low Cost Two-Way GMIC SMT Power Divider 824 - 960 MHz
DS52-0014 MA-COM-DS52-0014 Datasheet
105Kb / 4P
   Low Cost Two-Way GMIC SMT Power Divider 1700 - 2000 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com