Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAPD-008016-000100 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAPD-008016-000100
Description  Low Cost Two-Way GMIC SMT Power Divider 1940-2340 MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAPD-008016-000100 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAPD-008016-000100 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAPD-008016-000100 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAPD-008016-000100 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAPD-008016-000100 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Low Cost Two-Way GMIC SMT Power Divider
1940– 2340 MHz
Rev. V2
MAPD-008016-000100
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = 25°C
1
Parameter
Units
Min
Typ
Max
Insertion Loss Above 3.0 dB
dB
0.4
0.7
Isolation
dB
13
19.0
VSWR
Input
RF1, RF2 Outputs
1.3:1
1.4:1
1.4:1
1.5:1
Amplitude Balance
dB
0.05
0.1
Phase Balance
degrees
0.5
2.0
Recommended PCB Configuration
Absolute Maximum Ratings
2,3
Parameter
Absolute Maximum
Input Power
4
1W CW
Operating Temperature
-40°C to +85°C
2.
Exceeding any one or combination of these limits may cause
permanent damage to this device.
3.
M/A-COM does not recommend sustained operation near
these survivability limits.
4.
With internal load dissipation of 0.125 W maximum.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
GMIC
Circuits
are
sensitive
to
electrostatic
discharge (ESD) and can be damaged by static
electricity. Proper ESD control techniques should
be used when handling these devices.
1. All specifications apply with a 50-ohm source and load impedance.


Similar Part No. - MAPD-008016-000100

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPD-008072-ESSM26 MA-COM-MAPD-008072-ESSM26 Datasheet
69Kb / 3P
   E-Series 2-Way Power Divider 5 - 900 MHz
MAPD-008072-ESSM26 MA-COM-MAPD-008072-ESSM26 Datasheet
69Kb / 3P
   E-Series 2-Way 0째 Power Divider
MAPD-008072-ESSM26 MA-COM-MAPD-008072-ESSM26_15 Datasheet
69Kb / 3P
   2-Way Power Divider
MAPD-008086-CT33TB MA-COM-MAPD-008086-CT33TB Datasheet
104Kb / 3P
   2 Way 0쨘 Power Divider 5-1000MHz
More results

Similar Description - MAPD-008016-000100

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPDCC0011 MA-COM-MAPDCC0011 Datasheet
73Kb / 4P
   Low Cost Two-Way GMIC SMT Power Divider
MAPD-007530-000100 MA-COM-MAPD-007530-000100 Datasheet
105Kb / 4P
   Low Cost Two-Way GMIC SMT Power Divider
MAPDCC0010 MA-COM-MAPDCC0010 Datasheet
58Kb / 3P
   Low Cost Two-Way GMIC SMT Power Divider
MAPD-007530-000100 MA-COM-MAPD-007530-000100_15 Datasheet
105Kb / 4P
   Low Cost Two-Way GMIC SMT Power Divider
MAPD-007530 MA-COM-MAPD-007530 Datasheet
627Kb / 5P
   Low Cost Two-Way GMIC SMT Power Divider
MAPDCC0010 MA-COM-MAPDCC0010_15 Datasheet
617Kb / 4P
   Low Cost Two-Way GMIC SMT Power Divider
MAPD-007530-000100 MA-COM-MAPD-007530-000100 Datasheet
105Kb / 4P
   Low Cost Two-Way GMIC SMT Power Divider 1700 - 2000 MHz
logo
Tyco Electronics
MAPDCC0011 MACOM-MAPDCC0011 Datasheet
155Kb / 3P
   Low Cost Two-Way GMIC SMT Power Divider 824-960 MHz
logo
M/A-COM Technology Solu...
DS52-0008 MA-COM-DS52-0008 Datasheet
73Kb / 4P
   Low Cost Two-Way GMIC SMT Power Divider 824 - 960 MHz
DS52-0014 MA-COM-DS52-0014 Datasheet
105Kb / 4P
   Low Cost Two-Way GMIC SMT Power Divider 1700 - 2000 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com