Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90-0413 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # AT90-0413
Description  Digital Attenuator 15.0 dB, 4-Bit, TTL Driver, DC-4.0 GHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AT90-0413 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  AT90-0413 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AT90-0413 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AT90-0413 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. AT90-0413 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. AT90-0413 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. AT90-0413 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. AT90-0413 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
4
Digital Attenuator
15.0 dB, 4-Bit, TTL Driver, DC-4.0 GHz
Rev. V7
AT90-0413
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Attenuation Error, 2 dB Bit
Attenuation Error, 4 dB Bit
Attenuation Error, 8 dB Bit
Attenuation Error, Max. Attenuation
VSWR, 1 dB Bit
Attenuation Error, 1 dB Bit
-0.30
-0.20
-0.10
0.00
0.10
0.20
0.30
0
500
1000
1500
2000
2500
3000
3500
4000
Fre que ncy (MHz )
-0.30
-0.20
-0.10
0.00
0.10
0.20
0.30
0
500
1000
1500
2000
2500
3000
3500
4000
Fre que ncy (MHz )
-0.20
0.00
0.20
0.40
0.60
0
500
1000
1500
2000
2500
3000
3500
4000
Fre que ncy (MHz )
-0.60
-0.40
-0.20
0.00
0.20
0
500
1000
1500
2000
2500
3000
3500
4000
Fre que ncy (MHz )
-0.40
-0.20
0.00
0.20
0.40
0
500
1000
1500
2000
2500
3000
3500
4000
Fre que ncy (MHz )
1.00
1.20
1.40
1.60
0500
100
0
1500 200
0
250
0
300
0
350
0
400
0
Fre qu e n cy (MHz )
RF In
RF Out
Typical Performance Curves


Similar Part No. - AT90-0413

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT90-0413 MACOM-AT90-0413 Datasheet
299Kb / 5P
   Digital Attenuator, 15 dB, 4-Bit, TTL Driver, DC - 4.0 GHz
AT90-0413 MACOM-AT90-0413 Datasheet
242Kb / 5P
   Digital Attenuator 15dB, 4-Bit, TTL Driver, DC-4.0 GHz
AT90-0413-TB MACOM-AT90-0413-TB Datasheet
299Kb / 5P
   Digital Attenuator, 15 dB, 4-Bit, TTL Driver, DC - 4.0 GHz
AT90-0413-TB MACOM-AT90-0413-TB Datasheet
242Kb / 5P
   Digital Attenuator 15dB, 4-Bit, TTL Driver, DC-4.0 GHz
AT90-0413TR MACOM-AT90-0413TR Datasheet
299Kb / 5P
   Digital Attenuator, 15 dB, 4-Bit, TTL Driver, DC - 4.0 GHz
More results

Similar Description - AT90-0413

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAADCC0006 MACOM-MAADCC0006 Datasheet
313Kb / 7P
   Digital Attenuator 15.0 dB, 4-Bit, TTL Driver, DC-4.0 GHz
logo
M/A-COM Technology Solu...
MAADCC0006 MA-COM-MAADCC0006 Datasheet
180Kb / 5P
   Digital Attenuator 15.0 dB, 4-Bit, TTL Driver, DC-4.0 GHz
AT65-0413 MA-COM-AT65-0413 Datasheet
133Kb / 4P
   Digital Attenuator 15.0 dB, 4-Bit, TTL Driver, DC-3.0 GHz
AT-213-PIN MA-COM-AT-213-PIN Datasheet
110Kb / 4P
   Digital Attenuator 15.0 dB, 4-Bit, TTL Driver, DC-3.0 GHz
MAATCC0008 MA-COM-MAATCC0008 Datasheet
134Kb / 4P
   Digital Attenuator 15.0 dB, 4-Bit, TTL Driver, DC-3.0 GHz
logo
Tyco Electronics
AT-213-PIN MACOM-AT-213-PIN Datasheet
159Kb / 1P
   Digital Attenuator, 15.0 dB, 4-Bit, TTL Driver, DC - 3.0 GHz
logo
M/A-COM Technology Solu...
AT90-1413 MA-COM-AT90-1413 Datasheet
155Kb / 5P
   Digital Attenuator 15 dB, 4-Bit, TTL Driver, DC-4.0 GHz
MAAD-007077-000100 MA-COM-MAAD-007077-000100 Datasheet
182Kb / 5P
   Digital Attenuator 15 dB, 4-Bit, TTL Driver, DC-4.0 GHz
logo
Tyco Electronics
AT90-0413 MACOM-AT90-0413 Datasheet
299Kb / 5P
   Digital Attenuator, 15 dB, 4-Bit, TTL Driver, DC - 4.0 GHz
MAAD-007077-000100 MACOM-MAAD-007077-000100 Datasheet
263Kb / 5P
   Digital Attenuator 15 dB, 4-Bit, TTL Driver, DC-4.0 GHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com