Electronic Components Datasheet Search |
|
AT90-1263TR Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc. |
|
AT90-1263TR Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc. |
2 / 6 page • North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400 • India Tel: +91.80.4155721 • China Tel: +86.21.2407.1588 Visit www.macomtech.com for additional data sheets and product information. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. 2 Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz Rev. V14 AT90-1263 ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions is considering for development. Performance is based on target specifications, simulated results, and/or prototype measurements. Commitment to develop is not guaranteed. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. Commitment to produce in volume is not guaranteed. Electrical Specifications: TA = 25°C, Z0 = 50Ω Parameter Frequency Units Min Typ Max Insertion Loss DC - 3.0 GHz dB — 3.5 3.8 Attenuation Accuracy DC - 3.0 GHz DC - 3.0 GHz dB dB — — — — ±(.3 +5% of atten setting) ±(.5 +7% of atten setting) VSWR DC - 3.0 GHz Ratio — 2.0:1 2.2:1 Switching Speed — — ns ns — — 75 20 150 50 1 dB Compression 50 MHz 0.5 - 3.0 GHz dBm dBm — — +21 +24 — — Input IP3 50 MHz 0.5-3.0 GHz dB dB — — +35 +48 — — Vcc — V 4.75 5.0 5.25 VIL VIH — — V V 0.0 2.0 — — 0.8 5.0 lin (Input Leakage Current) — uA -1.0 — 1.0 Test Conditions — Individual Bits 1-2-4-8-16 dB Any Combination of Bits 1 to 31 dB Full Range 50% Cntl to 90%/10% RF 10% to 90% or 90% to 10% — — Two-tone inputs up to +5 dBm — LOW-level input voltage HIGH-level input voltage Vin = VCC or GND Icc4 Vcc min to max, Logic “0” or “1” — mA — 6 10 Turn-on Current5 For guaranteed start-up — mA — — 125 Switching Noise Generated from DC-DC Converter with recommended capacitors 3.5 MHz dBm — -93 — Thermal Resistance θjc — — °C/W — 35 — ΔIcc (Additional Supply Current Per TTL Input Pin) VCC = Max, Vcntrl = VCC - 2.1 V — mA — — 1.0 4. During turn-on, the device requires an initial start up current (Icc) specified as “Turn-on Current”. Once operational, Icc will drop to the specified levels. 5. The DC-DC converter is guaranteed to start in 100 µs as long as the power supplies have the maximum turn-on current available for start up. Absolute Maximum Ratings 6,7 Parameter Absolute Maximum Max. Input Power 0.05 GHz 0.5 - 3.0 GHz +27 dBm +34 dBm VCC -0.5V ≤ VCC ≤ +6.0V Vin8 -0.5V ≤ Vin ≤ VCC + 0.5V Operating Temperature -40ºC to +85ºC Storage Temperature -65ºC to +125ºC 6. Exceeding any one or combination of these limits may cause permanent damage to this device. 7. M/A-COM does not recommend sustained operation near these survivability limits. 8. Standard CMOS TTL interface, latch-up will occur if logic signal is applied prior to power supply. Recommended PCB Configuration 9 9. Application Note S2083 is available on line at www.macom.com |
Similar Part No. - AT90-1263TR |
|
Similar Description - AT90-1263TR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |