Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC747LC3C Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC747LC3C
Description  13 Gbps, FAST RISE TIME D-TYPE FLIP-FLOP w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC747LC3C Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC747LC3C Datasheet HTML 1Page - Hittite Microwave Corporation HMC747LC3C Datasheet HTML 2Page - Hittite Microwave Corporation HMC747LC3C Datasheet HTML 3Page - Hittite Microwave Corporation HMC747LC3C Datasheet HTML 4Page - Hittite Microwave Corporation HMC747LC3C Datasheet HTML 5Page - Hittite Microwave Corporation HMC747LC3C Datasheet HTML 6Page - Hittite Microwave Corporation HMC747LC3C Datasheet HTML 7Page - Hittite Microwave Corporation HMC747LC3C Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
7
7 - 167
HMC747LC3C
v01.1208
13 Gbps, FAST RISE TIME D-TYPE FLIP-FLOP
w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
Pin Number
Function
Description
Interface Schematic
1, 4, 5, 8, 9, 12
GND
Signal Grounds
2, 3
DN, DP
Data Inputs
6, 7
CP, CN
Clock Inputs
10, 11
QN, QP
Data Outputs
13, 16
Vcc
Positive Supply
14,
Package Base
GND
Supply Ground
15
VR
Output level control. Output level may be
adjusted by applying a voltage to VR per
“Output Differential vs. VR” plot.
Pin Descriptions


Similar Part No. - HMC747LC3C

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC747LC3C HITTITE-HMC747LC3C Datasheet
444Kb / 8P
   14 Gbps, FAST RISE TIME D-TYPE FLIP-FLOP w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
logo
Analog Devices
HMC747LC3C AD-HMC747LC3C Datasheet
638Kb / 8P
   RF ATE Applications
logo
Hittite Microwave Corpo...
HMC747LC3C HITTITE-HMC747LC3C_11 Datasheet
444Kb / 8P
   14 Gbps, FAST RISE TIME D-TYPE FLIP-FLOP w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
More results

Similar Description - HMC747LC3C

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC723LC3C HITTITE-HMC723LC3C Datasheet
668Kb / 8P
   13 Gbps, FAST RISE TIME D-TYPE FLIP-FLOP w/ PROGRAMMABLE OUTPUT VOLTAGE
HMC723LP3E HITTITE-HMC723LP3E Datasheet
605Kb / 8P
   13 Gbps, FAST RISE TIME D-TYPE FLIP-FLOP w/ PROGRAMMABLE OUTPUT VOLTAGE
HMC747LC3C HITTITE-HMC747LC3C_11 Datasheet
444Kb / 8P
   14 Gbps, FAST RISE TIME D-TYPE FLIP-FLOP w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
logo
Analog Devices
HMC723LC3C AD-HMC723LC3C Datasheet
555Kb / 8P
   13 Gbps, FAST RISE TIME D-TYPE FLIP-FLOP
logo
Hittite Microwave Corpo...
HMC745LC3 HITTITE-HMC745LC3_11 Datasheet
563Kb / 8P
   13 Gbps, FAST RISE TIME XOR / XNOR GATE w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC745LC3C HITTITE-HMC745LC3C_11 Datasheet
372Kb / 8P
   13 Gbps, FAST RISE TIME XOR / XNOR GATE w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC745LC3C HITTITE-HMC745LC3C Datasheet
280Kb / 8P
   13 Gbps, FAST RISE TIME XOR / XNOR GATE w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC744LC3C HITTITE-HMC744LC3C Datasheet
282Kb / 8P
   13 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC744LC3C HITTITE-HMC744LC3C_10 Datasheet
712Kb / 8P
   13 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC746LC3C HITTITE-HMC746LC3C Datasheet
263Kb / 8P
   13 Gbps, FAST RISE TIME AND/NAND/OR/NOR GATE, w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com