Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC756 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC756
Description  GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 16 - 24 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC756 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC756 Datasheet HTML 1Page - Hittite Microwave Corporation HMC756 Datasheet HTML 2Page - Hittite Microwave Corporation HMC756 Datasheet HTML 3Page - Hittite Microwave Corporation HMC756 Datasheet HTML 4Page - Hittite Microwave Corporation HMC756 Datasheet HTML 5Page - Hittite Microwave Corporation HMC756 Datasheet HTML 6Page - Hittite Microwave Corporation HMC756 Datasheet HTML 7Page - Hittite Microwave Corporation HMC756 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3
3 - 127
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Input Return Loss vs. Temperature
Output Return Loss vs. Temperature
Broadband Gain &
Return Loss vs. Frequency
Gain vs. Temperature
P1dB vs. Temperature
Psat vs. Temperature
HMC756
v01.0709
GaAs PHEMT MMIC 1 WATT
POWER AMPLIFIER, 16 - 24 GHz
-30
-20
-10
0
10
20
30
12
14
16
18
20
22
24
26
28
S21
S11
S22
FREQUENCY (GHz)
14
16
18
20
22
24
26
28
30
14
16
18
20
22
24
26
+25C
+85C
-55C
FREQUENCY (GHz)
-20
-16
-12
-8
-4
0
14
16
18
20
22
24
26
+25C
+85C
-55C
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
14
16
18
20
22
24
26
+25C
+85C
-55C
FREQUENCY (GHz)
26
28
30
32
34
36
16
18
20
22
24
+25C
+85C
-55C
FREQUENCY (GHz)
27
29
31
33
35
37
16
18
20
22
24
+25C
+85C
-55C
FREQUENCY (GHz)


Similar Part No. - HMC756

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC756 AD-HMC756 Datasheet
1Mb / 22P
   Active Bias Controller High Current
logo
Hittite Microwave Corpo...
HMC756 HITTITE-HMC756_10 Datasheet
289Kb / 8P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 16 - 24 GHz
More results

Similar Description - HMC756

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC756 HITTITE-HMC756_10 Datasheet
289Kb / 8P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 16 - 24 GHz
HMC757LP4E HITTITE-HMC757LP4E Datasheet
993Kb / 8P
   GaAs pHEMT MMIC WATT POWER AMPLIFIER, 16 - 24 GHz
HMC757 HITTITE-HMC757 Datasheet
276Kb / 8P
   GaAs pHEMT MMIC 1/2 WATT POWER AMPLIFIER, 16 - 24 GHz
HMC757 HITTITE-HMC757_10 Datasheet
640Kb / 8P
   GaAs pHEMT MMIC 1/2 WATT POWER AMPLIFIER, 16 - 24 GHz
HMC864_1007 HITTITE-HMC864_1007 Datasheet
722Kb / 8P
   GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER, 24 - 29.5 GHz
HMC864 HITTITE-HMC864_10 Datasheet
313Kb / 8P
   GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER, 24 - 29.5 GHz
HMC863 HITTITE-HMC863_09 Datasheet
302Kb / 8P
   GaAs pHEMT MMIC 쩍 WATT POWER AMPLIFIER, 24 - 29.5 GHz
HMC943LP5E HITTITE-HMC943LP5E Datasheet
1Mb / 8P
   GaAs pHEMT MMIC 1.5 WATT POWER AMPLIFIER, 24 - 31.5 GHz
HMC863 HITTITE-HMC863_10 Datasheet
707Kb / 8P
   GaAs pHEMT MMIC 쩍 WATT POWER AMPLIFIER, 24 - 29.5 GHz
HMC943LP5E HITTITE-HMC943LP5E_11 Datasheet
1Mb / 8P
   GaAs pHEMT MMIC 1.5 WATT POWER AMPLIFIER, 24 - 31.5 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com