Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT048A040T050TP Datasheet(PDF) 2 Page - Vicor Corporation

Part # VT048A040T050TP
Description  VTM??Current Multiplier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VT048A040T050TP Datasheet(HTML) 2 Page - Vicor Corporation

  VT048A040T050TP Datasheet HTML 1Page - Vicor Corporation VT048A040T050TP Datasheet HTML 2Page - Vicor Corporation VT048A040T050TP Datasheet HTML 3Page - Vicor Corporation VT048A040T050TP Datasheet HTML 4Page - Vicor Corporation VT048A040T050TP Datasheet HTML 5Page - Vicor Corporation VT048A040T050TP Datasheet HTML 6Page - Vicor Corporation VT048A040T050TP Datasheet HTML 7Page - Vicor Corporation VT048A040T050TP Datasheet HTML 8Page - Vicor Corporation VT048A040T050TP Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Voltage Transformation Module
VT048A040T050FP
vicorpower.com
Rev. 1.0
Page 2 of 11
Parameter
Values
Unit
Notes
+In to -In
-1.0 to 60
Vdc
+In to -In
100
Vdc
For 100 ms
PC to -In
-0.3 to 7.0
Vdc
VC to -In
-0.3 to 19.0
Vdc
+Out to -Out
-0.5 to 12
Vdc
Isolation voltage
2,250
Vdc
Input to output
Output current
50
A
Continuous
Peak output current
75
A
For 1 ms
Output power
221
W
Continuous
Peak output power
332
W
For 1 ms
Operating temperature
-40 to +100
°C
T-Grade; baseplate
-55 to +100
°C
M-Grade; baseplate
Storage temperature
-40 to +125
°C
T-Grade
-65 to +125
°C
M-Grade
Electrical characteristics apply over the full operating range of input voltage, output load (resistive) and baseplate temperature,
unless otherwise specified. All temperatures refer to the operating temperature at the center of the baseplate.
Absolute Maximum Ratings
SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
Notes
Input voltage range
26
48
55
Vdc
Max VIN = 53 V, operating from -55°C to -40°C
Input dV/dt
1
V/µs
Input overvoltage turn-on
55.0
Vdc
Input overvoltage turn-off
59.0
Vdc
Input current
4.6
Adc
Input reflected ripple current
114
mA p-p
Using test circuit in Figure 10; See Figure 1
No load power dissipation
3.9
4.8
W
Internal input capacitance
1.9
µF
Internal input inductance
5
nH
Input Specifications (Conditions are at 48 Vin, full load, and 25°C ambient unless otherwise specified)
Note: Stresses in excess of the maximum ratings can cause permanent damage to the device. Operation of the device is not implied at these or any other conditions
in excess of those given in the specification. Exposure to absolute maximum ratings can adversely affect device reliability.


Similar Part No. - VT048A040T050TP

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VT048A040T050FP VICOR-VT048A040T050FP Datasheet
287Kb / 2P
   PRM??Regulator and VTM??Current Multiplier Modules
More results

Similar Description - VT048A040T050TP

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V048F480T006 VICOR-V048F480T006 Datasheet
1Mb / 11P
   VTM Current Multiplier
V048F080T030 VICOR-V048F080T030 Datasheet
773Kb / 11P
   VTM Current Multiplier
VTD48EF120T025A00 VICOR-VTD48EF120T025A00 Datasheet
2Mb / 18P
   VTM Current Multiplier
VT048A160T015FP VICOR-VT048A160T015FP Datasheet
881Kb / 11P
   VTM??Current Multiplier
V048F015T100 VICOR-V048F015T100 Datasheet
1,013Kb / 11P
   VTM Current Multiplier
V048F030T070 VICOR-V048F030T070 Datasheet
892Kb / 11P
   VTM Current Multiplier
V048F120T025 VICOR-V048F120T025 Datasheet
1,022Kb / 11P
   VTM Current Multiplier
VT048A240T012FP VICOR-VT048A240T012FP Datasheet
747Kb / 11P
   VTM??Current Multiplier
VTM48E_040_050A00 VICOR-VTM48E_040_050A00 Datasheet
1Mb / 18P
   VTM Current Multiplier
VTM48EF012T130A01 VICOR-VTM48EF012T130A01 Datasheet
1Mb / 17P
   VTM Current Multiplier
VTM48EF120M025A00 VICOR-VTM48EF120M025A00 Datasheet
1Mb / 18P
   VTM Current Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com