Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT048A120T025FP Datasheet(PDF) 1 Page - Vicor Corporation

Part # VT048A120T025FP
Description  VTM??Current Multiplier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VT048A120T025FP Datasheet(HTML) 1 Page - Vicor Corporation

  VT048A120T025FP Datasheet HTML 1Page - Vicor Corporation VT048A120T025FP Datasheet HTML 2Page - Vicor Corporation VT048A120T025FP Datasheet HTML 3Page - Vicor Corporation VT048A120T025FP Datasheet HTML 4Page - Vicor Corporation VT048A120T025FP Datasheet HTML 5Page - Vicor Corporation VT048A120T025FP Datasheet HTML 6Page - Vicor Corporation VT048A120T025FP Datasheet HTML 7Page - Vicor Corporation VT048A120T025FP Datasheet HTML 8Page - Vicor Corporation VT048A120T025FP Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Voltage Transformation Module
VT048A120T025FP
vicorpower.com
Rev. 1.0
Page 1 of 11
Product Grade Temperatures (°C)
Grade
Operating
Storage
T =
-40 to +100 -40 to +125
M =
-55 to +100 -65 to +125
Baseplate
F = Slotted flange
T = Transverse heat sink[a]
[a] Contact factory
VTM
TM Current Multiplier
Product Overview
The thermally enhanced VI BRICK VTM current multiplier excels at speed, density and
efficiency to meet the demands of advanced power applications. Combined with the
VI BRICK PRM regulator they create a DC-DC converter with flexibility to provide isolation
and regulation where needed. The PRM can be located with the VTM at the point of load
or remotely in the back plane or on a daughter card.
Applications
Solid state lighting
Stadium displays
Industrial controls
Avionics
Underseas
RF Amplifiers
Microprocessor and DSP
requiring fast response
100°C baseplate operation
48 V to 12 V Converter
25 A (37.5 A for 1 ms)
High density – up to 390 W/in3
Small footprint – 1.64 and 2.08 in2
Height above board – 0.37 in (9.5 mm)
Low weight – 1.10 oz (31.3 g)
ZVS / ZCS isolated sine amplitude converter
Typical efficiency 95%
<1 µs transient response
Isolated output
No output filtering required
Lead free wave solder compatible
Agency approvals
Features
VT
048
A
120
T
025
F
P
Output
Voltage
Designator
(=VOUT x10)
Output
Current
Designator
(=IOUT)
Part Numbering
Voltage
Transformation
Module
Input
Voltage
Designator
Package
Size
Pin Style
P = Through hole
Size:
1.91 x 1.09 x 0.37 in
48,6 x 27,7 x 9,5 mm


Similar Part No. - VT048A120T025FP

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VT048A120T025FP VICOR-VT048A120T025FP Datasheet
287Kb / 2P
   PRM??Regulator and VTM??Current Multiplier Modules
More results

Similar Description - VT048A120T025FP

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V048F480T006 VICOR-V048F480T006 Datasheet
1Mb / 11P
   VTM Current Multiplier
V048F080T030 VICOR-V048F080T030 Datasheet
773Kb / 11P
   VTM Current Multiplier
VTD48EF120T025A00 VICOR-VTD48EF120T025A00 Datasheet
2Mb / 18P
   VTM Current Multiplier
VT048A160T015FP VICOR-VT048A160T015FP Datasheet
881Kb / 11P
   VTM??Current Multiplier
V048F015T100 VICOR-V048F015T100 Datasheet
1,013Kb / 11P
   VTM Current Multiplier
V048F030T070 VICOR-V048F030T070 Datasheet
892Kb / 11P
   VTM Current Multiplier
V048F120T025 VICOR-V048F120T025 Datasheet
1,022Kb / 11P
   VTM Current Multiplier
VT048A240T012FP VICOR-VT048A240T012FP Datasheet
747Kb / 11P
   VTM??Current Multiplier
VTM48E_040_050A00 VICOR-VTM48E_040_050A00 Datasheet
1Mb / 18P
   VTM Current Multiplier
VTM48EF012T130A01 VICOR-VTM48EF012T130A01 Datasheet
1Mb / 17P
   VTM Current Multiplier
VTM48EF120M025A00 VICOR-VTM48EF120M025A00 Datasheet
1Mb / 18P
   VTM Current Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com