Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1212 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # A1212
Description  Cascadable Amplifier 100 to 1200 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

A1212 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  A1212 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. A1212 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Cascadable Amplifier
100 to 1200 MHz
Rev. V3
A1212 / SMA1212
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Outline Drawing: TO-8
*
Dimensions are inches (millimeters) ±0.015 (0.38) unless otherwise specified.
Typical Performance Curves at +25°C
Outline Drawing: Surface Mount
*
Outline Drawing: SMA Connectorized
*
WEIGHT: 1 gram (0.04 oz.) max
WEIGHT: 1 gram (0.04 oz.) max
WEIGHT: 19 grams (0.67 oz.) max


Similar Part No. - A1212

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A1212 MACOM-A1212 Datasheet
109Kb / 1P
   100 TO 1200 MHz CASCADABLE AMPLIFIER
logo
Allegro MicroSystems
A1212 ALLEGRO-A1212 Datasheet
443Kb / 12P
   Continuous-Time Latch Family
logo
Tyco Electronics
A1212 MACOM-A1212 Datasheet
386Kb / 2P
   Cascadable Amplifier 100 to 1200 MHz
logo
Allegro MicroSystems
A1212 ALLEGRO-A1212 Datasheet
292Kb / 14P
   Continuous-Time Latch Family
logo
M/A-COM Technology Solu...
A1212 MA-COM-A1212 Datasheet
730Kb / 5P
   Cascadable Amplifier 100 - 1200 MHz
More results

Similar Description - A1212

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A1212 MACOM-A1212_1 Datasheet
386Kb / 2P
   Cascadable Amplifier 100 to 1200 MHz
A1212 MACOM-A1212 Datasheet
109Kb / 1P
   100 TO 1200 MHz CASCADABLE AMPLIFIER
logo
M/A-COM Technology Solu...
A1212 MA-COM-A1212_15 Datasheet
730Kb / 5P
   Cascadable Amplifier 100 - 1200 MHz
logo
Tyco Electronics
A1211 MACOM-A1211_1 Datasheet
381Kb / 2P
   Cascadable Amplifier 10 to 1200 MHz
A16-2 MACOM-A16-2 Datasheet
357Kb / 2P
   Cascadable Amplifier 10 to 1200 MHz
A1211 MACOM-A1211 Datasheet
111Kb / 1P
   10 TO 1200 MHz CASCADABLE AMPLIFIER
A21-1 MACOM-A21-1 Datasheet
107Kb / 1P
   5 TO 1200 MHz CASCADABLE AMPLIFIER
logo
M/A-COM Technology Solu...
SMA21-1 MA-COM-SMA21-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 1200 MHz
logo
Tyco Electronics
A64 MACOM-A64 Datasheet
110Kb / 1P
   10 TO 1200 MHz CASCADABLE AMPLIFIER
A64 MACOM-A64_1 Datasheet
381Kb / 2P
   Cascadable Amplifier 10 to 1200 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com