Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC770LP4BE Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC770LP4BE
Description  GaAs pHEMT 50 / 75 Ohm DIFFERENTIAL AMPLIFIER, 0.04 - 1 GHz
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC770LP4BE Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC770LP4BE Datasheet HTML 1Page - Hittite Microwave Corporation HMC770LP4BE Datasheet HTML 2Page - Hittite Microwave Corporation HMC770LP4BE Datasheet HTML 3Page - Hittite Microwave Corporation HMC770LP4BE Datasheet HTML 4Page - Hittite Microwave Corporation HMC770LP4BE Datasheet HTML 5Page - Hittite Microwave Corporation HMC770LP4BE Datasheet HTML 6Page - Hittite Microwave Corporation HMC770LP4BE Datasheet HTML 7Page - Hittite Microwave Corporation HMC770LP4BE Datasheet HTML 8Page - Hittite Microwave Corporation HMC770LP4BE Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
9
9 - 201
HMC770LP4BE
v00.0909
GaAs pHEMT 50 / 75 Ohm
DIFFERENTIAL AMPLIFIER, 0.04 - 1 GHz
Gain & Return Loss [1]
50 Ohm Data
Return Loss vs. Temperature [1]
Gain vs. Temperature [1]
Return Loss vs. Vdd [1]
-30
-20
-10
0
10
20
0
0.2
0.4
0.6
0.8
1
S21
S11
S22
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
0
0.2
0.4
0.6
0.8
1
+25C
+85C
-40C
FREQUENCY (GHz)
S11
S22
0
5
10
15
20
0
0.2
0.4
0.6
0.8
1
+25C
+85C
-40C
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
0
0.2
0.4
0.6
0.8
1
4.5V
5.0V
5.5V
FREQUENCY (GHz)
S22
S11
Gain vs. Vcc [1]
Gain vs. Rbias
0
5
10
15
20
0
0.2
0.4
0.6
0.8
1
4.5V
5.0V
5.5V
FREQUENCY (GHz)
0
5
10
15
20
0
0.2
0.4
0.6
0.8
1
Rbias = 1.5k Ohms
Rbias = 600 Ohms
Rbias = 200 Ohms
FREQUENCY (GHz)
[1] Rbias=R1=200 Ohms. See application circuit


Similar Part No. - HMC770LP4BE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC770LP4BE HITTITE-HMC770LP4BE Datasheet
949Kb / 14P
   GaAs pHEMT 50 / 75 Ohm DIFFERENTIAL AMPLIFIER, 0.04 - 1 GHz
HMC770LP4BE HITTITE-HMC770LP4BE Datasheet
1Mb / 14P
   GaAs pHEMT 50 / 75 Ohm DIFFERENTIAL AMPLIFIER, 0.04 - 1 GHz
HMC770LP4BE HITTITE-HMC770LP4BE_10 Datasheet
949Kb / 14P
   GaAs pHEMT 50 / 75 Ohm DIFFERENTIAL AMPLIFIER, 0.04 - 1 GHz
HMC770LP4BE_1007 HITTITE-HMC770LP4BE_1007 Datasheet
1Mb / 14P
   GaAs pHEMT 50 / 75 Ohm DIFFERENTIAL AMPLIFIER, 0.04 - 1 GHz
More results

Similar Description - HMC770LP4BE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC770LP4BE_1007 HITTITE-HMC770LP4BE_1007 Datasheet
1Mb / 14P
   GaAs pHEMT 50 / 75 Ohm DIFFERENTIAL AMPLIFIER, 0.04 - 1 GHz
HMC770LP4BE HITTITE-HMC770LP4BE_10 Datasheet
949Kb / 14P
   GaAs pHEMT 50 / 75 Ohm DIFFERENTIAL AMPLIFIER, 0.04 - 1 GHz
HMC599ST89 HITTITE-HMC599ST89 Datasheet
732Kb / 8P
   GaAs pHEMT MMIC LNA, 75 Ohm 50 - 1000 MHz
logo
Analog Devices
HMC599ST89 AD-HMC599ST89 Datasheet
518Kb / 8P
   GaAs pHEMT MMIC LNA, 75 Ohm
logo
Hittite Microwave Corpo...
HMC754S8GE HITTITE-HMC754S8GE_10 Datasheet
1Mb / 10P
   GaAs HBT HIGH LINEARITY PUSH-PULL AMPLIFIER, 75 Ohm, DC - 1 GHz
HMC754S8GE HITTITE-HMC754S8GE Datasheet
630Kb / 10P
   GaAs HBT HIGH LINEARITY PUSH-PULL AMPLIFIER, 75 Ohm, DC - 1 GHz
logo
TriQuint Semiconductor
QPB7464 TRIQUINT-QPB7464 Datasheet
1Mb / 11P
   CATV 75(ohm) pHEMT Dual RF Amplifier
logo
Analog Devices
ADL8102 AD-ADL8102 Datasheet
1Mb / 23P
   GaAs, pHEMT, MMIC, Low Noise Amplifier, 1 GHz to 22 GHz
Rev. 0
logo
Hittite Microwave Corpo...
HMC756 HITTITE-HMC756 Datasheet
289Kb / 8P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 16 - 24 GHz
HMC590LP5 HITTITE-HMC590LP5_09 Datasheet
279Kb / 8P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com