Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC807LP6CE Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC807LP6CE
Description  FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 12.4 - 13.4 GHz
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC807LP6CE Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC807LP6CE Datasheet HTML 1Page - Hittite Microwave Corporation HMC807LP6CE Datasheet HTML 2Page - Hittite Microwave Corporation HMC807LP6CE Datasheet HTML 3Page - Hittite Microwave Corporation HMC807LP6CE Datasheet HTML 4Page - Hittite Microwave Corporation HMC807LP6CE Datasheet HTML 5Page - Hittite Microwave Corporation HMC807LP6CE Datasheet HTML 6Page - Hittite Microwave Corporation HMC807LP6CE Datasheet HTML 7Page - Hittite Microwave Corporation HMC807LP6CE Datasheet HTML 8Page - Hittite Microwave Corporation HMC807LP6CE Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12
12 - 47
HMC807LP6CE
v00.0609
FRACTIONAL-N SYNTHESIZER WITH
INTEGRATED VCO, 12.4 - 13.4 GHz
SSB Phase Noise vs. Frequency,
Integer Mode
SSB Phase Noise vs. Temperature
@ 12.9 GHz, Integer Mode
SSB Phase Noise vs. Reference Freq. &
Loop BW @ 12.9 GHz, Integer Mode
SSB Phase Noise Fractional
Spurs @ 12.902 GHz
Example of Cycle Slip Prevention Hop
from 13.2 to 12.7 GHz
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
10
2
10
3
10
4
10
5
10
6
10
7
12.4 GHz
12.9 GHz
13.4 GHz
OFFSET FREQUENCY (Hz)
Temp = 25C
Fref = 50MHz
Loop BW = 100kHz
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
10
2
10
3
10
4
10
5
10
6
10
7
Fref = 10MHz
Loop BW= 10kHz
Fref = 50MHz
Loop BW=100kHz
OFFSET FREQUENCY (Hz)
10
2
10
3
10
4
10
5
10
6
10
7
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
OFFSET FREQUENCY (Hz)
Temp = 25C
Fref = 50MHz
Loop BW = 100kHz
-10
0
1020304050
12.6
12.7
12.8
12.9
13
13.1
13.2
13.3
TIME (μSEC)
CSP ON
CSP OFF
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
10
2
10
3
10
4
10
5
10
6
10
7
+25 C
+85 C
-40 C
OFFSET FREQUENCY (Hz)
Fref = 50MHz
Loop BW = 100kHz
Typical Reference Sensitivity
vs. Frequency, 3.3V [1]
-50
-40
-30
-20
-10
0
10
20
0
50
100
150
200
250
300
FREQUENCY (MHz)
R = Max, +25C
R = 3, +85C
R = Max, +85C
R = 3, +25C
[1] R refers to the reference path division ratio


Similar Part No. - HMC807LP6CE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC807LP6CE HITTITE-HMC807LP6CE Datasheet
778Kb / 14P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 12.4 - 13.4 GHz
HMC807LP6CE HITTITE-HMC807LP6CE Datasheet
1Mb / 14P
   FRACTIONAL-N PLL WITH INTEGRATED VCO, 12.4 - 13.4 GHz
logo
Analog Devices
HMC807LP6CE AD-HMC807LP6CE Datasheet
1Mb / 14P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
logo
Hittite Microwave Corpo...
HMC807LP6CE HITTITE-HMC807LP6CE_10 Datasheet
778Kb / 14P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 12.4 - 13.4 GHz
HMC807LP6CE HITTITE-HMC807LP6CE_11 Datasheet
1Mb / 14P
   FRACTIONAL-N PLL WITH INTEGRATED VCO, 12.4 - 13.4 GHz
More results

Similar Description - HMC807LP6CE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC807LP6CE HITTITE-HMC807LP6CE_10 Datasheet
778Kb / 14P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 12.4 - 13.4 GHz
HMC807LP6CE HITTITE-HMC807LP6CE_11 Datasheet
1Mb / 14P
   FRACTIONAL-N PLL WITH INTEGRATED VCO, 12.4 - 13.4 GHz
HMC783LP6CE HITTITE-HMC783LP6CE Datasheet
665Kb / 14P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 11.5 - 12.5 GHz
HMC765LP6CE HITTITE-HMC765LP6CE Datasheet
677Kb / 14P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 7.8 - 8.8 GHz
HMC764LP6CE HITTITE-HMC764LP6CE Datasheet
678Kb / 14P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 7.3 - 8.2 GHz
HMC765LP6CE HITTITE-HMC765LP6CE_10 Datasheet
807Kb / 14P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 7.8 - 8.8 GHz
HMC783LP6CE HITTITE-HMC783LP6CE_10 Datasheet
787Kb / 14P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 11.5 - 12.5 GHz
HMC764LP6CE HITTITE-HMC764LP6CE_10 Datasheet
801Kb / 14P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 7.3 - 8.2 GHz
logo
Analog Devices
LTC6948 AD-LTC6948 Datasheet
507Kb / 38P
   Fractional-N Synthesizer Integrated VCO
logo
Hittite Microwave Corpo...
HMC820LP6CE HITTITE-HMC820LP6CE Datasheet
490Kb / 10P
   FRACTIONAL-N SYNTHESIZER w/ INTEGRATED VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com