Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASW-000834-13560T Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-000834-13560T
Description  HMICTM PIN Diode SPDT 50 Watt Switch for 0.05 - 6.0 GHz Higher Power Applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-000834-13560T Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASW-000834-13560T Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-000834-13560T Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-000834-13560T Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-000834-13560T Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-000834-13560T Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW-000834-13560T Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MASW-000834-13560T Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MASW-000834-13560T Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MASW-000834-13560T Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
HMICTM PIN Diode SPDT 50 Watt Switch for
0.05 - 6.0 GHz Higher Power Applications
Rev. V8
MASW-000834-13560T
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
Exceptional Broadband Performance, 0.05 - 6.0 GHz
Low Loss: TX = 0.33 dB @ 2010 MHz, 5V / 20mA
Low Loss: TX = 0.38 dB @ 3.5 GHz, 5V / 20mA
High Isolation: Rx = 44dB @ 2010 MHz, 20mA / 5V
High Isolation: Rx = 36dB @ 3.5 GHz, 20mA / 5V
High TX RF Input Power = 50 W C.W. @ 2010MHz
High Tx RF Input Peak Power > 1000 W
Suitable for Very High Power TD-SCDMA & WiMAX
Applications
Surface Mount 4mm PQFN Package, RoHS* Compliant
Description and Applications
The MASW-000834-13560T is a SPDT Broadband, high
linearity, common anode, PIN diode T/R switch for 0.05 -
6.0 GHz applications, including WiMAX & WiFi. The
device is provided in industry standard 4mm PQFN plastic
packaging. This device incorporates a PIN diode die
fabricated with M/A-COM Technology Solutions patented
Silicon-Glass HMICTM process.
This chip features two
silicon pedestals embedded in a low loss, low dispersion
glass. The diodes are formed on the top of each pedestal.
The topside is fully encapsulated with silicon nitride and
has an additional polymer passivation layer. These
polymer
protective
coatings
prevent
damage
and
contamination during handling and assembly.
This compact 4mm PQFN package, SPDT switch offers
wideband 0.05 - 6.0 GHz performance with excellent
isolation to loss ratio for both TX and RX states. The PIN
diode provides 50 W typical C.W. power handling and 65
dBm IIP3 at 2010 MHz
for
maximum
switch
performance.
Absolute Maximum Ratings 1,2
@ TA = +25 °C (unless otherwise specified)
Parameter
Absolute Maximum
Forward Current
| 100 mA |
Reverse Voltage ( RF & D.C. )
| -200 V |
Operating Temperature
-40 °C to +85 °C
Storage Temperature
-55 °C to +150 °C
Junction Temperature
+175 °C
TX Incident C.W. Power
50W (47 dBm)
3
@ 2010MHz
TX Peak Incident Power
>300 W, 5us, 1% duty
1. Exceeding these limits may cause permanent damage.
2. M/A-COM Technology Solutions does not recommend sustained operation near
these survivability limits.
3. Baseplate Temperature must be controlled to a constant +25°C. See page 7 for
derating curve.
Pin Configuration:
(Center Metal Area is RF, D.C., and Thermal Ground)
Pin
Function
Pin
Function
1
GND
9
DC2
2
ANT
10
N/C
3
GND
11
N/C
4
N/C
12
N/C
5
N/C
13
GND
6
GND
14
TX
7
RX
15
GND
8
GND
16
N/C
Functional Diagram (TOP VIEW)
Ordering Information
Part Number
Package
MASW-000834-13560T
Tape and Reel
MASW-000834-001SMB
Sample Board
MADR-008851-0001TB
Sample Board with recommended
external Driver & MASW-000834-
13560T Switch
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Static Sensitivity
These devices are rated Class 1B Human Body.
Proper ESD control techniques should be used
when handling these devices.
N/C
GND
TX
GND
GND
GND
GND
GND
N/C
N/C
RX
DC2
ANT
(Pin 1)
(Pin 16)
N/C
N/C
N/C
N/C
GND
TX
GND
GND
GND
GND
GND
N/C
N/C
RX
DC2
DC2
ANT
(Pin 1)
(Pin 16)
N/C
N/C
N/C


Similar Part No. - MASW-000834-13560T

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-000834-13560T MA-COM-MASW-000834-13560T Datasheet
248Kb / 13P
   HMICTM PIN Diode SPDT 50 Watt Switch
MASW-000834-13560T MA-COM-MASW-000834-13560T Datasheet
817Kb / 14P
   HMIC PIN Diode SPDT 50 Watt Switch for 0.05 - 6.0 GHz Higher Power Applications
More results

Similar Description - MASW-000834-13560T

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-000834_13560T MA-COM-MASW-000834_13560T_15 Datasheet
817Kb / 14P
   HMIC PIN Diode SPDT 50 Watt Switch for 0.05 - 6.0 GHz Higher Power Applications
logo
Tyco Electronics
MASW-000822-12770T MACOM-MASW-000822-12770T Datasheet
215Kb / 10P
   HMICTM PIN Diode SP2T 8 Watt Switch for 0.05 - 6.0 GHz Higher Power Applications
logo
M/A-COM Technology Solu...
MASW-000822-1277OT MA-COM-MASW-000822-1277OT Datasheet
215Kb / 5P
   HMICTM PIN Diode SP2T 10 Watt Switch for 0.05 - 6.0 GHz Higher Power Applications
MASW-000825-12770T MA-COM-MASW-000825-12770T Datasheet
209Kb / 8P
   HMICTM PIN Diode SP2T 20 Watt Switch for 0.05 - 6.0 GHz Higher Power Applications
MASW-000936 MA-COM-MASW-000936_15 Datasheet
650Kb / 8P
   PIN Diode SPDT 120 Watt Switch for 0.05 - 6.0 GHz Higher Power Applications
MASW-000822-12770T MA-COM-MASW-000822-12770T_15 Datasheet
812Kb / 6P
   HMIC PIN Diode SP2T 10 Watt Switch for 0.05 - 6.0 GHz Higher Power Applications
MASW-000834_13560T_V8 MA-COM-MASW-000834_13560T_V8 Datasheet
248Kb / 13P
   HMICTM PIN Diode SPDT 50 Watt Switch
MASW-000834-13560T MA-COM-MASW-000834-13560T Datasheet
248Kb / 13P
   HMICTM PIN Diode SPDT 50 Watt Switch
MASW-000932-V1-APR11 MA-COM-MASW-000932-V1-APR11 Datasheet
132Kb / 6P
   HMICTM PIN Diode SPDT 80 Watt Switch
logo
California Eastern Labs
UPG2422TK CEL-UPG2422TK_09 Datasheet
770Kb / 16P
   SPDT Switch for 0.05 GHz to 6.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com