Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASW-007072-0001TB Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-007072-0001TB
Description  GaAs SP2T Absorptive Switch with ASIC Driver, DC-3.0 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-007072-0001TB Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASW-007072-0001TB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-007072-0001TB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-007072-0001TB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-007072-0001TB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-007072-0001TB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
GaAs SP2T Absorptive Switch with
ASIC Driver, DC-3.0 GHz
Rev. V3
MASW-007072-000100
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Typical Isolation: 30 dB (2,000 MHz)
• Typical Insertion Loss: .75 dB (2,000 MHz)
• ASIC TTL/CMOS Driver
• Low DC Power Consumption
• 50 Ohm Nominal Impedance
• Tape and Reel Packaging Available
• Test Boards Available
• Lead-Free SOIC-16 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of SW65-0313
Description
M/A-COM's MASW-007072-000100 is a GaAs MMIC
absorptive SP2T switch with an integral silicon ASIC
driver. This device is in a 16-lead plastic package.
This switch offers excellent broadband performance
and repeatability from DC to 3 GHz, while
maintaining low DC power dissipation. The MASW-
007072-000100 is ideally suited for wireless
infrastructure applications. Also available in a
ceramic package with improved performance.
Ordering Information
Part Number
Package
MASW-007072-000100
Bulk Packaging
MASW-007072-0001TR
1000 piece reel
MASW-007072-0001TB
Sample Test Board
Note: Reference Application Note M513 for reel size
information.
Functional Schematic
Pin Configuration
1
Pin No.
Function
Pin No.
Function
1
VEE
9
RFC
2
GND
10
GND
3
GND
11
RF1
4
NC
12
GND
5
GND
13
NC
6
RF2
14
GND
7
GND
15
VCC
8
GND
16
C1
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
1.
NC = No Connection
VEE
GND
GND
NC
GND
RF2
C1
VCC
GND
NC
GND
RF1
GND
RFC
GND
GND


Similar Part No. - MASW-007072-0001TB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW-007072-0001TB MACOM-MASW-007072-0001TB Datasheet
246Kb / 5P
   GaAs SP2T Switch, Absorptive, Switch with ASIC Driver, DC-3.0 GHz
logo
M/A-COM Technology Solu...
MASW-007072-0001TB MA-COM-MASW-007072-0001TB Datasheet
753Kb / 6P
   GaAs SP2T Absorptive Switch with ASIC Driver, DC-3.0 GHz
More results

Similar Description - MASW-007072-0001TB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW65-0313 MACOM-SW65-0313 Datasheet
251Kb / 3P
   GaAs SP2T Absorptive Switch with ASIC Driver, DC - 3.0 GHz
logo
M/A-COM Technology Solu...
SW65-0313 MA-COM-SW65-0313 Datasheet
129Kb / 5P
   GaAs SP2T Absorptive Switch with ASIC Driver, DC-3.0 GHz
MASW-007072-000100 MA-COM-MASW-007072-000100_15 Datasheet
753Kb / 6P
   GaAs SP2T Absorptive Switch with ASIC Driver, DC-3.0 GHz
logo
Tyco Electronics
MASW-007072-000100 MACOM-MASW-007072-000100 Datasheet
246Kb / 5P
   GaAs SP2T Switch, Absorptive, Switch with ASIC Driver, DC-3.0 GHz
SW65-0014 MACOM-SW65-0014 Datasheet
212Kb / 2P
   GaAs SPST Absorptive Switch with ASIC Driver, DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASW-007073-000100 MA-COM-MASW-007073-000100 Datasheet
112Kb / 4P
   GaAs SP4T Absorptive Switch with ASIC Driver, DC-3.0 GHz
logo
Tyco Electronics
SW65-0114 MACOM-SW65-0114 Datasheet
211Kb / 2P
   GaAs SPDT Absorptive Switch with ASIC Driver, DC - 3.0 GHz
logo
M/A-COM Technology Solu...
SW65-0014 MA-COM-SW65-0014 Datasheet
114Kb / 4P
   GaAs SPST Absorptive Switch with ASIC Driver, DC-3.0 GHz
SW65-0314 MA-COM-SW65-0314 Datasheet
111Kb / 4P
   GaAs SP4T Absorptive Switch with ASIC Driver, DC-3.0 GHz
MASW-007075-000100 MA-COM-MASW-007075-000100 Datasheet
117Kb / 4P
   GaAs SPDT Absorptive Switch with ASIC Driver, DC-3.0 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com