Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASW-008955-TR1000 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-008955-TR1000
Description  GaAs SP3T Switch DC - 3.5 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-008955-TR1000 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASW-008955-TR1000 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-008955-TR1000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-008955-TR1000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-008955-TR1000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
North America Tel: 800.366.2266 / Fax: 978.366.2266
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
GaAs SP3T Switch
DC - 3.5 GHz
Rev. V2
MASW-008955
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Features
• Low Insertion Loss: 0.55 dB @ 2.45 GHz
• High P1dB: 35 dBm @ 2.6 V
• 0.5 micron GaAs pHEMT Process
• Lead-Free 2 mm 8-Lead PDFN Package
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• Low gate lag for timing sensitive applications
• 1.8 V Operation with 1.8 V on Voltage Pull Up
Description
M/A-COM’s MASW-008955 is a GaAs pHEMT
MMIC single pole three throw (SP3T) switch in a
lead-free 2 mm 8-lead PDFN package. The MASW-
008955 is ideally suited for applications where low
control voltage, low insertion loss, high isolation,
small size, and low cost are required.
Typical applications are for filter and antenna
switching in WLAN or Bluetooth systems that
connect separate receive functions to a common
antenna
This part can be used in all systems
operating up to 3.5 GHz requiring low control
voltage.
The MASW-008955 is fabricated using a 0.5 micron
gate length GaAs pHEMT process.
The process
features
full
passivation
for
performance
and
reliability.
Pin Configuration
Pin No.
Function
Description
1
RFC
RF In/Out
2
VP
3,4
Optional Voltage Pull Up
3
V1
3
Control 1
4
RF1
RF In/Out
5
RF2
RF In/Out
6
V2
3
Control 2
7
V3
3
Control 3
8
RF3
RF In/Out
Application Schematic
Ordering Information1,2
Part Number
Package
MASW-008955-TR1000
1000 piece reel
MASW-008955-001SMB
Sample Test Board
MASW-008955-TR3000
3000 piece reel
Parameter
Absolute Maximum
Max Input Power
(0.5-3.5 GHz, 2.6 V Control)
RFC – RF1
RFC – RF2
RFC – RF3
35 dBm
31 dBm
31 dBm
|VHI-VLO|
8.5 volts
Operating Temperature
-40
°C to +85°C
Storage Temperature
-65
°C to +150°C
Absolute Maximum Ratings 5,6
5. Exceeding any one or combination of these limits may cause
permanent damage to this device.
6. M/A-COM does not recommend sustained operation near
these survivability limits.
1. Reference Application Note M513 for reel size information.
2. All sample boards include 5 loose parts.
3. Depending on system sensitivity optional DC line bypass
capacitors (22 pF) may be used.
4. Improved linearity at low control voltage can be obtained by
tying pin 2 to the most positive control voltage. Otherwise,
leave pin 2 unconnected.


Similar Part No. - MASW-008955-TR1000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-008955-TR1000 MA-COM-MASW-008955-TR1000 Datasheet
642Kb / 5P
   GaAs SP3T Switch
More results

Similar Description - MASW-008955-TR1000

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC245AQS16 HITTITE-HMC245AQS16 Datasheet
685Kb / 8P
   GaAs MMIC SP3T Non-REFLECTIVE SWITCH, DC - 3.5 GHz
HMC245QS16 HITTITE-HMC245QS16 Datasheet
199Kb / 6P
   GaAs MMIC SP3T NON-REFLECTIVE SWITCH, DC - 3.5 GHz
HMC245QS16 HITTITE-HMC245QS16_06 Datasheet
268Kb / 6P
   GaAs MMIC SP3T NON-REFLECTIVE SWITCH, DC - 3.5 GHz
logo
Hexawave, Inc
HWS467 HW-HWS467 Datasheet
65Kb / 2P
   GaAs DC-2.5 GHz SP3T Switch
logo
Skyworks Solutions Inc.
SKY13345-368LF SKYWORKS-SKY13345-368LF_15 Datasheet
756Kb / 11P
   0.1 to 3.5 GHz SP3T Switch
logo
M/A-COM Technology Solu...
MASWSS0028 MA-COM-MASWSS0028 Datasheet
93Kb / 3P
   GaAs SP3T 2.5 V Switch DC - 3.0 GHz
logo
Skyworks Solutions Inc.
SKY13385-460LF SKYWORKS-SKY13385-460LF Datasheet
727Kb / 10P
   0.1 to 3.5 GHz SP3T Switch
logo
Tyco Electronics
MASW-008330 MACOM-MASW-008330 Datasheet
136Kb / 3P
   GaAs SP3T 2.5 V Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASW-008330 MA-COM-MASW-008330 Datasheet
108Kb / 3P
   GaAs SP3T 2.5 V Switch DC - 3.0 GHz
logo
Tyco Electronics
MASWSS0028 MACOM-MASWSS0028 Datasheet
142Kb / 3P
   GaAs SP3T 2.5 V Switch DC - 3.0 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com