Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4E1318 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MA4E1318
Description  GaAs Flip Chip Schottky Barrier Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4E1318 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MA4E1318 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4E1318 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4E1318 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4E1318 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4E1318 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4E1318 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4E1318 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
GaAs Flip Chip Schottky Barrier Diodes
M/A-COM Products
Rev. V5
MA4E1317, MA4E1318, MA4E1319-1,
MA4E1319-2, MA4E2160
ADVANCED: Data Sheets contain information regarding a product MA-COM Technical Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product MA-COM Technical
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be avail-
able. Commitment to produce in volume is not guaranteed.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
MA-COM Technical Solutions and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice.
Features
• Low Series Resistance
• Low Capacitance
• High Cutoff Frequency
• Silicon Nitride Passivation
• Polyimide Scratch Protection
• Designed for Easy Circuit Insertion
Description and Applications
M/A-COM's MA4E1317 single, MA4E1318 anti-
parallel
pair,
MA4E1319-1
reverse
tee,
MA4E1319-2 series tee and MA4E2160 uncon-
nected anti-parallel pair are gallium arsenide flip
chip Schottky barrier diodes. These devices are
fabricated on OMCVD epitaxial wafers using a
process designed for high device uniformity and
extremely low parasitics.
The diodes are fully
passivated with silicon nitride and have an addi-
tional layer of polyimide for scratch protection.
The protective coatings prevent damage to the
junction during automated or manual handling.
The flip chip configuration is suitable for pick
and place insertion. The high cutoff frequency
of these diodes allows use through millimeter
wave frequencies. Typical applications include
single and double balanced mixers in PCN
transceivers and radios, police radar detectors,
and automotive radar detectors.
The devices
can be used through 80 GHz.
The MA4E1318 anti-parallel pair is designed for
use in sub harmonically pumped mixers. Close
matching of the diode characteristics results in
high LO suppression at the RF input.
MA4E1317
MA4E1318
MA4E1319-1
MA4E1319-2
MA4E2160


Similar Part No. - MA4E1318

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4E1318 MACOM-MA4E1318 Datasheet
160Kb / 5P
   GaAs Flip Chip Schottky Barrier Diodes
logo
M/A-COM Technology Solu...
MA4E1318 MA-COM-MA4E1318 Datasheet
140Kb / 7P
   GaAs Flip Chip Schottky Barrier Diodes
MA4E1318 MA-COM-MA4E1318 Datasheet
653Kb / 6P
   GaAs Flip Chip Schottky Barrier Diodes
MA4E1318 MA-COM-MA4E1318 Datasheet
660Kb / 7P
   Low Series Resistance
More results

Similar Description - MA4E1318

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4E1317_V7 MA-COM-MA4E1317_V7 Datasheet
140Kb / 7P
   GaAs Flip Chip Schottky Barrier Diodes
logo
Tyco Electronics
MA4E1317 MACOM-MA4E1317 Datasheet
160Kb / 5P
   GaAs Flip Chip Schottky Barrier Diodes
logo
M/A-COM Technology Solu...
MA4E1317 MA-COM-MA4E1317_14 Datasheet
653Kb / 6P
   GaAs Flip Chip Schottky Barrier Diodes
logo
Alpha Industries
DMK2783-000 ALPHA-DMK2783-000 Datasheet
85Kb / 4P
   GaAs Flip Chip Schottky Diodes
logo
KODENSHI_AUK CORP.
KBM-N56-1 KODENSHI-KBM-N56-1 Datasheet
43Kb / 1P
   GaAs Flip Chip Schottky Diodes
logo
M/A-COM Technology Solu...
MA4E1310 MA-COM-MA4E1310 Datasheet
72Kb / 5P
   GaAs Flip Chip Schottky Barrier Diode
logo
Microsemi Corporation
MP6250 MICROSEMI-MP6250 Datasheet
135Kb / 2P
   GaAs Flip Chip PIN Diodes
logo
Tyco Electronics
MA4GP907 MACOM-MA4GP907 Datasheet
314Kb / 4P
   GaAs Flip-Chip PIN Diodes
logo
Microsemi Corporation
MS8250-P2920 MICROSEMI-MS8250-P2920 Datasheet
113Kb / 2P
   GaAs Schottky Diodes Flip Chip Anti Parallel Low RS
MS8251-P2920 MICROSEMI-MS8251-P2920 Datasheet
119Kb / 2P
   GaAs Schottky Diodes Flip Chip Anti Parallel Low C
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com