Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MD-169 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MD-169
Description  Termination Insensitive Mixer, 1 MHz - 3.5 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MD-169 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MD-169 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MD-169 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MD-169 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MD-169 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
4
Termination Insensitive Mixer,
1 MHz - 3.5 GHz
Rev. V5
MD- / MDC- / MDS-169
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Performance Curves
Ordering Information
Part Number
Package
MD-169 PIN
FP-2
MDC-169 SMA
C-7
MDS-169
SF-1


Similar Part No. - MD-169

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MD-169 MACOM-MD-169 Datasheet
168Kb / 4P
   Termination Insensitive Mixer, 1 MHz - 3.5 GHz
MD-169PIN MACOM-MD-169PIN Datasheet
248Kb / 4P
   Termination Insensitive Mixer, 1 MHz - 3.5 GHz
MD-169PIN MACOM-MD-169PIN Datasheet
168Kb / 4P
   Termination Insensitive Mixer, 1 MHz - 3.5 GHz
More results

Similar Description - MD-169

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MD-169 MACOM-MD-169 Datasheet
168Kb / 4P
   Termination Insensitive Mixer, 1 MHz - 3.5 GHz
MDS-169 MACOM-MDS-169 Datasheet
248Kb / 4P
   Termination Insensitive Mixer, 1 MHz - 3.5 GHz
MDC-162 MACOM-MDC-162 Datasheet
144Kb / 3P
   Termination-Insensitive Mixer 1 - 7 GHz
logo
M/A-COM Technology Solu...
MDC-162 MA-COM-MDC-162 Datasheet
80Kb / 3P
   Termination-Insensitive Mixer, 1 - 7 GHz
logo
Tyco Electronics
MD-179 MACOM-MD-179 Datasheet
225Kb / 3P
   Termination Insensitive Mixer, 1 - 4000 MHz
MD-160 MACOM-MD-160 Datasheet
215Kb / 3P
   Termination-Insensitive Mixer, 1 - 1500 MHz
MD-161 MACOM-MD-161 Datasheet
202Kb / 3P
   Termination-Insensitive Mixer, 1 - 500 MHz
logo
M/A-COM Technology Solu...
MD-160 MA-COM-MD-160 Datasheet
80Kb / 3P
   Termination Insensitive Mixer, 1 - 1500 MHz
MD-179PIN MA-COM-MD-179PIN Datasheet
64Kb / 3P
   Termination Insensitive Mixer, 1 - 4000 MHz
MD-161 MA-COM-MD-161 Datasheet
109Kb / 3P
   Termination Insensitive Mixer, 1 - 500 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com