Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4EX600H-1225T Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MA4EX600H-1225T
Description  Silicon Double Balanced HMIC Mixer 4200 - 6000 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4EX600H-1225T Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MA4EX600H-1225T Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4EX600H-1225T Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Silicon Double Balanced HMIC Mixer
4200 – 6000 MHz
Rev. V1
MA4EX600H-1225T
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology
Solutions is considering for development. Performance is based on target specifications,
simulated results, and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications
are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be
available. Commitment to produce in volume is not guaranteed.
Case Style – SOT-25
Absolute Maximum Ratings
1
Parameter
Maximum Ratings
Operating Temperature
-40
°C to +85 °C
Storage Temperature
-65
°C to +150 °C
Incident LO Power
+ 20 dBm C.W.
Incident RF Power
+ 20 dBm C.W.
1. Exceeding these limits may cause permanent damage.
Schematic
LO
IF
RF
SOT-25
INCHES
MILLIMETERS
DIM
MIN
MAX
MIN
MAX
A
.106
.122
2.70
3.10
B
.100
.118
2.54
3.00
C
.051
1.30
D
.063 REF.
1.60 REF.
E
.032
.043
.80
1.10
F
.014
.020
.35
.50
G
.003
.08
H
.000
.006
.00
.15
J
.018 REF.
.45 REF
Notes:
1. Leads Coplanarity should be 0.003 (0.08) max.
Typical Performance Curves
( LO Drive = +15dbm, RF = -10dBm, IF = 60 MHz )
CONVERSION LOSS
-9
-8
-7
-6
-5
-4
-3
4200
4450
4700
4950
5200
5450
5700
5950
FREQUENCY (MHz)
PLO = 17dBm
PLO = 13dBm
PLO = 15dBm
ISOLATION
-35
-30
-25
-20
-15
-10
-5
0
4200
4400
4600
4800
5000
5200
5400
5600
5800
6000
FREQUENCY (MHz)
R-I
L-I
L-R
VSWR
0.0
0.5
1.0
1.5
2.0
2.5
3.0
4200
4400
4600
4800
5000
5200
5400
5600
5800
6000
RF Frequency (MHz)
0
200
400
600
800
1000
1200
1400
1600
1800
2000
IF Frequency (MHz)
I Port
R Port
INPUT IP3 & 1dB Compression Point
0
5
10
15
20
25
30
FREQUENCY (MHz)
1db Compression
PLO = 17dBm
PLO = 15dBm
PLO = 13dBm


Similar Part No. - MA4EX600H-1225T

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4EX600H-1225T MACOM-MA4EX600H-1225T Datasheet
153Kb / 4P
   Silicon MMIC Double Balanced HMIC Mixer 4200 - 6000 MHz
More results

Similar Description - MA4EX600H-1225T

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4EX600L1-1225T MACOM-MA4EX600L1-1225T Datasheet
131Kb / 3P
   Silicon Double Balanced HMIC Mixer 4200 - 6000 MHz
logo
M/A-COM Technology Solu...
MA4EX600L-1225T MA-COM-MA4EX600L-1225T Datasheet
84Kb / 2P
   Silicon Double Balanced HMIC Mixer 4200 - 6000 MHz
MA4EX600M-1225T MA-COM-MA4EX600M-1225T Datasheet
88Kb / 2P
   Silicon Double Balanced HMIC Mixer 4200 - 6000 MHz
logo
Tyco Electronics
MA4EX600H-1225T MACOM-MA4EX600H-1225T Datasheet
153Kb / 4P
   Silicon MMIC Double Balanced HMIC Mixer 4200 - 6000 MHz
MA4EX600M-1225T MACOM-MA4EX600M-1225T Datasheet
163Kb / 4P
   Silicon Double Balanced HMICTM Mixer, 4200 - 6000 MHz
MA4EX600L-1225T MACOM-MA4EX600L-1225T Datasheet
128Kb / 4P
   Silicon Double Balanced HMICTM Mixer 4200 - 6000 MHz
logo
M/A-COM Technology Solu...
MA4EX190H1-1225T_V3 MA-COM-MA4EX190H1-1225T_V3 Datasheet
93Kb / 3P
   Silicon Double Balanced HMIC Mixer
MAMX-090950-1277LT MA-COM-MAMX-090950-1277LT Datasheet
91Kb / 4P
   Silicon Double Balanced HMIC Mixer
MA4EX580L-1225T MA-COM-MA4EX580L-1225T Datasheet
86Kb / 3P
   Silicon Double Balanced HMIC Mixer
MA4EX950H1-1225T_V3 MA-COM-MA4EX950H1-1225T_V3 Datasheet
98Kb / 3P
   Silicon Double Balanced HMIC Mixer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com