Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF175GV Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MRF175GV
Description  The RF MOSFET Line 200/150W, 500MHz, 28V
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MRF175GV Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MRF175GV Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MRF175GV Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MRF175GV Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MRF175GV Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MRF175GV Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MRF175GV Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MRF175GV Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MRF175GV Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MRF175GV Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MRF175GU
MRF175GV
2
The RF MOSFET Line
200/150W, 500MHz, 28V
M/A-COM Products
Released - Rev. 07.07
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.


Similar Part No. - MRF175GV

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF175GV MOTOROLA-MRF175GV Datasheet
183Kb / 8P
   N-CHANNEL MOS BROADBAND RF POWER FETs
logo
Tyco Electronics
MRF175GV MACOM-MRF175GV Datasheet
214Kb / 11P
   N-CHANNEL MOS BROADBAND RF POWER FETs
MRF175GV MACOM-MRF175GV Datasheet
209Kb / 10P
   N-CHANNEL MOS BROADBAND RF POWER FETs
logo
Advanced Semiconductor
MRF175GV ASI-MRF175GV Datasheet
22Kb / 1P
   RF POWER FIELD-EFFECT TRANSISTOR
logo
New Jersey Semi-Conduct...
MRF175GV NJSEMI-MRF175GV Datasheet
110Kb / 2P
   RF Power Field-Effect Transistors
More results

Similar Description - MRF175GV

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF175GU MA-COM-MRF175GU Datasheet
447Kb / 16P
   The RF MOSFET Line 200/150W, 500MHz, 28V
MRF175GU MA-COM-MRF175GU_17 Datasheet
1Mb / 17P
   The RF MOSFET Line 200/150W, 500MHz, 28V
MRF275G MA-COM-MRF275G Datasheet
639Kb / 19P
   The RF MOSFET Line 150W, 500MHz, 28V
MRF275G MA-COM-MRF275G Datasheet
639Kb / 19P
   The RF MOSFET Line 150W, 500MHz, 28V
MRF275G MA-COM-MRF275G_17 Datasheet
1Mb / 20P
   The RF MOSFET Line 150W, 500MHz, 28V
MRF176GU MA-COM-MRF176GU Datasheet
397Kb / 12P
   The RF MOSFET Line 200/150W, 500MHz, 50V
MRF176GU MA-COM-MRF176GU_17 Datasheet
963Kb / 13P
   The RF MOSFET Line 200/150W, 500MHz, 50V
MRF176GU MA-COM-MRF176GU Datasheet
397Kb / 12P
   The RF MOSFET Line 200/150W, 500MHz, 50V
MRF166W MA-COM-MRF166W Datasheet
567Kb / 11P
   The RF MOSFET Line 40W, 500MHz, 28V
MRF275L MA-COM-MRF275L Datasheet
541Kb / 17P
   The RF MOSFET Line 100W, 500MHz, 28V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com