Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF175LU Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

Part # MRF175LU
Description  The RF MOSFET Line 100W, 400MHz, 28V
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MRF175LU Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

  MRF175LU Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MRF175LU Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MRF175LU Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MRF175LU Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MRF175LU Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MRF175LU Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MRF175LU Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
The RF MOSFET Line
100W, 400MHz, 28V
M/A-COM Products
Released - Rev. 07.07
MRF175LU
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
MOSFET CAPACITANCES
The physical structure of a MOSFET results in capacitors
between the terminals. The metal oxide gate structure de-
termines the capacitors from gate–to–drain (Cgd), and gate–
to–source (Cgs). The PN junction formed during the fabrica-
tion of the MOSFET results in a junction capacitance from
drain–to–source (Cds).
These capacitances are characterized as input (Ciss),
output (Coss) and reverse transfer (Crss) capacitances on
data sheets. The relationships between the inter–terminal
capacitances and those given on data sheets are shown
below. The Ciss can be specified in two ways:
1.
Drain shorted to source and positive voltage at the
gate.
2.
Positive voltage of the drain in respect to source
and zerovolts at the gate. In the latter case the
numbers are lower. However, neither method
represents the actual operating conditions in RF
applications.
The Ciss givenin the electrical characteristics table was
measured using method 2 above. It should be noted that-
Ciss, Coss, Crss are measured at zero drain current and are
provided for general information about the device. They are
not RF design parameters and no attempt should be made
to use them as such.
LINEARITY AND GAIN CHARACTERISTICS
In addition to the typical IMD and power gain, data pre-
sented in Figure 3 may give the designer additional infor-
mation on the capabilities of this device. The graph repre-
sents the small signal unity current gain frequency at a
given drain current level. This is equivalent to fT for bipolar
transistors. Since this test is performed at a fast sweep
speed, heating of the device does not occur. Thus, in nor-
mal use, the higher temperatures may degrade these char-
acteristics to some extent.
DRAIN CHARACTERISTICS
One figure of merit for a FET is its static resistance in the
full–on condition. This on–resistance, VDS(on), occurs in the
linear region of the output characteristic and is specified un-
der specific test conditions for gate–source voltage and drain
current. For MOSFETs, VDS(on) has a positive temperature
coefficient and constitutes an important design consideration
at high temperatures, because it contributes to the power
dissipation within the device.
GATE CHARACTERISTICS
The gate of the MOSFET is a polysilicon material, and is
electrically isolated from the source by a layer of oxide. The
input resistance is very high — on the order of 109 ohms —
resulting in a leakage current of a few nanoamperes. Gate
control is achieved by applying a positive voltage slightly in
excess of the gate–to–source threshold voltage, VGS(th).
Gate Voltage Rating — Never exceed the gate voltage rat-
ing (or any of the maximum ratings on the front page). Ex-
ceeding the rated VGS can result in permanent damage to
the oxide layer in the gate region.
Gate Termination — The gates of this device are essen-
tially capacitors. Circuits that leave the gate open–circuited
or floating should be avoided. These conditions can result in
turn–on of the devices due to voltage build–up on the input
capacitor due to leakage currents or pickup.
Gate Protection — These devices do not have an internal
monolithic zener diode from gate–to–source. If gate protec-
tion is required, an external zener diode is recommended.
Using a resistor to keep the gate–to–source impedance low
also helps damp transients and serves another important
function. Voltage transients on the drain can be coupled to
the gate through the parasitic gate–drain capacitance. If the
gate–to–source impedance and the rate of voltage change
on the drain are both high, then the signal coupled to the
gate may be large enough to exceed the gate–threshold
voltage and turn the device on.
HANDLING CONSIDERATIONS
When shipping, the devices should be transported only in
antistatic bags or conductive foam. Upon removal from the
packaging, careful handling procedures should be adhered
to. Those handling the devices should wear grounding
straps and devices not in the antistatic packaging should be
kept in metal tote bins. MOSFETs should be handled by the
case and not by the leads, and when testing the device, all
leads should make good electrical contact before voltage is
applied. As a final note, when placing the FET into the sys-
tem it is designed for, soldering should be done with
grounded equipment.
DESIGN CONSIDERATIONS
The MRF175L is a RF power N–channel enhancement
mode field–effect transistor (FETs) designed for HF, VHF
andUHF power amplifier applications. M/A-COM RF MOS-
FETs feature a vertical structure with a planar design. M/A-
RF POWER MOSFET CONSIDERATIONS


Similar Part No. - MRF175LU

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF175LU MOTOROLA-MRF175LU Datasheet
138Kb / 8P
   N-CHANNEL BROADBAND RF POWER FETs
logo
Tyco Electronics
MRF175LU MACOM-MRF175LU Datasheet
144Kb / 8P
   N-CHANNEL BROADBAND RF POWER FETs
logo
M/A-COM Technology Solu...
MRF175LU MA-COM-MRF175LU Datasheet
238Kb / 7P
   The RF MOSFET Line 100W, 400MHz, 28V
MRF175LU MA-COM-MRF175LU_15 Datasheet
238Kb / 7P
   The RF MOSFET Line
MRF175LU MA-COM-MRF175LU_17 Datasheet
703Kb / 8P
   The RF MOSFET Line 100W, 400MHz, 28V
More results

Similar Description - MRF175LU

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF175LU MA-COM-MRF175LU_17 Datasheet
703Kb / 8P
   The RF MOSFET Line 100W, 400MHz, 28V
MRF177 MA-COM-MRF177 Datasheet
438Kb / 11P
   The RF MOSFET Line 100W, 400MHz, 28V
MRF177 MA-COM-MRF177 Datasheet
438Kb / 11P
   The RF MOSFET Line 100W, 400MHz, 28V
MRF175LU MA-COM-MRF175LU Datasheet
238Kb / 7P
   The RF MOSFET Line 100W, 400MHz, 28V
MRF275L MA-COM-MRF275L Datasheet
541Kb / 17P
   The RF MOSFET Line 100W, 500MHz, 28V
MRF275L MA-COM-MRF275L_17 Datasheet
1Mb / 18P
   The RF MOSFET Line 100W, 500MHz, 28V
MRF275L MA-COM-MRF275L Datasheet
541Kb / 17P
   The RF MOSFET Line 100W, 500MHz, 28V
MRF137 MA-COM-MRF137 Datasheet
404Kb / 11P
   The RF MOSFET Line 30W, to 400MHz, 28V
MRF137 MA-COM-MRF137 Datasheet
437Kb / 11P
   The RF MOSFET Line 30W, to 400MHz, 28V
MRF136Y MA-COM-MRF136Y Datasheet
412Kb / 10P
   The RF MOSFET Line 30W, to 400MHz, 28V
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com