Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF323 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MRF323
Description  The RF Line NPN Silicon Power Transistor 20W, 400MHz, 28V
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MRF323 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MRF323 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MRF323 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MRF323 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MRF323 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MRF323 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
The RF Line NPN Silicon Power Transistor
20W, 400MHz, 28V
M/A-COM Products
Released - Rev. 07.07
MRF323
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.


Similar Part No. - MRF323

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF323 MOTOROLA-MRF323 Datasheet
110Kb / 6P
   RF POWER TRANSISTOR NPN SILICON
logo
Tyco Electronics
MRF323 MACOM-MRF323 Datasheet
184Kb / 5P
   RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
MRF323 ASI-MRF323 Datasheet
18Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
logo
M/A-COM Technology Solu...
MRF323 MA-COM-MRF323 Datasheet
223Kb / 5P
   The RF Line NPN Silicon Power Transistor 20W, 400MHz, 28V
logo
New Jersey Semi-Conduct...
MRF323 NJSEMI-MRF323 Datasheet
98Kb / 2P
   Designed primarily for wideband large-signal driver and predriver amplifier stages in the 200-500 MHz frequency range
More results

Similar Description - MRF323

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF323 MA-COM-MRF323 Datasheet
223Kb / 5P
   The RF Line NPN Silicon Power Transistor 20W, 400MHz, 28V
MRF321 MA-COM-MRF321 Datasheet
224Kb / 5P
   The RF Line NPN Silicon Power Transistor 10W, 400MHz, 28V
MRF321 MA-COM-MRF321 Datasheet
224Kb / 5P
   The RF Line NPN Silicon Power Transistor 10W, 400MHz, 28V
2N6439 MA-COM-2N6439 Datasheet
213Kb / 6P
   The RF Line NPN Silicon Power Transistor 60W, 225 to 400MHz, 28V
MRF313 MA-COM-MRF313 Datasheet
113Kb / 4P
   The RF Line NPN Silicon High-Frequency Transistor 1.0W, 400MHz, 28V
MRF175LU MA-COM-MRF175LU_17 Datasheet
703Kb / 8P
   The RF MOSFET Line 100W, 400MHz, 28V
MRF177 MA-COM-MRF177 Datasheet
438Kb / 11P
   The RF MOSFET Line 100W, 400MHz, 28V
MRF177 MA-COM-MRF177 Datasheet
438Kb / 11P
   The RF MOSFET Line 100W, 400MHz, 28V
MRF175LU MA-COM-MRF175LU Datasheet
238Kb / 7P
   The RF MOSFET Line 100W, 400MHz, 28V
MRF175LU MA-COM-MRF175LU Datasheet
238Kb / 7P
   The RF MOSFET Line 100W, 400MHz, 28V
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com