Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF1090MB Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MRF1090MB
Description  Microwave Pulse Power Silicon NPN Transistor 90W (peak), 960-1215MHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MRF1090MB Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MRF1090MB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MRF1090MB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MRF1090MB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MRF1090MB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MRF1090MB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Microwave Pulse Power Silicon NPN Transistor
90W (peak), 960–1215MHz
M/A-COM Products
Released - Rev. 07.07
MRF1090MB
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.


Similar Part No. - MRF1090MB

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF1090MB MOTOROLA-MRF1090MB Datasheet
104Kb / 6P
   MICROWAVE POWER TRANSISTORS
logo
Tyco Electronics
MRF1090MB MACOM-MRF1090MB Datasheet
120Kb / 4P
   MICROWAVE POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
MRF1090MB ASI-MRF1090MB Datasheet
17Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
logo
M/A-COM Technology Solu...
MRF1090MB MA-COM-MRF1090MB Datasheet
185Kb / 5P
   Microwave Pulse Power Silicon NPN Transistor
MRF1090MB MA-COM-MRF1090MB_15 Datasheet
185Kb / 5P
   Microwave Pulse Power Silicon NPN Transistor
More results

Similar Description - MRF1090MB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF1090MA MA-COM-MRF1090MA Datasheet
184Kb / 5P
   Microwave Pulse Power Silicon NPN Transistor 90W (peak), 960-1215MHz
MRF1004MB MA-COM-MRF1004MB Datasheet
170Kb / 5P
   Microwave Pulse Power Silicon NPN Transistor 4.0W (peak), 960-1215MHz
MRF1150MA MA-COM-MRF1150MA Datasheet
196Kb / 5P
   Microwave Pulse Power Silicon NPN Transistor 150W (peak), 960-1215MHz
MRF1150MB MA-COM-MRF1150MB Datasheet
191Kb / 5P
   Microwave Pulse Power Silicon NPN Transistor 150W (peak), 960-1215MHz
MRF10120 MA-COM-MRF10120 Datasheet
171Kb / 5P
   Microwave Long Pulse Power Silicon NPN Transistor 120W (peak), 960-1215MHz
MRF10502 MA-COM-MRF10502 Datasheet
188Kb / 6P
   Microwave Pulse Power Silicon NPN Transistor 500W (peak), 1025-1150MHz
MRF10150 MA-COM-MRF10150 Datasheet
187Kb / 6P
   Microwave Pulse Power Silicon NPN Transistor 150W (peak), 1025-1150MHz
MRF10350 MA-COM-MRF10350 Datasheet
188Kb / 6P
   Microwave Pulse Power Silicon NPN Transistor 350W (peak), 1025-1150MHz
MRF1004MB MA-COM-MRF1004MB Datasheet
170Kb / 5P
   Microwave Pulse Power Silicon NPN Transistor
MRF1150MB MA-COM-MRF1150MB_15 Datasheet
191Kb / 5P
   Microwave Pulse Power Silicon NPN Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com