Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC-C065 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC-C065
Description  50 Gbps, AND / NAND / OR / NOR MODULE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC-C065 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC-C065 Datasheet HTML 1Page - Hittite Microwave Corporation HMC-C065 Datasheet HTML 2Page - Hittite Microwave Corporation HMC-C065 Datasheet HTML 3Page - Hittite Microwave Corporation HMC-C065 Datasheet HTML 4Page - Hittite Microwave Corporation HMC-C065 Datasheet HTML 5Page - Hittite Microwave Corporation HMC-C065 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
6 - 23
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
6
Electrical Specifications, (continued)
HMC-C065
v01.0109
50 Gbps, AND / NAND / OR / NOR
MODULE
Parameter
Conditions
Min.
Typ.
Max
Units
Output Return Loss
up to 28 GHz
10
dB
Propagation Delay, td
230
ps
Data Input Amplitude
Single-Ended Amplitude
100
800
mV p-p
Differential Amplitude
100
2000
mV p-p
Input High Voltage
-0.5
0.5
V
Input Low Voltage
-1
0
V
Output High Voltage
-10
mV
Output Low Voltage
-300
mV
[1] Deterministic jitter measured at 45 Gbps with PRBS 213-1 pattern. It is the peak to peak deviation from the ideal time crossing
[2] Random jitter is measured with 45 Gbps 10101… pattern
DC Current vs. Supply Voltage
Differential Output vs. Supply Voltage
Output Power vs. Frequency
100
125
150
175
200
225
250
-3.6
-3.5
-3.4
-3.3
-3.2
-3.1
-3
+25C
+70C
-40C
SUPPLY VOLTAGE Vee (V)
0
200
400
600
800
-3.6
-3.5
-3.4
-3.3
-3.2
-3.1
-3
+25C
+70C
-40C
SUPPLY VOLTAGE Vee (V)
-12
-10
-8
-6
-4
-2
0
1
5
9
13
17
21
25
FREQUENCY (GHz)


Similar Part No. - HMC-C065

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C060 HITTITE-HMC-C060 Datasheet
170Kb / 6P
   43 Gbps, D-TYPE FLIP-FLOP MODULE
HMC-C061 HITTITE-HMC-C061 Datasheet
180Kb / 6P
   50 Gbps, DOUBLE-EDGE TRIGGERED D-TYPE FLIP-FLOP MODULE
HMC-C062 HITTITE-HMC-C062 Datasheet
185Kb / 6P
   50 Gbps, 1:2 FANOUT BUFFER MODULE
HMC-C064 HITTITE-HMC-C064 Datasheet
185Kb / 6P
   50 Gbps, XOR / XNOR Module
More results

Similar Description - HMC-C065

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC672LC3C HITTITE-HMC672LC3C Datasheet
284Kb / 8P
   14 Gbps, AND / NAND / OR / NOR Gate
HMC726LC3C HITTITE-HMC726LC3C Datasheet
425Kb / 8P
   14 Gbps, FAST RISE TIME AND / NAND / OR / NOR GATE
HMC843LC4B HITTITE-HMC843LC4B Datasheet
1,010Kb / 8P
   45 Gbps, AND / NAND / OR / NOR w/ PROGRAMMABLE OUTPUT VOLTAGE
logo
Toshiba Semiconductor
AD62476P TOSHIBA-AD62476P Datasheet
206Kb / 5P
   2CH PERIPHERAL AND/NAND/OR/NOR/DRIVERS
logo
Hittite Microwave Corpo...
HMC722LP3E HITTITE-HMC722LP3E Datasheet
693Kb / 8P
   13 Gbps, FAST RISE TIME AND/NAND/OR/NOR GATE, w/ PROGRAMMABLE OUTPUT VOLTAGE
HMC722LC3C HITTITE-HMC722LC3C Datasheet
660Kb / 8P
   13 Gbps, FAST RISE TIME AND/NAND/OR/NOR GATE, w/ PROGRAMMABLE OUTPUT VOLTAGE
HMC746LC3C HITTITE-HMC746LC3C_10 Datasheet
696Kb / 8P
   13 Gbps, FAST RISE TIME AND/NAND/OR/NOR GATE, w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC746LC3C HITTITE-HMC746LC3C Datasheet
263Kb / 8P
   13 Gbps, FAST RISE TIME AND/NAND/OR/NOR GATE, w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
logo
List of Unclassifed Man...
TC390 ETC1-TC390 Datasheet
421Kb / 3P
   DUAL INTERFACE BUFFERS / DUAL 2-INPUT NAND/AND/OR/NOR / DUAL 4-INPUT AND/NAND WITH EXPANDER
logo
Minilogic Device Corpor...
ML74WLAB MINILOGIC-ML74WLAB Datasheet
159Kb / 4P
   NAND Gate (unbuffered) and NOR Gate (unbuffered)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com