Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC-C072 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC-C072
Description  ULTRA LOW PHASE NOISE AMPLIFIER, 6 - 12 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC-C072 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC-C072 Datasheet HTML 1Page - Hittite Microwave Corporation HMC-C072 Datasheet HTML 2Page - Hittite Microwave Corporation HMC-C072 Datasheet HTML 3Page - Hittite Microwave Corporation HMC-C072 Datasheet HTML 4Page - Hittite Microwave Corporation HMC-C072 Datasheet HTML 5Page - Hittite Microwave Corporation HMC-C072 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
1 - 140
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
1
HMC-C072
v03.0110
ULTRA LOW PHASE NOISE
AMPLIFIER, 6 - 12 GHz
Outline Drawing
NOTES:
1. PACKAGE, LEADS, COVER MATERIAL: KOVAR™
2. FINISH: GOLD PLATE OVER NICKEL PLATE.
3. ALL DIMENSIONS ARE IN INCHES [MILLIMETERS].
4. TOLERANCES:
4.1 .XX = ±.02
4.2 .XXX = ±.010
5. MARK LOT NUMBER ON 0.080 X 0.250 LABEL
WHERE SHOWN, WITH 0.030” MIN TEXT HEIGHT.
Package Information
Package Type
C-16
Package Weight
107 gms [1]
[1] ±1 gms Tolerance


Similar Part No. - HMC-C072

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C072 HITTITE-HMC-C072 Datasheet
339Kb / 6P
   ULTRA LOW PHASE NOISE AMPLIFIER, 6 - 12 GHz
HMC-C072 HITTITE-HMC-C072_10 Datasheet
339Kb / 6P
   ULTRA LOW PHASE NOISE AMPLIFIER, 6 - 12 GHz
More results

Similar Description - HMC-C072

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C072 HITTITE-HMC-C072_10 Datasheet
339Kb / 6P
   ULTRA LOW PHASE NOISE AMPLIFIER, 6 - 12 GHz
logo
Qorvo, Inc
CMD319C3 QORVO-CMD319C3 Datasheet
360Kb / 13P
   8-12 GHz Ultra Low Noise Amplifier
CMD319 QORVO-CMD319 Datasheet
355Kb / 13P
   8-12 GHz Ultra Low Noise Amplifier
October 13, 2021
CMD245C4 QORVO-CMD245C4 Datasheet
250Kb / 10P
   6-18 GHz Low Phase Noise Amplifier
CMD245 QORVO-CMD245 Datasheet
305Kb / 10P
   6-18 GHz Low Phase Noise Amplifier
logo
Custom MMIC Design Serv...
CMD245C4 MMIC-CMD245C4 Datasheet
255Kb / 10P
   6-18 GHz Low Phase Noise Amplifier
CMD245 MMIC-CMD245 Datasheet
310Kb / 10P
   6-18 GHz Low Phase Noise Amplifier
logo
Qorvo, Inc
CMD283C3 QORVO-CMD283C3 Datasheet
248Kb / 10P
   2-6 GHz Ultra Low Noise Amplifier
CMD283 QORVO-CMD283 Datasheet
225Kb / 10P
   2-6 GHz Ultra Low Noise Amplifier
logo
Custom MMIC Design Serv...
CMD283 MMIC-CMD283 Datasheet
225Kb / 10P
   2-6 GHz Ultra Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com