Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC-C074 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC-C074
Description  SINGLE STAGE POWER AMPLIFIER MODULE, 10 MHz - 6 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC-C074 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC-C074 Datasheet HTML 1Page - Hittite Microwave Corporation HMC-C074 Datasheet HTML 2Page - Hittite Microwave Corporation HMC-C074 Datasheet HTML 3Page - Hittite Microwave Corporation HMC-C074 Datasheet HTML 4Page - Hittite Microwave Corporation HMC-C074 Datasheet HTML 5Page - Hittite Microwave Corporation HMC-C074 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1 - 144
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
1
Output P1dB vs. Temperature
Output Psat vs. Temperature
Output IP3 vs. Temperature
Power Compression @ 3 GHz
Gain & Return Loss vs. Frequency
Log Scale
Output IP3 vs. Temperature
Log Scale
HMC-C074
v00.0709
SINGLE STAGE POWER AMPLIFIER
MODULE, 10 MHz - 6 GHz
0
5
10
15
20
25
30
35
-10
-5
0
5
10
15
20
Pout (dBm)
Gain (dB)
PAE (%)
INPUT POWER (dBm)
-30
-20
-10
0
10
20
0
0.1
1
10
S21
S11
S22
FREQUENCY (GHz)
20
25
30
35
40
45
50
55
60
0
0.1
1
10
+25C
+85C
-40C
FREQUENCY (GHz)
22
24
26
28
30
32
34
012
3
456
7
+25C
+85C
-40C
FREQUENCY (GHz)
22
24
26
28
30
32
34
012
3
456
7
+25C
+85C
-40C
FREQUENCY (GHz)
20
25
30
35
40
45
50
55
60
012
3
456
7
+25C
+85C
-40C
FREQUENCY (GHz)


Similar Part No. - HMC-C074

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C074 HITTITE-HMC-C074 Datasheet
251Kb / 6P
   SINGLE STAGE POWER AMPLIFIER MODULE, 10 MHz - 6 GHz
HMC-C074 HITTITE-HMC-C074 Datasheet
536Kb / 6P
   Single Stage Power Amplifier MODULE , 10 MHz - 6 GHz
HMC-C074 HITTITE-HMC-C074_1 Datasheet
251Kb / 6P
   SINGLE STAGE POWER AMPLIFIER MODULE, 10 MHz - 6 GHz
HMC-C074 HITTITE-HMC-C074_11 Datasheet
536Kb / 6P
   Single Stage Power Amplifier MODULE , 10 MHz - 6 GHz
More results

Similar Description - HMC-C074

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C074 HITTITE-HMC-C074_1 Datasheet
251Kb / 6P
   SINGLE STAGE POWER AMPLIFIER MODULE, 10 MHz - 6 GHz
HMC-C074 HITTITE-HMC-C074_11 Datasheet
536Kb / 6P
   Single Stage Power Amplifier MODULE , 10 MHz - 6 GHz
HMC-C075 HITTITE-HMC-C075_1 Datasheet
257Kb / 6P
   TWO STAGE POWER AMPLIFIER MODULE, 10 MHz - 6 GHz
HMC-C075 HITTITE-HMC-C075 Datasheet
257Kb / 6P
   TWO STAGE POWER AMPLIFIER MODULE, 10 MHz - 6 GHz
HMC-C075 HITTITE-HMC-C075_11 Datasheet
439Kb / 6P
   tWO Stage Pow er Amplifier Module, 10 MHz - 6 GHz
HMC-C004 HITTITE-HMC-C004 Datasheet
361Kb / 6P
   WIDEBAND DRIVER AMPLIFIER MODULE, 10 MHz - 20 GHz
HMC-C024 HITTITE-HMC-C024 Datasheet
295Kb / 6P
   WIDEBAND DRIVER AMPLIFIER MODULE, 10 MHz - 20 GHz
HMC-C024 HITTITE-HMC-C024 Datasheet
874Kb / 6P
   WIDEBAND DRIVER AMPLIFIER MODULE, 10 MHz - 20 GHz
logo
Teledyne Technologies I...
TGM-06-2002 TELEDYNE-TGM-06-2002 Datasheet
851Kb / 2P
   Module Amplifier 2 GHz - 6 GHz
TGM-18-6002 TELEDYNE-TGM-18-6002 Datasheet
895Kb / 2P
   Module Amplifier 6 GHz - 18 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com