Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC-C200 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC-C200
Description  DIELECTRIC RESONATOR OSCILLATOR MODULE, 8.0 - 8.3 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC-C200 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC-C200 Datasheet HTML 1Page - Hittite Microwave Corporation HMC-C200 Datasheet HTML 2Page - Hittite Microwave Corporation HMC-C200 Datasheet HTML 3Page - Hittite Microwave Corporation HMC-C200 Datasheet HTML 4Page - Hittite Microwave Corporation HMC-C200 Datasheet HTML 5Page - Hittite Microwave Corporation HMC-C200 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
3 - 4
3
DIELECTRIC RESONATOR OSCILLATOR
MODULE, 8.0 - 8.3 GHz
v00.0509
General Description
Features
Functional Diagram
The HMC-C200 is a high performance dielectric
resonator oscillator (DRO) that incorporates Hittite’s
ultra-low
phase
noise
technology
and
provides
-124 dBc/Hz SSB phase noise at 10 kHz offset.
The output buffer also provides 14.5 dBm of output
power. Internal temperature compensation allows this
DRO to operate over a temperature range of -40°C
to + 85°C with a frequency drift of only 2ppm/°C. The
Vtune port accepts an analog tuning voltage from
+7 to +12V and provides a range of ±1 MHz from the
center frequency. The DRO is packaged in a small,
moisture sealed 1.5”x1.5” (36 x 36 mm) module with
a field replaceable SMA Connector. The HMC-C200
can be used as a drop-in module if the SMA connector
is not used.
Customizable Tuning Frequency: 8.0 - 8.3 GHz
Low SSB Phase Noise: -124 dBc/Hz @ 10 kHz Offset
Single Positive Supply: +6 to +15V @ 125 mA
Internal Voltage Regulator
Internal Buffer Amplifier
High Output Power: +14.5 dBm
-40°C to + 85°C Operating Temperature
Typical Applications
The HMC-C200 DRO Module is ideal for:
• Test & Measurement Equipment
• Lab Instrumentation
• Industrial / Medical Equipment
• Military / EW / ECM / Communications
Electrical Specifications, T
A = +25° C, Frequency = 8.2 GHz, VDC = +6.5V
Parameter
Min.
Typ.
Max.
Units
Frequency Range
8.0
8.2
8.3
GHz
Frequency Accuracy
±250
kHz
Power Output, Center Frequency
13
14.5
dBm
SSB Phase Noise @ 1 kHz Offset, Center Frequency
-95
dBc/Hz
SSB Phase Noise @ 10 kHz Offset, Center Frequency
-120
-124
dBc/Hz
SSB Phase Noise @ 100 kHz Offset, Center Frequency
-140
dBc/Hz
SSB Phase Noise @ 1 MHz Offset, Center Frequency
-150
dBc/Hz
HMC-C200
Ordering Instructions
Each HMC-C200 DRO requires tuning to a specific frequency in the 8.0 - 8.3 GHz range. To order an HMC-C200,
this frequency must be specified at the time of purchase. Hittite guarantees a ±250 kHz range around this target upon
delivery. In the case of classified or proprietary frequencies, an HMC-C200 can be ordered with a target frequency
close to the desired frequency without communicating sensitive information. A tuning screw is provided that can
adjust the center frequency by approximately ±20 MHz from the target. Please refer to the application instructions for
more details. For example, when ordering an HMC-C200 centered at 8.200 GHz, specify HMC-C200-8200.


Similar Part No. - HMC-C200

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C200 HITTITE-HMC-C200 Datasheet
212Kb / 6P
   DIELECTRIC RESONATOR OSCILLATOR MODULE, 8.0 - 8.3 GHz
HMC-C200 HITTITE-HMC-C200_4 Datasheet
212Kb / 6P
   DIELECTRIC RESONATOR OSCILLATOR MODULE, 8.0 - 8.3 GHz
More results

Similar Description - HMC-C200

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C200 HITTITE-HMC-C200_4 Datasheet
212Kb / 6P
   DIELECTRIC RESONATOR OSCILLATOR MODULE, 8.0 - 8.3 GHz
logo
API Technologies Corp
518038 APITECH-518038 Datasheet
179Kb / 1P
   DIELECTRIC RESONATOR OSCILLATOR
515106 APITECH-515106 Datasheet
183Kb / 1P
   DIELECTRIC RESONATOR OSCILLATOR
514060 APITECH-514060 Datasheet
178Kb / 1P
   DIELECTRIC RESONATOR OSCILLATOR
514057 APITECH-514057 Datasheet
178Kb / 1P
   DIELECTRIC RESONATOR OSCILLATOR
logo
Spectrum Microwave, Inc...
518038 SPECTRUM-518038 Datasheet
67Kb / 1P
   DIELECTRIC RESONATOR OSCILLATOR
MDR2100-18500 SPECTRUM-MDR2100-18500 Datasheet
109Kb / 1P
   Dielectric Resonator Oscillator
MDR5100 SPECTRUM-MDR5100 Datasheet
189Kb / 1P
   Dielectric Resonator Oscillator
MDR2100-5500 SPECTRUM-MDR2100-5500 Datasheet
109Kb / 1P
   Dielectric Resonator Oscillator
logo
SYNERGY MICROWAVE CORPO...
DRO80 SYNERGY-DRO80 Datasheet
417Kb / 3P
   DIELECTRIC RESONATOR OSCILLATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com