Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M52S32321A-6BG Datasheet(PDF) 3 Page - Elite Semiconductor Memory Technology Inc.

Part # M52S32321A-6BG
Description  512K x 32Bit x 2Banks Synchronous DRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M52S32321A-6BG Datasheet(HTML) 3 Page - Elite Semiconductor Memory Technology Inc.

  M52S32321A-6BG Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. M52S32321A-6BG Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M52S32321A-6BG Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M52S32321A-6BG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M52S32321A-6BG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M52S32321A-6BG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M52S32321A-6BG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M52S32321A-6BG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M52S32321A-6BG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
ESMT
M52S32321A
Elite Semiconductor Memory Technology Inc.
Publication Date : Jan. 2009
Revision : 1.5
3/29
DQ0 ~ 31
Data Input / Output
Data inputs/outputs are multiplexed on the same pins.
VDD/VSS
Power Supply/Ground
Power and ground for the input buffers and the core logic.
VDDQ/VSSQ
Data Output Power/Ground
Isolated power supply and ground for the output buffers to provide improved
noise immunity.
N.C/RFU
No Connection/
Reserved for Future Use
This pin is recommended to be left No Connection on the device.
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Voltage on any pin relative to VSS
VIN,VOUT
-1.0 ~ 3.6
V
Voltage on VDD supply relative to VSS
VDD,VDDQ
-1.0 ~ 3.6
V
Storage temperature
TSTG
-55 ~ + 150
C
°
Power dissipation
PD
0.7
W
Short circuit current
IOS
50
mA
Note:
Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded.
Functional operation should be restricted to recommended operating condition.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability.
DC OPERATING CONDITIONS
Recommended operating conditions (Voltage referenced to VSS = 0V, TA= 0 C
° ~ 70 C
° )
Parameter
Symbol
Min
Typ
Max
Unit
Note
Supply voltage
VDD,VDDQ
2.3
2.5
2.7
V
Input logic high voltage
VIH
0.8 x VDDQ
2.5
VDDQ+0.3
V
1
Input logic low voltage
VIL
-0.3
0
0.3
V
2
Output logic high voltage
VOH
VDDQ -0.2
-
-
V
IOH =-0.1mA
Output logic low voltage
VOL
-
-
0.2
V
IOL = 0.1mA
Input leakage current
IIL
-5
-
5
uA
3
Output leakage current
IOL
-5
-
5
uA
4
Note :
1.VIH (max) = 3.0V AC for pulse width
3ns acceptable.
2.VIL (min) = -1.0V AC for pulse width
3ns acceptable.
3.Any input 0V
VIN VDDQ, all other pins are not under test = 0V.
4.Dout is disabled, 0V
VOUT VDDQ.
CAPACITANCE
(VDD = 2.5V, TA = 25 C
°
, f = 1MHz)
Pin
Symbol
Min
Max
Unit
CLOCK
CCLK
-
4.0
pF
RAS , CAS , WE , CS , CKE, LDQM,
UDQM
CIN
-
4.0
pF
ADDRESS
CADD
-
4.0
pF
DQ0 ~DQ31
COUT
-
6.0
pF


Similar Part No. - M52S32321A-6BG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M52S32321A-6BIG ESMT-M52S32321A-6BIG Datasheet
758Kb / 29P
   512K x 32Bit x 2Banks Synchronous DRAM
More results

Similar Description - M52S32321A-6BG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M52D32321A ESMT-M52D32321A Datasheet
690Kb / 29P
   512K x 32Bit x 2Banks Synchronous DRAM
M52S32321A ESMT-M52S32321A_1 Datasheet
758Kb / 29P
   512K x 32Bit x 2Banks Synchronous DRAM
M52L32321A ESMT-M52L32321A Datasheet
870Kb / 30P
   512K x 32Bit x 2Banks Synchronous DRAM
M12L32321A ESMT-M12L32321A Datasheet
654Kb / 28P
   512K x 32Bit x 2Banks Synchronous DRAM
M52D32321A ESMT-M52D32321A_09 Datasheet
839Kb / 30P
   512K x 32Bit x 2Banks Mobile Synchronous DRAM
M12S16161A ESMT-M12S16161A_1 Datasheet
627Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A Datasheet
566Kb / 27P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_08 Datasheet
699Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_05 Datasheet
697Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12S16161A ESMT-M12S16161A_07 Datasheet
613Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com