Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M52S32321A-7.5BIG Datasheet(PDF) 1 Page - Elite Semiconductor Memory Technology Inc.

Part # M52S32321A-7.5BIG
Description  512K x 32Bit x 2Banks Synchronous DRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M52S32321A-7.5BIG Datasheet(HTML) 1 Page - Elite Semiconductor Memory Technology Inc.

  M52S32321A-7.5BIG Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. M52S32321A-7.5BIG Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M52S32321A-7.5BIG Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M52S32321A-7.5BIG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M52S32321A-7.5BIG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M52S32321A-7.5BIG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M52S32321A-7.5BIG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M52S32321A-7.5BIG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M52S32321A-7.5BIG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
ESMT
M52S32321A
Operation Temperature Condition -40
℃~85℃
Elite Semiconductor Memory Technology Inc.
Publication Date : Nov. 2008
Revision : 1.0
1/29
SDRAM
512K x 32Bit x 2Banks
Synchronous DRAM
FEATURES
2.5V power supply
LVCMOS compatible with multiplexed address
Dual banks operation
MRS cycle with address key programs
-
CAS Latency (1, 2 & 3 )
-
Burst Length (1, 2, 4, 8 & full page)
-
Burst Type (Sequential & Interleave)
EMRS cycle with address key programs.
All inputs are sampled at the positive going edge of the
system clock
Burst Read Single-bit Write operation
Special Function Support.
-
PASR (Partial Array Self Refresh )
-
TCSR (Temperature compensated Self Refresh)
-
DS (Driver Strength)
DQM for masking
Auto & self refresh
64ms refresh period (4K cycle)
GENERAL DESCRIPTION
The M52S32321A is 33,554,432 bits synchronous high
data rate Dynamic RAM organized as 2 x 524,288 words by
32 bits, fabricated with high performance CMOS technology.
Synchronous design allows precise cycle control with the
use of system clock I/O transactions are possible on every
clock cycle. Range of operating frequencies, programmable
burst length and programmable latencies allow the same
device to be useful for a variety of high bandwidth, high
performance memory system applications.
ORDERING INFORMATION
Product ID
Max
Freq.
Package
Comments
M52S32321A -6BIG
166MHz 90 Ball VFBGA
Pb-free
M52S32321A -7.5BIG 133MHz 90 Ball VFBGA
Pb-free
M52S32321A -10BIG 100MHz 90 Ball VFBGA
Pb-free
PIN CONFIGURATION (TOP VIEW)
90 Ball FBGA
1
2
3
4
5
6
7
8
9
A
DQ26 DQ24
VSS
VDD
DQ23 DQ21
B
DQ28 VDDQ VSSQ
VDDQ VSSQ DQ19
C
VSSQ DQ27 DQ25
DQ22 DQ20 VDDQ
D
VSSQ DQ29 DQ30
DQ17 DQ18 VDDQ
E
VDDQ DQ31
NC
NC
DQ16 VSSQ
F
VSS DQM3
A3
A2
DQM2 VDD
G
A4
A5
A6
A10
A0
A1
H
A7
A8
NC
NC
NC
NC
J
CLK
CKE
A9
BA
CS
RAS
K
DQM1
NC
NC
CAS
WE
DQM0
L
VDDQ DQ8
VSS
VDD
DQ7
VSSQ
M
VSSQ DQ10
DQ9
DQ6
DQ5 VDDQ
N
VSSQ DQ12 DQ14
DQ1
DQ3 VDDQ
P
DQ11 VDDQ VSSQ
VDDQ VSSQ
DQ4
R
DQ13 DQ15
VSS
VDD
DQ0
DQ2


Similar Part No. - M52S32321A-7.5BIG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M52S32321A-7.5BG ESMT-M52S32321A-7.5BG Datasheet
802Kb / 29P
   512K x 32Bit x 2Banks Synchronous DRAM
More results

Similar Description - M52S32321A-7.5BIG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M52D32321A ESMT-M52D32321A Datasheet
690Kb / 29P
   512K x 32Bit x 2Banks Synchronous DRAM
M52L32321A ESMT-M52L32321A Datasheet
870Kb / 30P
   512K x 32Bit x 2Banks Synchronous DRAM
M12L32321A ESMT-M12L32321A Datasheet
654Kb / 28P
   512K x 32Bit x 2Banks Synchronous DRAM
M52S32321A ESMT-M52S32321A Datasheet
802Kb / 29P
   512K x 32Bit x 2Banks Synchronous DRAM
M52D32321A ESMT-M52D32321A_09 Datasheet
839Kb / 30P
   512K x 32Bit x 2Banks Mobile Synchronous DRAM
M12S16161A ESMT-M12S16161A_1 Datasheet
627Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A Datasheet
566Kb / 27P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_08 Datasheet
699Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_05 Datasheet
697Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12S16161A ESMT-M12S16161A_07 Datasheet
613Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com