Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M52S32321A-7.5BIG Datasheet(PDF) 6 Page - Elite Semiconductor Memory Technology Inc.

Part # M52S32321A-7.5BIG
Description  512K x 32Bit x 2Banks Synchronous DRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M52S32321A-7.5BIG Datasheet(HTML) 6 Page - Elite Semiconductor Memory Technology Inc.

Back Button M52S32321A-7.5BIG Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M52S32321A-7.5BIG Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M52S32321A-7.5BIG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M52S32321A-7.5BIG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M52S32321A-7.5BIG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M52S32321A-7.5BIG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M52S32321A-7.5BIG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M52S32321A-7.5BIG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. M52S32321A-7.5BIG Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
ESMT
M52S32321A
Operation Temperature Condition -40
℃~85℃
Elite Semiconductor Memory Technology Inc.
Publication Date : Nov. 2008
Revision : 1.0
6/29
AC CHARACTERISTICS (AC operating conditions unless otherwise noted)
-6
-7.5
-10
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Unit
Note
CAS Latency =3
6
7.5
9
CLK cycle time
CAS Latency =2
tCC
10
1000
12
1000
15
1000
ns
1
CAS Latency =3
-
5.5
-
7
-
8
CLK to valid
output delay
CAS Latency =2
tSAC
-
10
-
10
-
10
ns
1
Output data hold time
tOH
2.0
-
2.0
-
2.0
-
ns
2
CLK high pulse width
tCH
2.0
-
2.5
-
2.5
-
ns
3
CLK low pulse width
tCL
2.0
-
2.5
-
2.5
-
ns
3
Input setup time
tSS
2.0
-
2.0
-
2.0
-
ns
3
Input hold time
tSH
1.5
-
1.5
-
1.5
-
ns
3
CLK to output in Low-Z
tSLZ
1
-
1
-
1
-
ns
2
CAS Latency =3
-
5
-
6
-
7
CLK to output in
Hi-Z
CAS Latency =2
tSHZ
-
8
-
9
-
10
ns
-
*All AC parameters are measured from half to half.
Note: 1.Parameters depend on programmed CAS latency.
2.If clock rising time is longer than 1ns,(tr/2-0.5)ns should be added to the parameter.
3.Assumed input rise and fall time (tr & tf)=1ns.
If tr & tf is longer than 1ns, transient time compensation should be considered, i.e., [(tr+ tf)/2-1]ns should be added to the
parameter.


Similar Part No. - M52S32321A-7.5BIG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M52S32321A-7.5BG ESMT-M52S32321A-7.5BG Datasheet
802Kb / 29P
   512K x 32Bit x 2Banks Synchronous DRAM
More results

Similar Description - M52S32321A-7.5BIG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M52D32321A ESMT-M52D32321A Datasheet
690Kb / 29P
   512K x 32Bit x 2Banks Synchronous DRAM
M52L32321A ESMT-M52L32321A Datasheet
870Kb / 30P
   512K x 32Bit x 2Banks Synchronous DRAM
M12L32321A ESMT-M12L32321A Datasheet
654Kb / 28P
   512K x 32Bit x 2Banks Synchronous DRAM
M52S32321A ESMT-M52S32321A Datasheet
802Kb / 29P
   512K x 32Bit x 2Banks Synchronous DRAM
M52D32321A ESMT-M52D32321A_09 Datasheet
839Kb / 30P
   512K x 32Bit x 2Banks Mobile Synchronous DRAM
M12S16161A ESMT-M12S16161A_1 Datasheet
627Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A Datasheet
566Kb / 27P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_08 Datasheet
699Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_05 Datasheet
697Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12S16161A ESMT-M12S16161A_07 Datasheet
613Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com