Electronic Components Datasheet Search |
|
M52S64164A-7.5BG Datasheet(PDF) 7 Page - Elite Semiconductor Memory Technology Inc. |
|
M52S64164A-7.5BG Datasheet(HTML) 7 Page - Elite Semiconductor Memory Technology Inc. |
7 / 47 page ESMT M52S64164A Elite Semiconductor Memory Technology Inc. Publication Date: Sep. 2008 Revision: 1.4 7/47 SIMPLIFIED TRUTH TABLE COMMAND CKEn-1 CKEn CS RAS CAS WE DQM BA0 BA1 A10/AP A11 A9~A0 Note Mode Register set Register Extended Mode Register set H X L L L L X OP CODE 1,2 Auto Refresh H 3 Entry H L L L L H X X 3 L H H H X 3 Refresh Self Refresh Exit L H H X X X X X 3 Bank Active & Row Addr. H X L L H H X V Row Address Auto Precharge Disable L 4 Read & Column Address Auto Precharge Enable H X L H L H X V H Column Address (A0~A7) 4,5 Auto Precharge Disable L 4 Write & Column Address Auto Precharge Enable H X L H L L X V H Column Address (A0~A7) 4,5 Burst Stop H X L H H L X X 6 Bank Selection V L Precharge All Banks H X L L H L X X H X H X X X Entry H L L V V V X Clock Suspend or Active Power Down Exit L H X X X X X X H X X X Entry H L L H H H X H X X X Precharge Power Down Mode Exit L H L V V V X X DQM H X V X 7 H X X X No Operating Command H X L H H H X X (V = Valid , X = Don’t Care. H = Logic High , L = Logic Low ) Note : 1.OP Code : Operating Code A0~A11 & BA0~BA1 : Program keys. (@ MRS). BA1=0 for MRS and BA1=1 for EMRS 2.MRS/EMRS can be issued only at all banks precharge state. A new command can be issued after 2 CLK cycles of MRS/EMRS. 3.Auto refresh functions are as same as CBR refresh of DRAM. The automatical precharge without row precharge of command is meant by “Auto”. Auto/self refresh can be issued only at all banks idle state. 4.BA0~BA1 : Bank select addresses. If both BA0 and BA1 are “Low” at read ,write , row active and precharge ,bank A is selected. If both BA0 is “Low” and BA1 is “High” at read ,write , row active and precharge ,bank B is selected. If both BA0 is “High” and BA1 is “Low” at read ,write , row active and precharge ,bank C is selected. If both BA0 and BA1 are “High” at read ,write , row active and precharge ,bank D is selected If A10/AP is “High” at row precharge , BA0 and BA1 is ignored and all banks are selected. 5.During burst read or write with auto precharge. new read/write command can not be issued. Another bank read/write command can be issued after the end of burst. New row active of the associated bank can be issued at tRP after the end of burst. 6.Burst stop command is valid at every burst length. 7.DQM sampled at positive going edge of a CLK and masks the data-in at the very CLK (write DQM latency is 0), but makes Hi-Z state the data-out of 2 CLK cycles after.(Read DQM latency is 2) |
Similar Part No. - M52S64164A-7.5BG |
|
Similar Description - M52S64164A-7.5BG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |