Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M52S128324A-7TG Datasheet(PDF) 4 Page - Elite Semiconductor Memory Technology Inc.

Part # M52S128324A-7TG
Description  1M x 32 Bit x 4 Banks Synchronous DRAM
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M52S128324A-7TG Datasheet(HTML) 4 Page - Elite Semiconductor Memory Technology Inc.

  M52S128324A-7TG Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. M52S128324A-7TG Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M52S128324A-7TG Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M52S128324A-7TG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M52S128324A-7TG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M52S128324A-7TG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M52S128324A-7TG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M52S128324A-7TG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M52S128324A-7TG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
ESMT
M52S128324A
Elite Semiconductor Memory Technology Inc.
Publication Date: Mar. 2009
Revision: 1.4
4/47
PIN
NAME
INPUT FUNCTION
DQM0~3
Data Input / Output Mask
Makes data output Hi-Z, tSHZ after the clock and masks the output.
Blocks data input when DQM active.
DQ0 ~ DQ31
Data Input / Output
Data inputs / outputs are multiplexed on the same pins.
VDD / VSS
Power Supply / Ground
Power and ground for the input buffers and the core logic.
VDDQ / VSSQ
Data Output Power / Ground
Isolated power supply and ground for the output buffers to provide
improved noise immunity.
N.C
No Connection
This pin is recommended to be left No Connection on the device.
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Voltage on any pin relative to VSS
VIN, VOUT
-1.0 ~ 3.6
V
Voltage on VDD supply relative to VSS
VDD, VDDQ
-1.0 ~ 3.6
V
Storage temperature
TSTG
-55 ~ +150
C
°
Power dissipation
PD
1
W
Short circuit current
IOS
50
mA
Note :
Permanent device damage may occur if ABSOLUTE MAXIMUM RATING are exceeded.
Functional operation should be restricted to recommended operating condition.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability.
DC OPERATING CONDITION
Recommended operating conditions (Voltage referenced to VSS = 0V, TA = 0 to 70 C
°)
Parameter
Symbol
Min
Typ
Max
Unit
Note
Supply voltage
VDD, VDDQ
2.3
2.5
2.7
V
Input logic high voltage
VIH
0.8xVDDQ
2.3
VDD+0.3
V
1
Input logic low voltage
VIL
-0.3
0
0.8
V
2
Output logic high voltage
VOH
2.4
-
-
V
IOH = -2mA
Output logic low voltage
VOL
VDDQ -0.2
-
0.2
V
IOL = 2mA
Input leakage current
IIL
-5
-
5
μ A
3
Output leakage current
IOL
-5
-
5
μ A
4
Note:
1. VIH(max) = 3.0V AC for pulse width
3ns acceptable.
2. VIL(min) = -1.0V AC for pulse width
3ns acceptable.
3. Any input 0V
V
IN
VDD , all other pins are not under test = 0V.
4. Dout is disabled , 0V
VOUT VDD.


Similar Part No. - M52S128324A-7TG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M52S128168A ESMT-M52S128168A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M52S128168A ESMT-M52S128168A Datasheet
1Mb / 47P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M52S128168A-10BG ESMT-M52S128168A-10BG Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M52S128168A-10BG ESMT-M52S128168A-10BG Datasheet
1Mb / 47P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M52S128168A-10TG ESMT-M52S128168A-10TG Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
More results

Similar Description - M52S128324A-7TG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12L128324A ESMT-M12L128324A_1 Datasheet
797Kb / 49P
   1M x 32 Bit x 4 Banks Synchronous DRAM
M12L128324A ESMT-M12L128324A_09 Datasheet
967Kb / 46P
   1M x 32 Bit x 4 Banks Synchronous DRAM
M12S128324A ESMT-M12S128324A Datasheet
746Kb / 46P
   1M x 32 Bit x 4 Banks Synchronous DRAM
M12L128324A ESMT-M12L128324A Datasheet
786Kb / 47P
   1M x 32 Bit x 4 Banks Synchronous DRAM
logo
AMIC Technology
A43L2632 AMICC-A43L2632 Datasheet
1Mb / 43P
   1M X 32 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M52S128168A ESMT-M52S128168A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12S64164A ESMT-M12S64164A Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A ESMT-M12L64164A_07 Datasheet
814Kb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
logo
A-Data Technology
VDS6616A4A A-DATA-VDS6616A4A Datasheet
608Kb / 8P
   Synchronous DRAM(1M X 16 Bit X 4 Banks)
Rev 1.1 April, 2001
logo
AMIC Technology
A43L2616A AMICC-A43L2616A Datasheet
1Mb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com