Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M53D128168A-7.5BAG Datasheet(PDF) 1 Page - Elite Semiconductor Memory Technology Inc.

Part # M53D128168A-7.5BAG
Description  2M x 16 Bit x 4 Banks Mobile DDR SDRAM
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M53D128168A-7.5BAG Datasheet(HTML) 1 Page - Elite Semiconductor Memory Technology Inc.

  M53D128168A-7.5BAG Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. M53D128168A-7.5BAG Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M53D128168A-7.5BAG Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M53D128168A-7.5BAG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M53D128168A-7.5BAG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M53D128168A-7.5BAG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M53D128168A-7.5BAG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M53D128168A-7.5BAG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M53D128168A-7.5BAG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
ESMT
Preliminary
M53D128168A
Elite Semiconductor Memory Technology Inc.
Publication Date : Sep. 2008
Revision : 1.4
1/47
DM
DQ
Mode Register &
Extended Mode
Register
Column
Address
Buffer
&
Refresh
Counter
Row
Address
Buffer
&
Refresh
Counter
Sense Amplifier
Column Decoder
Data Control Circuit
Address
Clock
Generator
CLK
CLK
CKE
CS
RAS
CAS
WE
DQS
Mobile DDR SDRAM
2M x 16 Bit x 4 Banks
Mobile DDR SDRAM
Features
JEDEC Standard
Internal pipelined double-data-rate architecture, two data
access per clock cycle
Bi-directional data strobe (DQS)
No DLL; CLK to DQS is not synchronized.
Differential clock inputs (CLK and CLK )
Quad bank operation
CAS Latency : 2, 3
Burst Type : Sequential and Interleave
Burst Length : 2, 4, 8
Special function support
-
PASR (Partial Array Self Refresh)
-
Internal TCSR (Temperature Compensated Self
Refresh)
-
DS (Driver Strength)
All inputs except data & DM are sampled at the rising
edge of the system clock(CLK)
Data I/O transitions on both edges of data strobe (DQS)
DQS is edge-aligned with data for READ; center-aligned
with data for WRITE
Data mask (DM) for write masking only
VDD/VDDQ = 1.7V ~ 1.9V
Auto & Self refresh
15.6us refresh interval (64ms refresh period, 4K cycle)
1.8V LVCMOS-compatible inputs
60 ball BGA package
Ordering information :
Part NO.
MAX FREQ
VDD
PACKAGE
COMMENTS
M53D128168A -7.5BG
133MHz
Pb-free
M53D128168A -10BG
100MHz
8x10 mm
BGA
Pb-free
M53D128168A -7.5BAG
133MHz
Pb-free
M53D128168A -10BAG
100MHz
1.8V
8x13 mm
BGA
Pb-free
Functional Block Diagram
Bank A
Bank D
Bank B
Bank C


Similar Part No. - M53D128168A-7.5BAG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M53D128168A-7.5BAIG ESMT-M53D128168A-7.5BAIG Datasheet
1Mb / 46P
   2M x 16 Bit x 4 Banks Mobile DDR SDRAM
More results

Similar Description - M53D128168A-7.5BAG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M53D128168A ESMT-M53D128168A_1 Datasheet
1Mb / 46P
   2M x 16 Bit x 4 Banks Mobile DDR SDRAM
M53D5121632A ESMT-M53D5121632A Datasheet
1Mb / 47P
   2M x 32 Bit x 4 Banks Mobile DDR SDRAM
M53D256328A ESMT-M53D256328A Datasheet
715Kb / 47P
   2M x 32 Bit x 4 Banks Mobile DDR SDRAM
logo
Winbond
W981216BH WINBOND-W981216BH Datasheet
1Mb / 41P
   2M x 4 BANKS x 16 BIT SDRAM
W981216AH WINBOND-W981216AH Datasheet
2Mb / 44P
   2M x 16 bit x 4 Banks SDRAM
W942516AH WINBOND-W942516AH Datasheet
286Kb / 26P
   4M x 4 BANKS x 16 BIT DDR SDRAM
W942516CH WINBOND-W942516CH Datasheet
2Mb / 47P
   4M X 4 BANKS X 16 BIT DDR SDRAM
logo
Elite Semiconductor Mem...
M53D64164A ESMT-M53D64164A Datasheet
1Mb / 47P
   1M x16 Bit x 4 Banks Mobile DDR SDRAM
M53D2561616A ESMT-M53D2561616A Datasheet
709Kb / 47P
   4M x16 Bit x 4 Banks Mobile DDR SDRAM
M53D1G1664A ESMT-M53D1G1664A Datasheet
1Mb / 48P
   16M x16 Bit x 4 Banks Mobile DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com