Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M53D128168A Datasheet(PDF) 5 Page - Elite Semiconductor Memory Technology Inc.

Part # M53D128168A
Description  2M x 16 Bit x 4 Banks Mobile DDR SDRAM
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M53D128168A Datasheet(HTML) 5 Page - Elite Semiconductor Memory Technology Inc.

  M53D128168A Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. M53D128168A Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M53D128168A Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M53D128168A Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M53D128168A Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M53D128168A Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M53D128168A Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M53D128168A Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M53D128168A Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
ESMT
M53D128168A
Operation Temperature Condition -40°C~85°C
Elite Semiconductor Memory Technology Inc.
Publication Date : Dec. 2008
Revision : 1.0
5/46
TCSR range
15
45
70
85
C
°
4 Banks
340
360
380
400
2 Bank
290
310
320
350
Self Refresh Current
ICC6
CKE = Low, CS = High,
tck = tck (min), address &
control & data inputs are
stable
1 Bank
240
260
280
300
uA
Deep Power Down
Current
ICC7
address & control & data inputs are stable
10
uA
Note: 1. It has +/- 5 °C tolerance.
2. ICC specifications are tested after the device is properly intialized.
3. Definitions for ICC: LOW is defined as V IN ≤ 0.1 * V DDQ ;
HIGH is defined as V IN ≥ 0.9 * V DDQ ;
STABLE is defined as inputs stable at a HIGH or LOW level ;
SWITCHING is defined as: - address and command: inputs changing between HIGH and LOW once
per two clock cycles ;
- data bus inputs: DQ changing between HIGH and LOW once per clock
cycle; DM and DQS are STABLE.
AC Operation Conditions & Timing Specification
AC Operation Conditions
Parameter
Symbol
Min
Max
Unit
Note
Input High (Logic 1) Voltage, DQ, DQS and DM signals
VIH(AC)
0.8 x VDDQ
VDDQ+0.3
V
Input Low (Logic 0) Voltage, DQ, DQS and DM signals
VIL(AC)
-0.3
0.2 x VDDQ
V
Input Different Voltage, CLK and CLK inputs
VID(AC)
0.6 x VDDQ
VDDQ+0.3
V
1
Input Crossing Point Voltage, CLK and CLK inputs
VIX(AC)
0.4 x VDDQ
0.6 x VDDQ
V
2
Note1. VID is the magnitude of the difference between the input level on CLK and the input on CLK .
2. The value of VIX is expected to equal 0.5*VDDQ of the transmitting device and must track variations in the DC level of the
same.
Input / Output Capacitance
(VDD = 1.8V, VDDQ =1.8V, TA = 25 C
° , f = 1MHz)
Parameter
Symbol
Min
Max
Unit
Input capacitance
(A0~A11, BA0~BA1, CKE, CS , RAS , CAS , WE )
CIN1
1.5
3.0
pF
Input capacitance (CLK, CLK )
CIN2
1.5
3.5
pF
Data & DQS input/output capacitance
COUT
2.0
4.5
pF
Input capacitance (DM)
CIN3
2.0
4.5
pF


Similar Part No. - M53D128168A

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M53D128168A ESMT-M53D128168A Datasheet
1Mb / 47P
   2M x 16 Bit x 4 Banks Mobile DDR SDRAM
M53D128168A-10BAG ESMT-M53D128168A-10BAG Datasheet
1Mb / 47P
   2M x 16 Bit x 4 Banks Mobile DDR SDRAM
M53D128168A-10BG ESMT-M53D128168A-10BG Datasheet
1Mb / 47P
   2M x 16 Bit x 4 Banks Mobile DDR SDRAM
M53D128168A-2E ESMT-M53D128168A-2E Datasheet
1Mb / 47P
   Internal pipelined double-data-rate architecture, two data
M53D128168A-7.5BAG ESMT-M53D128168A-7.5BAG Datasheet
1Mb / 47P
   2M x 16 Bit x 4 Banks Mobile DDR SDRAM
More results

Similar Description - M53D128168A

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M53D128168A ESMT-M53D128168A Datasheet
1Mb / 47P
   2M x 16 Bit x 4 Banks Mobile DDR SDRAM
M53D5121632A ESMT-M53D5121632A Datasheet
1Mb / 47P
   2M x 32 Bit x 4 Banks Mobile DDR SDRAM
M53D256328A ESMT-M53D256328A Datasheet
715Kb / 47P
   2M x 32 Bit x 4 Banks Mobile DDR SDRAM
logo
Winbond
W981216BH WINBOND-W981216BH Datasheet
1Mb / 41P
   2M x 4 BANKS x 16 BIT SDRAM
W981216AH WINBOND-W981216AH Datasheet
2Mb / 44P
   2M x 16 bit x 4 Banks SDRAM
W942516AH WINBOND-W942516AH Datasheet
286Kb / 26P
   4M x 4 BANKS x 16 BIT DDR SDRAM
W942516CH WINBOND-W942516CH Datasheet
2Mb / 47P
   4M X 4 BANKS X 16 BIT DDR SDRAM
logo
Elite Semiconductor Mem...
M53D64164A ESMT-M53D64164A Datasheet
1Mb / 47P
   1M x16 Bit x 4 Banks Mobile DDR SDRAM
M53D2561616A ESMT-M53D2561616A Datasheet
709Kb / 47P
   4M x16 Bit x 4 Banks Mobile DDR SDRAM
M53D1G1664A ESMT-M53D1G1664A Datasheet
1Mb / 48P
   16M x16 Bit x 4 Banks Mobile DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com