Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBO-PA-003-CF Datasheet(PDF) 1 Page - DDK Ltd.

Part # MBO-PA-003-CF
Description  Bayonet-Lock Type Single-Conductor Optical Connector
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

MBO-PA-003-CF Datasheet(HTML) 1 Page - DDK Ltd.

  MBO-PA-003-CF Datasheet HTML 1Page - DDK Ltd. MBO-PA-003-CF Datasheet HTML 2Page - DDK Ltd. MBO-PA-003-CF Datasheet HTML 3Page - DDK Ltd. MBO-PA-003-CF Datasheet HTML 4Page - DDK Ltd. MBO-PA-003-CF Datasheet HTML 5Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
 
MBO Series
MBO Series represents single-channel optical
connectors equipped with a bayonet-locking
mechanism which allows its easy attaching and
removing.
Model for large-diameter fibers available.
Designed for fixed connection with cable by
bonding and crimping
Optical connector with bayonet-locking mecha
-
nism allowing speedy attaching and removing.
Short distance communication between devices
for factory and office automation, etc.
Bayonet-Lock Type Single-Conductor Optical Connector
FEATURE
Use
Specifications
Insert loss
Fiber
APF980/1000
Flat polishing
2.0 dB
Operational temperature
-25 to +70℃
Durabillity
500 times
1
RoHS Compliant
MBO


Similar Part No. - MBO-PA-003-CF

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
MBO16394 LSTD-MBO16394 Datasheet
559Kb / 2P
   Gold plated contact provides superior conductivity
More results

Similar Description - MBO-PA-003-CF

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
905D DDK-905D Datasheet
324Kb / 5P
   SMA Type Single-Conductor Optical Connector
BMB DDK-BMB Datasheet
392Kb / 2P
   Compact Bayonet Lock Coaxial Connector
BM1-SP-1.5D-CR1 DDK-BM1-SP-1.5D-CR1 Datasheet
534Kb / 2P
   Compact Bayonet Lock Coaxial Connector
logo
Hirose Electric
ITS-P-09007R HIROSE-ITS-P-09007R Datasheet
100Kb / 1P
   Waterproof Bayonet Lock Connector for Power Supply
HR34B-12WPA-10S-X HIROSE-HR34B-12WPA-10S-X Datasheet
496Kb / 10P
   Push-on Bayonet Lock Miniature Waterproof Connector
logo
Visual Communications C...
CM1317 VCC-CM1317 Datasheet
26Kb / 1P
   Single Bayonet Base
logo
Schurter Inc.
0031.3555 SCHURTER-0031.3555 Datasheet
67Kb / 1P
   bayonet type fuse carrier
logo
DDK Ltd.
906D DDK-906D Datasheet
180Kb / 3P
   SMA Type Single-Channel Optical Connector Plug
logo
Hirose Electric
HR34B HIROSE-HR34B Datasheet
273Kb / 8P
   Push-on Bayonet Lock Miniature Waterproof Connectors
logo
Visual Communications C...
CM1459 VCC-CM1459 Datasheet
32Kb / 1P
   Single Contact Bayonet Base
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com