Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDM-SP-141-SO Datasheet(PDF) 1 Page - DDK Ltd.

Part # PDM-SP-141-SO
Description  Push-on Semi-Rigid and Semi-Flexible Cable Type Connectors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

PDM-SP-141-SO Datasheet(HTML) 1 Page - DDK Ltd.

  PDM-SP-141-SO Datasheet HTML 1Page - DDK Ltd. PDM-SP-141-SO Datasheet HTML 2Page - DDK Ltd. PDM-SP-141-SO Datasheet HTML 3Page - DDK Ltd. PDM-SP-141-SO Datasheet HTML 4Page - DDK Ltd. PDM-SP-141-SO Datasheet HTML 5Page - DDK Ltd. PDM-SP-141-SO Datasheet HTML 6Page - DDK Ltd. PDM-SP-141-SO Datasheet HTML 7Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
 
PDM Series
The PDM series is a connector changed from
the screw lock method of the SMA connector to
pushing on the method.
Because the connector can be detached in
one-touch, operativeness is good.
The plug connector is strong in the chape in the
closed entry structure.
Specifications depends on each connector although these are basic specifications.
P/N:357J-14474
Please ask us for the cable assemblies to assure its performance.
Push-on Semi-Rigid and Semi-Flexible Cable Type
Connectors
SPECIFICATION
Characteristic Impedance
50Ω
Dielectric withstanding voltage
1000V AC (rms) for 1 minute
Insulation resistance
1000MΩmin. at 500V DC
Contact resistance
3mΩ max.
Applicable Cable
UT-85,UT-141A
VSWR
1.3max. at DC~3GHz
MATERIAL/FINISH
Contact
Copper alloy/Gold plating
Insulators
PTFE
Shell
Copper alloy/Nickel plating
Pull-out Tool
1


Similar Part No. - PDM-SP-141-SO

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
PDM-SP-141-SO-CF DDK-PDM-SP-141-SO-CF Datasheet
961Kb / 4P
   Push-on Lock Type Coaxial Connector for Semi-rigid/Semi-flexible Cable
More results

Similar Description - PDM-SP-141-SO

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
PDM-SP-141-SO-CF DDK-PDM-SP-141-SO-CF Datasheet
961Kb / 4P
   Push-on Lock Type Coaxial Connector for Semi-rigid/Semi-flexible Cable
PDM DDK-PDM Datasheet
960Kb / 4P
   Push-on Lock Type Coaxial Connector for Semi-rigid/Semi-flexible Cable
logo
Taoglas antenna solutio...
CAB058 TAOGLAS-CAB058 Datasheet
361Kb / 6P
   TAOGLAS Semi-Rigid Cable Assembly
logo
ITT Industries
CSMA5 ITT-CSMA5 Datasheet
83Kb / 1P
   SMA Right Angle Connectors, Direct Solder Type for Semi-Rigid Cable
AI-98 ITT-AI-98 Datasheet
70Kb / 1P
   SMA Right Angle Connectors, Direct Solder Type for Semi-Rigid Cable
logo
Adam Technologies, Inc.
RF2-03-T-00-50 ADAM-TECH-RF2-03-T-00-50 Datasheet
83Kb / 1P
   SMA MALE SEMI RIGID
logo
Pasternack Enterprises,...
PE-SR402-75 PASTERNACK-PE-SR402-75 Datasheet
253Kb / 1P
   75 OHM SEMI-RIGID
logo
Adam Technologies, Inc.
RF2-48-T-07-50-G ADAM-TECH-RF2-48-T-07-50-G Datasheet
68Kb / 1P
   SMA MALE SEMI RIGID
RF2-02-D-02-50 ADAM-TECH-RF2-02-D-02-50 Datasheet
967Kb / 1P
   SMA MALE SEMI RIGID
RF2-03-T-00-50-G ADAM-TECH-RF2-03-T-00-50-G Datasheet
116Kb / 1P
   SMA MALE SEMI RIGID
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com