Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PH1516-10 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # PH1516-10
Description  Wireless Bipolar Power Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

PH1516-10 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  PH1516-10 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. PH1516-10 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. PH1516-10 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. PH1516-10 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Wireless Bipolar Power Transistor
10W, 1.45-1.60 GHz
M/A-COM Products
Released - Rev. 07.07
PH1516-10
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
1450
1500
1550
1600
1650
1700
1750
1800
1850
1900
1950
2000
2100
2200
2300
2400
0.85
0.94
0.96
0.97
0.97
0.97
0.96
0.97
0.96
0.97
0.95
0.93
0.92
0.91
0.91
0.91
0.91
0.92
0.92
0.9.
0.94
0.95
0.95
0.95
0.96
0.96
0.96
0.96
0.96
0.96
177.3
179.4
-179.4
-170.0
178.5
178.1
177.7
178.0
177.3
176.7
175.9
176.0
176.3
176.9
177.1
177.6
177.9
178.1
178.3
178.1
178.0
177.6
177.1
176.7
176.1
175.6
174.3
173.1
171.1
170.5
6.57
2.96
1.95
1.51
1.27
1.12
1.09
0.93
0.88
0.87
0.96
0.93
0.96
0.98
0.97
0.95
0.91
0.87
0.81
0.74
0.67
0.61
0.55
0.49
0.44
0.40
0.34
0.28
0.23
0.20
92.2
79.9
75.5
70.6
65.2
59.5
52.7
39.5
34.6
27.8
20.7
4.1
-9.2
-25.3
-34.4
-43.8
-53-8
-63.4
-72.7
-81.2
-89.1
-96.7
-103.2
-108.6
-113.4
-117.3
-125.5
-133.5
-140.0
-144.5
0.0066
0.0073
0.0075
0.0077
0.0081
0.0085
0.0088
0.0094
0.0093
0.0102
0.0126
0.0118
0.0118
0.0120
0.0118
0.0117
0.0114
0.0107
0.0094
0.0094
0.0084
0.0080
0.0079
0.0077
0.0071
0.0070
0.0081
0.0087
0.0092
0.0075
6.74
4.33
4.04
0.91
-0.99
-2.6
-6.8
-12.0
-13.3
-17.8
-24.5
-40.0
-51.4
-68.5
-79.3
-91.4
-104.9
-119.8
-135.3
-146.9
-161.9
-174.5
-172.2
-155.4
145.8
134.9
123.6
104.9
89.0
80.1
0.73
0.73
0.72
0.72
0.72
0.73
0.72
0.73
0.75
0.76
0.76
0.81
0.86
0.91
0.94
0.97
0.98
0.99
0.99
0.01
0.99
0.98
0.96
0.95
0.94
0.92
0.97
0.84
0.88
0.86
-179.3
-179.0
-178.8
-178.2
-177.6
-177.1
-176.1
-174.5
-173.4
-172.3
-170.1
-169.0
-168.9
-169.8
-171.1
-172.7
-174.6
-176.7
-178.9
179.0
177.4
175.8
174.7
173.8
173.1
172.2
171.0
169.3
168.7
168.0
VCC=25 V, ICQ=1.0A
F(MHz)
S11
MAG PHASE
S21
MAG PHASE
S12
MAG PHASE
S22
MAG PHASE
TYPICAL S-PARAMETERS


Similar Part No. - PH1516-10

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PH1516-10 MACOM-PH1516-10 Datasheet
264Kb / 4P
   Wireless Bipolar Power Transistor, 10W 1.45 - 1.60 GHz
PH1516-100 MACOM-PH1516-100 Datasheet
151Kb / 2P
   Wireless Bipolar Power Transistor, 100W 1450 - 1550 MHz
More results

Similar Description - PH1516-10

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
PH0814-40 MA-COM-PH0814-40_15 Datasheet
126Kb / 1P
   Wireless Bipolar Power Transistor
PH0814-40 MA-COM-PH0814-40 Datasheet
126Kb / 1P
   Wireless Bipolar Power Transistor
PH1617-30 MA-COM-PH1617-30 Datasheet
196Kb / 3P
   Wireless Bipolar Power Transistor
PH1819-4N MA-COM-PH1819-4N Datasheet
192Kb / 3P
   Wireless Bipolar Power Transistor
PH1617-2 MA-COM-PH1617-2 Datasheet
199Kb / 4P
   Wireless Bipolar Power Transistor
PH0814-40_0211 MA-COM-PH0814-40_0211 Datasheet
126Kb / 1P
   Wireless Bipolar Power Transistor
PH1819-2 MA-COM-PH1819-2 Datasheet
196Kb / 4P
   Wireless Bipolar Power Transistor
logo
American Microsemicondu...
PH1516-2 AMMSEMI-PH1516-2 Datasheet
903Kb / 4P
   Wireless Bipolar Power Transistor, 2W
logo
List of Unclassifed Man...
PH0810-35 ETC1-PH0810-35 Datasheet
180Kb / 3P
   Wireless bipolar power transistor, 35W 850-960MHz
logo
Tyco Electronics
PH1819-4N MACOM-PH1819-4N Datasheet
224Kb / 3P
   Wireless Bipolar Power Transistor, 4W 1.78 - 1.90 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com