Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PH1819-10 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # PH1819-10
Description  Wireless Bipolar Power Transistor 10W, 1.78-1.90 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

PH1819-10 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  PH1819-10 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. PH1819-10 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. PH1819-10 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Wireless Bipolar Power Transistor
10W, 1.78-1.90 GHz
M/A-COM Products
Released - Rev. 07.07
PH1819-10
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
FREQUENCY (MHz)
Typical Broadband Performance Curves
GAIN-EFFICIENCY VS FREQUENCY
Pout=10 W VCC=25 V ICQ=100 mA
COLLECTOR VOLTAGE (V)
OUTPUT POWER VS COLLECTOR VOLTAGE
ICC=100 mA F=1850 MHz
Gain VS POUT
F=1850 MHz F =25 V
POUT (PEP) in dBm
3RD ORDER IMD VS POUT
VCC = 25 V F1 = 1850.0 MHz F2= 1850.1 MHz
12
11
10
9
1.76
1.85
1.90
12
16
20
24
14
12
10
8
26
28
30
32
34
36
POUT (dBm)
-15
-30
-45
-60
26
36
28
Gain
75
65
55
45
35
25
PIN=1.0 W
PIN=0.5 W
PIN=0.25 W
VCQ =250 mA
IMD VS POUT
VCC = 25 V ICO= 25 mA F1 = 1850.0 MHz F2= 1850.1 MHz
26
28
30
32
34
36
38
40
42
POUT (PEP) in dBm
30
32
34
Class A
IC
3rd
5th
7th
-15
-30
-45
-60
2.7
1.8
0.9
0
IMD VS POUT
VCC = 25 V ICQ= 100 mA F1 = 1850.0 MHz F2= 1850.1 MHz
26
28
30
32
34
36
POUT (PEP) dBm
Class AB
IC
3rd
5th
7th
-15
-30
-45
-60
2.7
1.8
0.9
0
Efficiency
14
12
10
8
6
4
2
0
28
ICO=26 mA
ICC=100mA
38
40
42
38
40
42
ICO=250 mA
ICO=100 mA
ICO=25 mA
38
40
42


Similar Part No. - PH1819-10

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PH1819-10 MACOM-PH1819-10 Datasheet
203Kb / 3P
   Wireless Bipolar Power Transistor, 1 OW 1.78 - 1.90 GHz
More results

Similar Description - PH1819-10

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PH1819-4N MACOM-PH1819-4N Datasheet
224Kb / 3P
   Wireless Bipolar Power Transistor, 4W 1.78 - 1.90 GHz
PH1819-2 MACOM-PH1819-2 Datasheet
268Kb / 4P
   Wireless Bipolar Power Transistor, 2W 1.78 - 1.90 GHz
logo
M/A-COM Technology Solu...
PH1819-15N MA-COM-PH1819-15N Datasheet
190Kb / 3P
   Wireless Bipolar Power Transistor 15W, 1.78-1.90 GHz
logo
Tyco Electronics
PH1819-15N MACOM-PH1819-15N Datasheet
229Kb / 3P
   Wireless Bipolar Power Transistor, 15W . 1.78 - 1.90 GHz
PH1819-10 MACOM-PH1819-10 Datasheet
203Kb / 3P
   Wireless Bipolar Power Transistor, 1 OW 1.78 - 1.90 GHz
PH1516-10 MACOM-PH1516-10 Datasheet
264Kb / 4P
   Wireless Bipolar Power Transistor, 10W 1.45 - 1.60 GHz
PH1617-2 MACOM-PH1617-2 Datasheet
283Kb / 4P
   Wireless Bipolar Power Transistor, 2W 1.6 - 1.7 GHz
PH1617-2 MACOM-PH1617-2 Datasheet
199Kb / 4P
   Wireless Bipolar Power Transistor 2W, 16 -1.7 GHz
logo
M/A-COM Technology Solu...
PH1516-60 MA-COM-PH1516-60 Datasheet
190Kb / 3P
   Wireless Bipolar Power Transistor 60W, 1450-1550 GHz
logo
List of Unclassifed Man...
PH1617-30 ETC1-PH1617-30 Datasheet
212Kb / 3P
   Wireless Bipolar Power Transistor, 30W 1.6-1.7 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com