Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PH2729-150M Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # PH2729-150M
Description  Radar Pulsed Power Transistor 150W, 2.7-2.9 GHz, 100關s Pulse, 10% Duty
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

PH2729-150M Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  PH2729-150M Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. PH2729-150M Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. PH2729-150M Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Radar Pulsed Power Transistor
150W, 2.7-2.9 GHz, 100µs Pulse, 10% Duty
M/A-COM Products
Released, 29 Jun 07
PH2729-150M
3
North America Tel: 800.366.2266 / Fax: 978.366.2266
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Test Fixture Circuit Dimensions
Test Fixture Assembly


Similar Part No. - PH2729-150M

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PH2729-150M MACOM-PH2729-150M Datasheet
79Kb / 2P
   Radar Pulsed Power Transistor-150 Watts 2.7-2.9 GHz, 100ms Pulse, 10% Duty
PH2729-150M MACOM-PH2729-150M Datasheet
136Kb / 3P
   Radar Pulsed Power Transistor 150W, 2.7-2.9 GHz, 100關s Pulse, 10% Duty
PH2729-150M MACOM-PH2729-150M_07 Datasheet
136Kb / 3P
   Radar Pulsed Power Transistor 150W, 2.7-2.9 GHz, 100關s Pulse, 10% Duty
More results

Similar Description - PH2729-150M

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PH2729-150M MACOM-PH2729-150M_07 Datasheet
136Kb / 3P
   Radar Pulsed Power Transistor 150W, 2.7-2.9 GHz, 100關s Pulse, 10% Duty
logo
M/A-COM Technology Solu...
PH2729-110M MA-COM-PH2729-110M Datasheet
108Kb / 3P
   Radar Pulsed Power Transistor 110W, 2.7-2.9 GHz, 100關s Pulse, 10% Duty
logo
Tyco Electronics
PH2729-110M MACOM-PH2729-110M_07 Datasheet
133Kb / 3P
   Radar Pulsed Power Transistor 110W, 2.7-2.9 GHz, 100關s Pulse, 10% Duty
PH2729-25M MACOM-PH2729-25M Datasheet
106Kb / 3P
   Radar Pulsed Power Transistor 25W, 2.7-2.9 GHz, 100關s Pulse, 10% Duty
logo
M/A-COM Technology Solu...
PH2729-8.5M MA-COM-PH2729-8.5M Datasheet
108Kb / 3P
   Radar Pulsed Power Transistor 8.5W, 2.7-2.9 GHz, 100關s Pulse, 10% Duty
MAPR-002729-170M00 MA-COM-MAPR-002729-170M00 Datasheet
111Kb / 3P
   Radar Pulsed Power Transistor 170W, 2.7-2.9 GHz, 100關s Pulse, 10% Duty
PH2729-130M MA-COM-PH2729-130M Datasheet
107Kb / 3P
   Radar Pulsed Power Transistor 130W, 2.7-2.9 GHz, 100關s Pulse, 10% Duty
logo
Tyco Electronics
PH2729-130M MACOM-PH2729-130M Datasheet
107Kb / 3P
   Radar Pulsed Power Transistor 130W, 2.7-2.9 GHz, 100關s Pulse, 10% Duty
PH2729-85M MACOM-PH2729-85M Datasheet
108Kb / 3P
   Radar Pulsed Power Transistor 8.5W, 2.7-2.9 GHz, 100關s Pulse, 10% Duty
PH2729-65M MACOM-PH2729-65M Datasheet
111Kb / 3P
   Radar Pulsed Power Transistor 65W, 2.7-2.9 GHz, 100關s Pulse, 10% Duty
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com